Part Number Hot Search : 
ST333C T6302 MAX5422 CSNL361 STPS2L40 00022 2SK2183 2SK3901
Product Description
Full Text Search
 

To Download 2SB1019 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1019
DESCRIPTION With TO-220Fa package Low saturation voltage Complement to type 2SD1412 APPLICATIONS High current switching applications Power amplifier applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220Fa) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PARAMETER

Collector-base voltage
INCH
Base current
Collector -emitter voltage
Emitter-base voltage
ANG
EMIC ES
Open emitter Open base Open collector
CONDITIONS
OND
TOR UC
VALUE -70 -50 -5 -7 -1
UNIT V V V A A
Collector current
Ta=25ae PC Collector power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature
2 W 30 150 -55~150 ae ae
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=-50mA; IB=0 IC=-4A ;IB=-0.4A IC=-4A ;IB=-0.4A VCB=-70V; IE=0 VEB=-5V; IC=0 IC=-1A ; VCE=-1V IC=-4A ; VCE=-1V IC=-1A ; VCE=-4V IE=0 ; VCB=-10V;f=1MHz 70 30 MIN -50
2SB1019
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V
-0.2 -0.9
-0.4 -1.2 -30 -50 240 |I |I
V V A A
Output capacitance

Switching times ton ts tf Turn-on time Storage time Fall time
HAN INC
Y 120-240
SEM GE
OND IC
TOR UC
250 0.2 2.5 0.5
10
MHz pF
|I |I |I
s s s
RL=10| IB1=-IB2=-0.3A VCC=-30V
hFE-1 Classifications O 70-140
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1019
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance: A
0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1019

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X