Part Number Hot Search : 
M2002 30WQ20FN A2010 AN1518 3T100 P16NF06L FX0359 2AKI3
Product Description
Full Text Search
 

To Download 2SB1018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1018
DESCRIPTION With TO-220F package High collector current Low collector saturation voltage Complement to type 2SD1411 APPLICATIONS Power amplifier applications High current switching applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base Fig.1 simplified outline (TO-220F) and symbol
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PARAMETER

HAN INC
Collector-base voltage Collector -emitter voltage Emitter-base voltage Collector current Base current
SEM GE
Open emitter Open base Open collector
CONDITIONS
OND IC
TOR UC
VALUE -100 -80 -5 -7 -1
UNIT V V V A A
TC=25ae PC Collector power dissipation Ta=25ae Tj Tstg Junction temperature Storage temperature
30 W 2 150 -55~150 ae ae
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1018
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdownvoltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=-50mA; IB=0 IC=-4A ;IB=-0.4A IC=-4A ;IB=-0.4A VCB=-100V; IE=0 VEB=-5V; IC=0 IC=-1A ; VCE=-1V IC=-4A ; VCE=-1V VCE=-4V;IC=-1A f=1MHz ; VCB=-10V;IE=0 70 30 10 MHz pF MIN -80 -0.3 -0.9 -0.5 -1.4 -5 -5 240 |I |I TYP. MAX UNIT V V V A A
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT COB
Switching times ton tstg tf
Collector output capacitance
ANG
Turn-on time Storage time Fall time
INCH
Y 120-240
EMIC ES
IB1=-IB2=-0.3A VCC=30V ,RL=10|
DUC ON
250
TOR
|I |I |I
0.4 2.5 0.5
s s s
hFE-1 Classifications O 70-140
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1018
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1018
SEM GE
HAN INC
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SB1018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X