Part Number Hot Search : 
ESAD33C BH5510 2808J 74LVC3 IF389A1M X912CPE OM6002SR 11SRW
Product Description
Full Text Search
 

To Download 2SB1017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1017
DESCRIPTION With TO-220Fa package Complement to type 2SD1408 APPLICATIONS For power amplifications Recommended for 20-25W high-fidelity audio frequency amplifier output stage
PINNING PIN 1 2 3 Emitter Collector Base DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PARAMETER

ANG INCH
Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation
Collector-base voltage
EMIC ES
Open emitter Open base Open collector
CONDITIONS
OND
TOR UC
VALUE -80 -80 -5 -4 -0.4
UNIT V V V A A
Ta=25ae PC TC=25ae Tj Tstg Junction temperature Storage temperature
2.0 W 25 150 -55~150 ae ae
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
2SB1017
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-50mA; IB=0
-80
V
VCEsat VBE
Collector-emitter saturation voltage
IC=-3A; IB=-0.3A IC=-3A ;VCE=-5V
-1.0
-1.7
V
Base-emitter on voltage
-1.0
-1.5
V
ICBO
Collector cut-off current
VCB=-80V; IE=0
-30
|I
A
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-100
|I
A
hFE-1
DC current gain
IC=-0.5A ; VCE=-5V
40
240
hFE-2
DC current gain
fT COB
Transition frequency
Collector output capacitance

O
IC=-3A ; VCE=-5V
15
IC=-0.5A; VCE=-5V
hFE-1 Classifications R 40-80
IN
70-140
ANG CH
Y 120-240
EMIC ES
IE=0, f=1MHz ; VCB=-10V
DUC ON
9
130
TOR
MHz
pF
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1017
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.15 mm)
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1017
SEM GE
HAN INC
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SB1017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X