Part Number Hot Search : 
2SK1491 EMICO AT29C020 INFINEON KBU6A A6810EA MBRB2 P00L0
Product Description
Full Text Search
 

To Download 2SB1016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1016
DESCRIPTION With TO-220Fa package High breakdown voltage Low collector saturation voltage Complement to type 2SD1407 APPLICATIONS Power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER

ANG INCH
Collector -emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature
Collector-base voltage
EMIC ES
Open emitter Open base Open collector
CONDITIONS
OND
TOR UC
VALUE -100 -100 -5 -5 -0.5
UNIT V V V A A W ae ae
TC=25ae
30 150 -55~150
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1016
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=-50mA; IB=0 IC=-4A ;IB=-0.4A IC=-4A; VCE=-5V VCB=-100V; IE=0 VEB=-5V; IC=0 IC=-1A ; VCE=-5V IC=-4A ; VCE=-5V IC=-1A; VCE=-5V f=1MHz ; VCB=-10V;IE=0 40 20 MIN -100 -2.0 -1.5 -100 -1 240 |I TYP. MAX UNIT V V V A mA
SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB
O
Collector output capacitance

Y
hFE-1 Classifications R 40-80
HAN INC
70-140 120-240
SEM GE
OND IC
TOR UC
5 270
MHz pF
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1016
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.15 mm)
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1016
SEM GE
HAN INC
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SB1016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X