Part Number Hot Search : 
36150 KAL25 39000 TSH22I 90110 D6025 2SC397 PSUH95
Product Description
Full Text Search
 

To Download 2SA699 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA699 2SA699A
DESCRIPTION *With TO-202 package *Complement to type 2SC1226/1226A APPLICATIONS *Power amplifier applications
PINNING(see Fig.2) PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-202) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25)
SYMBOL PARAMETER 2SA699 VCBO Collector-base voltage 2SA699A 2SA699 VCEO Collector-emitter voltage 2SA699A VEBO IC ICM IB
B
CONDITIONS
VALUE -40
UNIT
Open emitter -50 -32 Open base -40 Open collector -5 -2 -3 -0.6 TC=25 10 150 -55~150
V
V
Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature
V A A A W
PC Tj Tstg
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL VCEsat VBEsat PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage 2SA699 IC=-1mA;IE=0 2SA699A 2SA699 IC=-10mA; IB=0 2SA699A ICBO ICEO IEBO hFE COB fT Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency VCB=-20V; IE=0 VCE=-12V; IB=0 VEB=-5V; IC=0 IC=-1A ; VCE=-5V IE=0; VCB=-5V;f=1MHz IE=0.5A ; VCB=-5V CONDITIONS IC=-1.5A ;IB=-0.15A IC=-2A ;IB=-0.2 A
B
2SA699 2SA699A
MIN
TYP. -0.4
MAX -1.0 -1.5
UNIT V V
V(BR)CBO
Collector-base breakdown voltage
-40 V -50 -32 V -40 -1 -100 -100 50 70 150 220 pF MHz A A A
V(BR)CEO
Collector-emitter breakdown voltage
hFE classifications P 50-100 Q 80-160 R 100-220
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA699 2SA699A
Fig.2 outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA699 2SA699A
4
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA699 2SA699A
5


▲Up To Search▲   

 
Price & Availability of 2SA699

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X