Part Number Hot Search : 
Z5221B 8050G 2SK2981 AC10BGML BAV19 1N4756 XXXKS CS4297A
Product Description
Full Text Search
 

To Download 2SA1725 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1725
DESCRIPTION *With TO-220F package *Complement to type 2SC4511 APPLICATIONS *Audio and general purpose
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25)
SYMBOL VCBO VCEO VEBO IC IB
B
PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector dissipation Junction temperature Storage temperature TC=25
CONDITIONS Open emitter Open base Open collector
VALUE -80 -80 -6 -6 -3 30 150 -55~150
UNIT V V V A A W
PC Tj Tstg
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE COB fT PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=-25mA ; IB=0
B
2SA1725
MIN -80
TYP.
MAX
UNIT V
IC=-2A ;IB=-0.2A
B
-0.5 -10 -10 50 150 20 180
V A A
VCB=-80V; IE=0 VEB=-6V; IC=0 IC=-2A ; VCE=-4V IE=0; VCB=-10V;f=1MHz IE=0.5A ; VCE=-12V
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=-3.0A;IB1=-IB2=-0.3A VCC=-30V ,RL=10 0.18 1.10 0.21 s s s
hFE Classifications O 50-100 P 70-140 Y 90-180
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1725
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1725
4


▲Up To Search▲   

 
Price & Availability of 2SA1725

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X