Part Number Hot Search : 
20AR1 A2A33 N74AC GSS4955 2407S 103M20 TS612 SBL3045C
Product Description
Full Text Search
 

To Download 2SA1695 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
Product Specification
Silicon PNP Power Transistor
2SA1695
DESCRIPTION *High Collector-Emitter Breakdown VoltageV(BR)CEO= -140V(Min) *Good Linearity of hFE *Complement to Type 2SC4468
APPLICATIONS *Designed for audio and general purpose applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
-140
V
VCEO
Collector-Emitter Voltage
-140
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current-Continuous
-10
A
IB
B
Base Current-Continuous Collector Power Dissipation @ TC=25 Junction Temperature
-4
A
PC
100
W
TJ
150
Tstg
Storage Temperature Range
-55~150
INCHANGE Semiconductor
Product Specification
Silicon PNP Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SA1695
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -50mA ; IB= 0
-140
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -5A; IB= -0.5A
B
-0.5
V
ICBO
Collector Cutoff Current
VCB= -140V ; IE= 0
-10
A
IEBO
Emitter Cutoff Current
VEB= -6V; IC= 0
-10
A
hFE
DC Current Gain
IC= -3A ; VCE= -4V
50
180
COB
Output Capacitance
IE= 0 ; VCB= -10V;f= 1.0MHz
400
pF
fT
Current-Gain--Bandwidth Product
IE= 0.5A ; VCE= -12V
20
MHz
Switching Times
ton
Turn-on Time IC= -5A ,RL= 12, IB1= -IB2= -0.5A,VCC= -60V
0.17
s
tstg
Storage Time
1.86
s
tf
Fall Time
0.27
s
hFE Classifications O 50-100 P 70-140 Y 90-180
2


▲Up To Search▲   

 
Price & Availability of 2SA1695

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X