Part Number Hot Search : 
01D05 BCM3418 TD6382P BYT30 LC753 DTA114TK MIC2586 74LS13
Product Description
Full Text Search
 

To Download 2SA1607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors IC
PNP Epitaxial Planar Silicon Transistors 2SA1607
SOT-23
Unit: mm
Features
Fast switching speed.
+0.1 2.4-0.1
+0.1 2.9-0.1 +0.1 0.4-0.1
Low saturation voltage.
1
+0.1 0.95-0.1 +0.1 1.9-0.1
+0.1 1.3-0.1
High gain-bandwidth product.
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) Base current Collector dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP IB PC Tj Tstg Rating -40 -20 -5 -150 -300 -30 200 150 -55 to +150 Unit V V V mA mA mA mW
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
2SA1607
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current gain Gain bandwidth product Output capacitance Collector-emitter saturation voltage Base-emitter saturation voltage Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Delay time Rise time Storage time Fall time Symbol ICBO IEBO hFE fT Cob Testconditons VCB = -30V, IE=0 VEB = -4V, IC=0 VCE = -1V , IC = -10mA VCE = -10V , IC = -10mA VCB = -10V , f = 1.0MHz
Transistors IC
Min
Typ
Max -0.1 -0.1
Unit iA iA
60 400 2.9 -0.07 -0.75 -40 -20 -5 14 11 80 16
180 MHz pF -0.2 -1 V V V V V 20 20 180 25 ns ns ns ns
VCE(sat) IC = -10mA , IB = -1mA VBE(sat) IC = -10mA , IB = -1mA V(BR)CBO IC = -10iA , IE = 0 V(BR)CEO IC = -1mA , RBE = V(BR)EBO IE = -10iA , IC = 0 td tr tstg tf
hFE Classification
Marking Rank hFE 60 3 120 90 YL 4 180
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SA1607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X