Part Number Hot Search : 
N7002 MBR30100 G10XB100 BXMP1036 HAT2027R HSEA3 70220 72045
Product Description
Full Text Search
 

To Download 2N6107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
2N6107
DESCRIPTION *DC Current Gain: hFE = 30-150@ IC= -2A *Collector-Emitter Sustaining Voltage: VCEO(SUS)= -70V(Min) *Complement to Type 2N6292 APPLICATIONS *Designed for use in general-purpose amplifier and switching applications ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB PC TJ Tstg PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage VALUE -80 -70 -5 -7 UNIT V V V A
Collector Current-Continuous Collector Current-Peak Base Current
w w
scs .i w
-10 -3 40 150 -65~150
.cn mi e
A A
Collector Power Dissipation @ TC=25 Junction Temperature Storage Temperature Range
W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance, Junction to Case MAX 3.125 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL VCEO(SUS) PARAMETER Collector-Emitter Sustaining Voltage Collector-Emitter Saturation Voltage Base-Emitter On Voltage CONDITIONS IC= -100mA ;IB= 0 IC= -7A; IB= -3A IC= -7A ; VCE= -4V VCE= -80V; VBE(off)= -1.5V VCE= -70V; VBE(off)= -1.5V; TC= 150 VCE= -60V;IB= 0 VEB= -5V; IC= 0 MIN -70
2N6107
MAX
UNIT V
VCE(sat) VBE(on) ICEX ICEO IEBO hFE-1 hFE-2 COB fT
-3.5 -3.0 -0.1 -2.0 -1.0 -1.0 150
V V
Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain
mA mA mA
Output Capacitance
Current-Gain--Bandwidth Product
w
ww
scs .i
IC= -2A ; VCE= -4V IC= -7A ; VCE= -4V
IE= 0 ; VCB= -10V; ftest= 1MHz
.cn mi e
30
2.3
250
pF MHz
IC= -0.5A ; VCE= -4V; ftest= 1MHz
10
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2N6107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X