Part Number Hot Search : 
UPC2807A MBRF1050 LH1485AT TLP59 3600B 1580C MAX9326 SDH40F
Product Description
Full Text Search
 

To Download 20000X221030-1012100R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
Frequency range 16MHz to 54MHz, fundamental mode Ultra-miniature package 2.5 x 2.0 x 0.6mm Packaged in standard EIA tape and reel Ideal for PDAs, hand-held GPS, PCMCIA etc.
X22 CRYSTALS
2.5 x 2.0 x 0.6mm SMD
DESCRIPTION X22 crystals are ultra-miniature AT-cut crystals covering the frequency range 16MHz to 54MHz in fundamental mode. Their small size and low mass makes these crystals ideal for miniaturized hand-held equipment and similar high-density applications. OUTLINE & DIMENSIONS
SPECIFICATION Frequency Range AT-Cut Fundamental: Calibration Tolerance at 25C: Frequency stability -10 to +60C -20 to +70C -40 to +85C Storage Temperature: Equivalent Series Resistance: Shunt Capacitance (C0): Load Capacitance (CL): Ageing: Drive level: Reflow Soldering: Packaging:
16.0MHz to 54.0MHz 10ppm, 20ppm, 30ppm from 10ppm (5ppm available) from 10ppm from 15ppm -50~+105C See table 2pF to 4pF typical, 5pF maximum Series or from 9pF to 32pF <2ppm per year at +25C 50 microWatt, 100 microW max. 10s maximum at 260C twice or 180s at 230C, once. EIA tape and reel
EQUIVALENT SERIES RESISTANCE Frequency Range MHz 16.0~21.0 21.0~26.0 26.1~54.0 ESR Ohms Max. 100 80 60 PART NUMBER GENERATION Part numbers for MT crystals are generated as follows: Example:
20.000MHz X22/10/30/-10+60/12pF/100R
Nominal Frequency Package Calibration tolerance at 25C (ppm) Temperature Stability over temp. range (ppm) Operating Temp. Range (C) (Lower and upper limits) Load Capacitance (Either SR for series or CL in pF) Equivalent Series Resistance (When special value is required)
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of 20000X221030-1012100R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X