Part Number Hot Search : 
167BG MN3867S IMX211 STR71X 51730 S5L1454A EP2645 54HC1
Product Description
Full Text Search
 

To Download 1SS221 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
SILICON SWITCHING DIODE 1SS221
Diodes
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Unit: mm
+0.1 2.4-0.1
Low capacitance:Ct = 4.0 pF MAX. High speed switching: trr = 3.0 ns MAX. Wide applications including switching, limitter clipper.
+0.1 1.3-0.1
Features
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute M axim um R atings T a = 25
P aram eter P eak Reverse V oltage DC Reverse V oltage P eak Forward Current A verage Rectified Current DC Forward Current Junction Tem perature S torage Tem perature Range Junction to A m bient R S ym bol V RM VR IFM IO P Tj Tstg Rating 100 100 300 100 100 150 -55 + 150 0.67 /m W Unit V V mA mA mW
Electrical Characteristics Ta = 25
Parameter Symbol Test Conditions IF = 10 Ma Continuous reverse voltage VF IF = 50 mA IF = 100 mA Reverse current capacitance Reverse recovery time IR Ct trr VR = 100 V VR = 0, f = 1.0 MHz IF = 10 mA,VR = 6 V, RL = 100 2.0 Min Typ 720 850 950 Max 850 1000 1200 1.0 4.0 3.0 A pF ns mV Unit
Marking
Marking A14
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 1SS221

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X