![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SMD Type Schottky Barrier Diodes 1PS88SB48 Diodes SOT-363 +0.1 1.3-0.1 0.65 Unit: mm Features Low forward voltage Small SMD package Guard ring protected Absorbs very high surge pulse Low capacitance. +0.15 2.3-0.15 0.36 Absolute Maximum Ratings Ta = 25 Parameter continuous reverse voltage continuous forward current repetitive peak forward current non-repetitive peak forward current storage temperature junction temperature operating ambient temperature thermal resistance from junction to ambient Symbol VR IF IFRM IFSM Tstg Tj Tamb Rth j-a -65 tp 1 s; a tp < 10 ms -65 0.5 Conditions Min Max 40 120 120 200 +150 150 +150 416 K/W Unit V mA mA mA E lectrical C haracteristics T a = 25 P aram eter S ym bol C onditions IF = 1 m A continuous forw ard voltage VF IF = 10 m A IF = 40 m A continuous reverse current diode capacitance N ote 1. P ulse test: tp = 300 s; a = 0.02. IR CT V R = 30 V V R = 80 V V R =0 V ,f=1 M H z M ax 380 500 1 1 10 5 U nit mV mV V A pF Marking Marking 8t5 +0.05 0.95-0.05 0.1max +0.1 0.3-0.1 +0.1 2.1-0.1 +0.05 0.1-0.02 +0.1 1.25-0.1 Ultra fast switching speed 0.525 www.kexin.com.cn 1 |
Price & Availability of 1PS88SB48
![]() |