Part Number Hot Search : 
1N3957GP SI9183 D4KB40 0OEU54D 5KE10 25FR10M TLP390 223BCY
Product Description
Full Text Search
 

To Download 1PS76SB10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Schottky barrier diode 1PS76SB10
Diodes
SOD-323
+0.1 1.7-0.1
Unit: mm
Low forward volatge
+0.1 2.6-0.1
1.0max
Guard ring protected Very small plastic SMD package.
0.475 0.375
Absolute Maximum Ratings Ta = 25
PARAMATER continuous reverse voltage continuous forward current repetitive peak forward current non-reetitiive peak forward current storage temperature junction temperature operating ambient temperature SYMBOL VR VF TFRM TFSM Tstg Tj Tamb -65 tp 1 s; a tp < 10 ms -65 0.5 CONDITIONS MIN MAX 30 200 300 600 +150 125 +125 UNIT V mA mA mA
E le c t r ic a l C h a r a c t e r is t ic s T a = 2 5
PARAMATER SYMBOL C O N D IT IO N S IF = 0 .1 m A IF = 1 m A f o r w a r d v o la t g e VF IF = 1 0 m A IF = 3 0 m A IF = 1 0 0 m A re v e rs e c u rre n t d io d e c a p a c it a n c e N o te 1 . P u ls e d t e s t : t p = 3 0 0 s ; a = 0 .0 2 . IR Cd V R = 2 5 V ; n o te 1 ; f = 1 M H z; V R = 1V ; MAX 240 320 400 500 800 2 10 A pF mV U N IT
Marking
Marking S0
+0.05 0.1-0.02
+0.1 1.3-0.1
Features
+0.05 0.3-0.05
+0.05 0.85-0.05
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 1PS76SB10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X