Part Number Hot Search : 
04N60 LPC2124 16M186 IF1330 BZX2C9V1 2SC2740 44S025 11KFE05
Product Description
Full Text Search
 

To Download 1N5393 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5391
1.5 AMP SILICON RECTIFIERS
THRU
1N5399
VOLTAGE RANGE
50 to 1000 Volts
CURRENT FEATURES
* Low forward voltage drop * High current capability * High reliability * High surge current capability
1.5 Amperes
DO-15
.140(3.6) .104(2.6) DIA.
1.0(25.4) MIN.
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.40 grams
.300(7.6) .230(5.8)
.034(.9) .028(.7) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=50 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.5A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Typical Junction Capacitance (Note 1) Typical Thermal Resistance RqJA (Note 2) Operating and Storage Temperature Range TJ, TSTG
NOTES:
1N5391
1N5392 1N5393 1N5395
1N5397 1N5398 1N5399 UNITS
50 35 50
100 70 100
200 140 200
400 280 400 1.5 50 1.0 5.0 50 20 50 -65 +175
600 420 600
800 560 800
1000 700 1000
V V V A A V A A pF C/W C
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length.
RATING AND CHARACTERISTIC CURVES (1N5391 THRU 1N5399)
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
1.8 1.5 1.2 0.9 0.6 0.3 0 0 20 40 60 80 100 120 140 160 180 200
Single Phase Half Wave 60Hz Resistive Or Inductive Load 0.375"(9.5mm) Lead Length
50
INSTANTANEOUS FORWARD CURRENT,(A)
10 3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
AMBIENT TEMPERATURE,( C)
0.1 FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
50
.01
.6
.7
.8
.9
1.0
1.1
1.2
1.3
FORWARD VOLT AGE,(V)
40
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
20
10
FIG.3 - TYPICAL REVERSE CHARACTERISTICS 100
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
10
REVERSE LEAKAGE CURRENT, ( A)
70
Tj=100 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE,(pF)
60 50 40 30 20 10 0
1.0
.1
Tj=25 C
.01 0
.01
.05
.1
.5
1
5
10
50
100
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLT AGE,(%)


▲Up To Search▲   

 
Price & Availability of 1N5393

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X