Part Number Hot Search : 
7N60E FMG8A 24R2Q 1R3002 2SK1751 R8C18 CS43L42 217D111
Product Description
Full Text Search
 

To Download 1N4148WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Two Terminals SMD Switching Diodes 1N4148WS/1N4448WS/BAV16WS
Two Terminals SMD Switching Diodes
Features
* * * * Fast Switching Speed High Conductance Electrically Identical to Standard JEDEC RoHS compliant
Mechanical Data
Case: Terminals: Weight: SOD-323, Plastic Case Solderable per MIL-STD-202G, Method 208 0.0041 gram
SOD-323
Maximum Ratings & Electrical Characteristics (T Ambient=25C unless noted otherwise)
Symbol Description Marking Code 1N4148WS A2 1N4448WS A3 75 100 150 2.0 200 --1.0 @ 10mA 1.0 @100mA 0.025 @ 20V 5.0 @ 75V 4.0 4.0 0.025 @ 20V 5.0 @ 75V 4.0 4.0 -65 to +175 0.62 @ 5mA 0.72 @ 5mA Max --0.855@ 10mA 0.715 @ 1mA 1.0 @ 50mA 1.25 @ 150mA 1.0 @ 75V 2.0 6.0 V BAV16WS A6 V V mA A mW Valid provided that electrodes are kept at ambient temperature Unit Conditions
VRM VRRM IF(AV) IFSM PD
Reverse Voltage Peak Reverse Voltage Forward Average Current Peak Forward Surge Current, Pulse Width=1.0us Power Dissipation above 25C Min
VF
Forward Voltage
IR CD Trr TJ,TSTG
Max. Reverse Current Diode Capacitance Reverse Recovery Time Operating Junction and Storage Temperature Range
A pF ns C
VR=0V, f=1MHz IF= 10mA,IR=1mA, VR=6V,RL=100
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/JJ 2007-06-15 Page 1 of 5
Two Terminals SMD Switching Diodes
1N4148WS/1N4448WS/BAV16WS
Typical Characteristics Curves
Fig.1- Forward Power Dissipation Derating Curve Fig.2- Typical Instantaneous Forward Characteristics
PD Power Dissipation (mW)
Ambient Temperature ( C)
IF Forward Current (mA)
Forward Voltage (V)
Fig.3- Junction Capacitance Curve
Fig.4- Typical Instantaneous Reverse Characteristics
CD Diode Capacitance (pF)
IR Reverse Current (A)
Reverse Voltage (V)
Reverse Voltage (V)
Rev. A/JJ 2007-06-15 www.taitroncomponents.com Page 2 of 5
Two Terminals SMD Switching Diodes
1N4148WS/1N4448WS/BAV16WS
Dimensions in inch (mm)
SOD-323
Rev. A/JJ 2007-06-15 www.taitroncomponents.com Page 3 of 5
Two Terminals SMD Switching Diodes
1N4148WS/1N4448WS/BAV16WS
Packing Information:
Carrier Tape Dimensions (in mm)
Product Type
D 1.550.05 B1 4.00.10
P0 4.00.10 T 0.200.05
P 4.00.10 T2 1.20.1
W 8.0+0.15/-0.3 D1 1.00.10
E 1.750.10 F 3.50.05
A0 1.500.10 K0 0.950.10
B0 2.750.10 P2 2.00.05
SOD-323
Reel Dimensions (in mm)
A 178.02.0
C 13.51.0
G 9.9 max.
N 50 min.
T 14.4 max.
Rev. A/JJ 2007-06-15 www.taitroncomponents.com Page 4 of 5
Two Terminals SMD Switching Diodes
1N4148WS/1N4448WS/BAV16WS
Packing Quantity Information:
Quantity TR70 Tape & Reel PCS per Inner Box 5000/Reel PCS per Carton 400000
Carton Size Information:
Cartoon Size 390X270X400( in mm)
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/JJ 2007-06-15 www.taitroncomponents.com Page 5 of 5


▲Up To Search▲   

 
Price & Availability of 1N4148WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X