Part Number Hot Search : 
ZVN330 CY14B1 02800 G270C G4BC10 TMP87P KDV214VA 08226
Product Description
Full Text Search
 

To Download VIBLSD1-DIP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1/3
VIBLSD1-DIP Series DC-DC Converter
Rev. 12-2005
Description
Designed to convert fixed voltages into an isolated regulated voltage, the VIBLSD1-DIP series is well suited for providing boardmount local supplies in a wide range of applications, including mixed analog/digital circuits, test & measurement equip., process/machine controls, datacom/telecom fields, etc...
Features
*Isolated 1 W output *Regulated *High efficiency to 79% *Single voltage output *Small footprint *DIP package style *Industry standard pinout *UL94-V0 package *No heatsink required *1K Vdc isolation *Temperature range: -40C~+85C *No external component required *Low cost
Model Number VIBLSD1-S5-S5-DIP VIBLSD1-S5-S9-DIP VIBLSD1-S5-S12-DIP VIBLSD1-S5-S15-DIP VIBLSD1-S12-S5-DIP VIBLSD1-S12-S9-DIP VIBLSD1-S12-S12-DIP VIBLSD1-S12-S15-DIP VIBLSD1-S24-S5-DIP VIBLSD1-S24-S9-DIP VIBLSD1-S24-S12-DIP VIBLSD1-S24-S15-DIP
Input Voltage Nominal Range 5 Vdc 4.75~5.25 Vdc 5 Vdc 4.75~5.25 Vdc 5 Vdc 4.75~5.25 Vdc 5 Vdc 4.75~5.25 Vdc 12 Vdc 11.4~12.6 Vdc 12 Vdc 11.4~12.6 Vdc 12 Vdc 11.4~12.6 Vdc 12 Vdc 11.4~12.6 Vdc 24 Vdc 22.8~25.2 Vdc 24 Vdc 22.8~25.2 Vdc 24 Vdc 22.8~25.2 Vdc 24 Vdc 22.8~25.2 Vdc
Output Voltage 5 Vdc 9 Vdc 12 Vdc 15 Vdc 5 Vdc 9 Vdc 12 Vdc 15 Vdc 5 Vdc 9 Vdc 12 Vdc 15 Vdc
Output Current Max. Min. 150 mA 15 mA 111 mA 12 mA 83 mA 9 mA 67 mA 7 mA 150 mA 15 mA 111 mA 12 mA 83 mA 9 mA 67 mA 7 mA 150 mA 15 mA 111 mA 12 mA 83 mA 9 mA 67 mA 7 mA
Efficiency 69% 70% 71% 72% 69% 71% 72% 72% 70% 72% 73% 73%
Package Style DIP DIP DIP DIP DIP DIP DIP DIP DIP DIP DIP DIP
Note: 1. All specifications measured at TA=25C, humidity <75%, nominal input voltage and rated output load unless otherwise specified.
Output Specifications
Item Output power Line Regulation Load Regulation Output voltage accuracy Temperature drift Output ripple Switching frequency Test conditions For Vin change of 1% 10% to 100% full load 100% full load @ 100% load 20 Hz to 300 KHz Bandwidth Full load, nominal input Min. 0.1 Typ. Max. 1 0.25 1 3 0.03 20 Units W % % % %/C mVp-p KHz
10 100
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
2/3
VIBLSD1-DIP Series DC-DC Converter
Rev. 12-2005
General Specifications
Short circuit protection Temperature rise at full load Cooling No-load power consumption Operating temperature range Storage temperature range Soldering temperature Storage humidity range Case material MTBF Burn-in <1 second 25C Max, 15C Typ. Free air convection 10% nominal power (typical) -40C to +85C -55C to +125C <= 300C (1.5mm from case for 10 sec.) <95% Plastic (UL94-V0) >3,500,000 hrs. At +85C, for 4 hours at no-load and 4 hours at full load.
Isolation Specifications
Item Isolation Voltage Insulation Resistance Test Conditions Tested for 1 min. Test at 500 Vdc Min. 1000 1000 Typ. Max. Units Vdc M
Typical Characteristics
Temperature Derating Graph Output Power (%)
Safe Operating Area
71 85 Ambient Temperature ( )
Outline Dimensions & Recommended Layout Pattern
Side View
20.40 2.54 6.50 14 4.10 11 9 2.54
Layout
1.00 +0.15/-0 1 7
Bottom View
15.24
Pin
7 10.00
Function -Vin NC +Vout -Vout +Vin
1 7.62 14 11 9
1 7 9 11 14
Notes:
1. All units in mm. 2. All pins on a 2.54 mm pitch. 3. All Pin widths are 0.50 mm.
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
3/3
VIBLSD1-DIP Series DC-DC Converter
Rev. 12-2005
Application Notes:
- Input filtering To reduce the reflected ripple current and minimize EMI, especially when the converter input is more than 2" away from the DC source, it is recommended to connect a low ESR electrolytic capacitor between Vin and Gnd. The values suggested are as shown in Table 1. If additional filtering is required, the capacitance may be increased, or expanded to an LC network as shown in Figure 1.
- Minimum loading The converter needs a minimum of 10% loading to maintain output regulation. Operation under no-load conditions will not cause immediate damages but may reduce reliability, and cause performance not to meet specifications. - Protection The converter has minimal protection against input over-voltage or output over-load, and may be permanently damaged if exposed to these conditions. An input clamping device can be used for input voltage limiting. An input fuse or an output fuse can also be used to protect against over-loading.
Table 1
Input Voltage 5V 12 V 24 V External Input Capacitance
- Unregulated input
4.7 F 2.2 F 1.0 F
As fixed input converters, this series can accept voltages within a limited range of the nominal input. Otherwise the converter may not function properly or may be damaged. An optional regulator can be used at the input to bring voltage within regulation, as shown in Figure 2.
- Output filtering An output capacitor as shown in Table 2 may be used to reduce output ripples and noise. requirements as shown in Table 2. Output capacitance may be increased for additional filtering, but should not exeed 10F. It can also be expanded to an LC network as in Figure 1.

+Vin -Vin
REG
+Vout
DC DC
-Vout
Table 2
Vout 5V 9V 12 V 15 V External Ouput Capacitance 10 F 4.7 F 2.2 F 1 F
L
L
+Vin
C
+Vout
DC DC

C
-Vin
-Vout
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258


▲Up To Search▲   

 
Price & Availability of VIBLSD1-DIP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X