Part Number Hot Search : 
1N475 BC183B MP6KE43A D1120 LM8550 J10187 M9516008 DS033
Product Description
Full Text Search
 

To Download UCLAMP3306P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Voltage TVS for ESD Protection
PROTECTION PRODUCTS - MicroClampTM Description
The Clamp series of TVS arrays are designed to protect sensitive electronics from damage or latch-up due to ESD, lightning, and other voltage-induced transient events. Each device will protect up to six lines operating at 3.3 volts.
TM
UCLAMP3306P
Features
Transient protection for data lines to IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact) IEC 61000-4-4 (EFT) 40A (tp = 5/50ns) Small package for use in portable electronics Protects Six I/O Working voltage: 3.3V Low leakage current Low operating and clamping voltages Solid-state silicon-avalanche technology
The ClampTM3306P is a solid-state device designed specifically for transient suppression. It is constructed using Semtech's proprietary EPD process technology. The EPD process provides low standoff voltages with significant reductions in leakage currents and capacitance over traditional pn junction processes. They offer desirable characteristics for board level protection including fast response time, low clamping voltage and no device degradation. The Clamp3306P may be used to meet the immunity requirements of IEC 61000-4-2, level 4 (15kV air, 8kV contact discharge). It is packaged in an ultra small SLP1616P6 package with a low profile of only 0.58mm. The leads are spaced at a pitch of 0.5mm and are finished with lead-free NiPd. The small package makes it ideal for use in portable electronics such as cell phones, digital still cameras, and notebook computers.
Mechanical Characteristics
SLP1616P6 package RoHS/WEEE Compliant Nominal Dimensions: 1.6 x 1.6 x 0.58 mm Lead Pitch: 0.5mm Lead Finish: NiPd Marking : Orientation Mark and Marking Code Packaging : Tape and Reel per EIA 481
Applications
Cellular handsets and accessories Notebooks and handhelds MP3 Players Digital cameras Portable instrumentation
Circuit Diagram
Package
1.6
1
2
3
4
5
6
1
1.6
6
0.5
Center Tab (GND)
0.6
Device Schematic
Revision 01/17/2007
6 Pin SLP package (Bottom Side View) 1.6 x 1.6 x 0.58mm (Nominal)
1 www.semtech.com
UCLAMP3306P
PROTECTION PRODUCTS Absolute Maximum Rating
R ating Peak Pulse Power (tp = 8/20s) Maximum Peak Pulse Current (tp = 8/20s) ESD p er IEC 61000-4-2 (Air) ESD p er IEC 61000-4-2 (Contact) Op erating Temp erature Storage Temp erature Symbol Pp k Ip p V PP TJ TSTG Value 40 5 +/- 20 +/- 15 -55 to +125 -55 to +150 Units Watts Amps kV C C
Electrical Characteristics (T=25oC)
Parameter Reverse Stand-Of f Voltage Punch-Through Voltage Snap-Back Voltage Reverse Leakage Current Clamping Voltage Clamping Voltage Reverse Clamping Voltage Symbol VRWM VPT VSB IR VC VC VCR IPT = 2A ISB = 50mA VRWM = 3.3V IPP = 1A, tp = 8/20s Any I/O to Gnd IPP = 5A, tp = 8/20s Any I/O to Gnd IPP = 1A, tp = 8/20s Any I/O to Gnd I/O pin to Gnd VR = 0V, f = 1MHz I/O pin to Gnd VR = 3.3V, f = 1MHz I/O pin to I/O pin VR = 0V, f = 1MHz I/O pin to I/O pi n VR = 3.3V, f = 1MHz 20 3.5 2.8 0.05 0.5 5.5 8.0 2.4 25 Conditions Minimum Typical Maximum 3.3 Units V V V A V V V pF
Junction Capacitance
Cj
12 10 7.5 12.5
pF pF pF
(c) 2007 Semtech Corp.
2
www.semtech.com
UCLAMP3306P
PROTECTION PRODUCTS Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
1
110 100 90 % of Rated Power or I PP 80 70 60 50 40 30 20 10 0
Power Derating Curve
Peak Pulse Power - P PP (kW)
0.1
0.01 0.1 1 10 Pulse Duration - tp (s) 100 1000
0
25
50
75
100
125
150
Ambient Temperature - TA (oC)
Clamping Voltage vs. Peak Pulse Current
10
Forward Voltage vs. Forward Current
8 7
Clamping Voltage - VC (V)
8
Forward Voltage - VF (V)
6 5 4 3 2 1 0
Waveform Parameters: tr = 8s td = 20s
6
4 Waveform Parameters: tr = 8s td = 20s 0 1 2 3 4 Peak Pulse Current - IPP (A) 5 6
2
0
0
1
2 3 4 Forward Current - IF (A)
5
6
Normalized Capacitance vs. Reverse Voltage
1.2
f = 1 MHz
ESD Clamping (8kV Contact per IEC 61000-4-2)
1 0.8 0.6 0.4 0.2 0 0 0.5 1
Line-Line
CJ(VR) / CJ(VR=0)
Line-Ground
1.5 2 2.5 Reverse Voltage - VR (V)
3
3.5
(c) 2007 Semtech Corp.
3
www.semtech.com
UCLAMP3306P
PROTECTION PRODUCTS
Insertion Loss S21 - LtoL (I/O to I/O)
CH1 S21 LOG 6 dB / REF 0 dB 1: -3.0041 dB 532 MHz 2: -4.0655 dB 900 MHz 3: -6.1405dB 1.8 GHz 0 dB -6 dB -12 dB -18 dB -24 dB -30 dB -36 dB 1 MHz START . 030 MHz 10 MHz 100 MHz 3 1 GHz GHz STOP 3000. 000000 MHz
1
Insertion Loss S21 -LtoG (I/O to Pin 2)
CH1 S21 LOG 6 dB / REF 0 dB 1: -3.0155 dB 260 MHz 2: -7.4637 dB 900 MHz 3: -9.2053dB 1.8 GHz 0 dB -6 dB
2 1
4: -8.0944 dB 2.5 GHz
2 3 4
4: -9.9280 dB 2.5 GHz
-12 dB -18 dB -24 dB -30 dB -36 dB 1 MHz START . 030 MHz 10 MHz 100 MHz
3
4
3 1 GHz GHz STOP 3000. 000000 MHz
Crosstalk S21 (I/O to Pin 4)
CH1 S21 LOG 20 dB / REF 0 dB
START . 030 MHz
STOP 3000. 000000 MHz
(c) 2007 Semtech Corp.
4
www.semtech.com
UCLAMP3306P
PROTECTION PRODUCTS Applications Information
Device Connection Options The Clamp3306P is designed to protect 6 signal lines with an operating voltage of 0 to 3.3V. It will present a high impedance to the protected line up to 3.3 volts. It will "turn on" when the line voltage exceeds 3.5 volts. The device is unidirectional and may be used on lines where the signal polarity is above ground. Pins 1, 2, 3, 4, 5, and 6 are connected to I/O signals. The center tab is connected to system ground. All signal lines and ground should be made with the lowest impedance and inductance path as possible. This will improve signal quality of the lines and keep the clamping voltage as low as possible during a fast transient. EPD TVS Characteristics These devices are constructed using Semtech's proprietary EPD technology. The structure of the EPD TVS is vastly different from the traditional pn-junction devices. At voltages below 5V, high leakage current and junction capacitance render conventional avalanche technology impractical for most applications. However, by utilizing the EPD technology, these devices can effectively operate at 3.3V while maintaining excellent electrical characteristics. The EPD TVS employs a complex nppn structure in contrast to the pn structure normally found in traditional silicon-avalanche TVS diodes. The EPD mechanism is achieved by engineering the center region of the device such that the reverse biased junction does not avalanche, but will "punch-through" to a conducting state. This structure results in a device with superior DC electrical parameters at low voltages while maintaining the capability to absorb high transient currents. Figure 1 - Circuit Diagram
1
2
3
4
5
6
Center Tab (GND)
Figure 2 - Layout Example
Figure 3 - EPD TVS IV Characteristic Curve
IPP
ISB
IPT VF IR VRWM V VPT VC SB
IF
(c) 2007 Semtech Corp.
5
www.semtech.com
UCLAMP3306P
PROTECTION PRODUCTS Applications Information - Spice Model
I/O
Figure 3 - Clamp3306P Spice Model
Clamp3306P Spice Parameters Parameter IS BV VJ RS IBV CJO TT M N EG Unit Amp Volt Volt O hm Amp Farad sec --eV D1 (T VS) 2E-12 20 0.57 1.444 1.0 E-3 2 0 E -1 2 2.541E-9 0 .2 3 6 1.1 1.11
(c) 2007 Semtech Corp.
6
www.semtech.com
UCLAMP3306P
PROTECTION PRODUCTS Outline Drawing - SLP1616P6
A
D
B
PIN 1 INDICATOR (LASER MARK)
E
DIM
A A1 A2 b D D1 E E1 e L N aaa bbb
A aaa C A2 D1 12 LxN E1 N bxN e D/2 bbb E/2 A1 C
SEATING PLANE
.020 .023 .026 0.00 .001 .002 (.005) .008 .010 .012 .059 .063 .067 .041 .047 .051 .059 .063 .067 .010 .016 .020 .020 BSC .010 .013 .016 6 .003 .004
DIMENSIONS INCHES MILLIMETERS MIN NOM MAX MIN NOM MAX
0.50 0.58 0.65 0.00 0.03 0.05 (0.13) 0.20 0.25 0.30 1.50 1.60 1.70 1.05 1.20 1.30 1.50 1.60 1.70 0.25 0.40 0.50 0.50 BSC 0.25 0.33 0.40 6 0.08 0.10
CAB
NOTES:
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). 2. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
Land Pattern - SLP1616P6
P X
DIMENSIONS DIM C G H K P X Y Z INCHES .060 .035 .018 .051 .020 .012 .025 .085 MILLIMETERS 1.52 0.89 0.45 1.30 0.50 0.30 0.63 2.15
Z
G
H
(C)
Y K
NOTES:
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). 2. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY. CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR COMPANY'S MANUFACTURING GUIDELINES ARE MET. 3. THERMAL VIAS IN THE LAND PATTERN OF THE EXPOSED PAD SHALL BE CONNECTED TO A SYSTEM GROUND PLANE. FAILURE TO DO SO MAY COMPROMISE THE THERMAL AND/OR FUNCTIONAL PERFORMANCE OF THE DEVICE.
(c) 2007 Semtech Corp.
7
www.semtech.com
UCLAMP3306P
PROTECTION PRODUCTS Marking Ordering Information
Part Number Working Voltage 3.3V Lead Finish Pb Free Qty per Reel 3,000 Reel Size 7 Inch
3306P YW
Y = year W = Week
UCLAMP3306P.TCT
MicroClamp, uClamp and Clamp are marks of Semtech Corporation
Tape and Reel Specification
Device Orientation in Tape
A0 1.78 +/-0.05 mm
B0 1.78 +/-0.05 mm
K0 0.69 +/-0.05 mm
Tape Width
B, (Max)
D 1.5 + 0.1 mm - 0.0 mm (0.59 +.005 - .000)
D1
E 1.750.10 mm (.069.004)
F
K (MAX)
P 4.00.1 mm (.157.004)
P0 4.00.1 mm (.157.004)
P2
T(MAX)
W 8.0 mm + 0.3 mm - 0.1 mm (.312.012)
8 mm
4.2 mm (.165)
0.8 mm 0.05 (.031)
3.50.05 mm (.138.002)
2.4 mm (.094)
2.00.05mm (.079.002)
0.4 mm (.016)
Contact Information
Semtech Corporation Protection Products Division 200 Flynn Rd., Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
(c) 2007 Semtech Corp. 8 www.semtech.com


▲Up To Search▲   

 
Price & Availability of UCLAMP3306P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X