|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TN1625 TYN616, TYN816 16 A standard SCRs Features A IT(RMS) =16 A VDRM/VRRM = 600 to 1000 V IGT = 25 mA G K Description The standard TN16 / TYNx16 16 A SCRs series is suitable for general purpose applications. Using clip assembly technology, they provide a superior performance in surge current capabilities. KA G A A K A G D2PAK (TN1625-x00G) TO-220AB (TYNX16RG) Table 1. Device summary TN1625-600G TYN616RG 600 25 TYN816RG 800 25 1000 25 TN1625-1000G Unit V mA Parameter VDRM/VRRM Sensitivity November 2007 Rev 6 1/9 www.st.com 9 Characteristics TN1625, TYN616, TYN816 1 Table 2. Symbol IT(RMS) IT(AV) ITSM I2t dI/dt IGM PG(AV) Tstg Tj VRGM Characteristics Absolute ratings (limiting values) Parameter RMS on-state current (180 Conduction angle) Average on-state current (180 Conduction angle) Non repetitive surge peak on-state current I2t Value for fusing Critical rate of rise of on-state current IG = 2 x IGT , tr 100 ns Peak gate current Average gate power dissipation Storage junction temperature range Operating junction temperature range Maximum peak reverse gate voltage tp = 8.3 ms tp = 10 ms tp = 10 ms F = 60 Hz tp = 20 s Tc = 110 C Tc = 110 C Tj = 25 C Tj = 25 C Tj = 125 C Tj = 125 C Tj = 125 C Value 16 10 200 A 190 180 50 4 1 - 40 to + 150 - 40 to + 125 5 A2S A/s A W C V Unit A A Table 3. Symbol IGT VGT VGD IH IL dV/dt VTM Vt0 Rd IDRM IRRM Electrical characteristics (Tj = 25 C, unless otherwise specified) Test Conditions MIN. VD = 12 V VD = VDRM IT = 500 mA IG = 1.2 x IGT VD = 67 % VDRM Gate open ITM = 32 A tp = 380 s Threshold voltage Dynamic resistance VDRM = VRRM Tj = 125 C Tj = 25 C Tj = 125 C Tj = 125 C Tj = 25 C Tj = 125 C RL = 33 RL = 3.3 k Gate open Tj = 125 C MAX. MAX. MIN. MAX. MAX. MIN. MAX. MAX. MAX. MAX. Value 2 25 1.3 0.2 40 60 500 1.6 0.77 23 5 2 Unit mA V V mA mA V/s V V m A mA Table 4. Symbol Rth(j-c) Rth(j-a) Thermal resistance Parameter Junction to case (DC) S = 01 Junction to ambient (DC) TO-220AB 60 cm2 D2PAK Value 1.1 45 C/W Unit C/W S = copper surface under tab 2/9 TN1625, TYN616, TYN816 Characteristics Figure 1. Maximum average power Figure 2. dissipation versus average on-state current IT(AV)(A) 18 Average and D.C. on-state current versus case temperature P(W) 16 14 12 10 8 8 = 180 D.C. 16 14 12 = 180 10 6 4 2 0 0 2 4 6 8 360 6 4 2 0 IT(AV)(A) 10 12 Tcase(C) 0 25 50 75 100 125 Figure 3. Average and D.C. on-state current Figure 4. versus ambient temperature (copper surface under tab: S=1cm2) (D2PAK) 1.00 Relative variation of thermal impedance versus pulse duration IT(AV)(A) 4.0 3.5 3.0 D.C. K=[Zth/Rth] Zth(j-c) 2.5 2.0 1.5 1.0 0.5 = 180 0.10 Zth(j-a) Tamb(C) 0.0 0 25 50 75 100 125 tp(s) 0.01 1E-3 1E-2 1E-1 1E+0 1E+1 1E+2 5E+2 Figure 5. Relative variation of gate trigger current, holding current and latching current versus junction temperature Figure 6. Surge peak on-state current versus number of cycles IGT,IH,IL[Tj] / IGT,IH,IL[Tj=25C] 2.5 200 180 ITSM(A) 2.0 160 140 Non repetitive Tj initial=25C tp=10ms One cycle 1.5 IGT 120 100 Repetitive TC=110C 1.0 IH & IL 80 60 0.5 40 Tj(C) 0.0 -40 -20 0 20 40 60 80 100 120 140 20 0 1 10 Number of cycles 100 1000 3/9 Characteristics TN1625, TYN616, TYN816 Figure 7. Non-repetitive surge peak on-state Figure 8. current for a sinusoidal pulse with width tp < 10 ms, and corresponding values of I2t ITM(A) 200 Tj initial = 25C On-state characteristics (maximum values) ITSM(A), I2t (A2s) 2000 1000 ITSM 100 Tj max.: Vt0=0.77V Rd=23m dI/dt limitation I2t Tj=max 100 10 Tj=25C tp(ms) 10 0.01 0.10 1.00 10.00 1 0.0 0.5 1.0 1.5 VTM(V) 2.0 2.5 3.0 3.5 4.0 4.5 Figure 9. Thermal resistance junction to ambient versus copper surface under tab (epoxy printed circuit board FR4, copper thickness: 35 m) (D2PAK) Rth(j-a)(C/W) 80 70 60 50 40 30 20 10 S(cm) 0 0 4 8 12 16 20 24 28 32 36 40 4/9 TN1625, TYN616, TYN816 Ordering information scheme 2 Ordering information scheme Figure 10. TN1625 TN 16 25 - 600 G (-TR) Standard SCR series Current 16 = 16 A Sensitivity 25 = 25 mA Voltage 600 = 600 V 1000 = 1000 V Package G = D2PAK Packing mode Blank = Tube -TR = Tape and reel Figure 11. TYNx16 TYN Standard SCR series Voltage 6 = 600 V 8 = 800 V Current 16 = 16 A Packing mode RG = Tube 6 16 RG 5/9 Package information TN1625, TYN616, TYN816 3 Package information Epoxy meets UL94,V0 Cooling method: C Recommended torque value: 0.4 - 0.6 N*m In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. Table 5. TO-220AB dimensions Dimensions Ref. Millimeters Min. A a1 B OI L F A I4 l3 a1 l2 c2 b2 C Inches Min. Typ. Max. 0.625 0.147 Typ. Max. 15.20 3.75 13.00 10.00 0.61 1.23 4.40 0.49 2.40 2.40 6.20 3.75 15.90 0.598 a2 B b1 b2 C c1 c2 14.00 0.511 10.40 0.393 0.88 0.024 1.32 0.048 4.60 0.173 0.70 0.019 2.72 0.094 2.70 0.094 6.60 0.244 3.85 0.147 0.551 0.409 0.034 0.051 0.181 0.027 0.107 0.106 0.259 0.151 a2 e M F c1 b1 e OI I4 L l2 l3 M 15.80 16.40 16.80 0.622 0.646 0.661 2.65 1.14 1.14 2.60 2.95 0.104 1.70 0.044 1.70 0.044 0.102 0.116 0.066 0.066 6/9 TN1625, TYN616, TYN816 Table 6. D2PAK dimensions Package information Dimensions Ref. Millimeters Min. A A E L2 C2 Inches Min. 0.169 0.098 0.001 0.027 0.048 0.055 Typ. Max. 0.181 0.106 0.009 0.037 Typ. Max. 4.60 2.69 0.23 0.93 4.30 2.49 0.03 0.70 1.25 0.45 1.21 8.95 10.00 4.88 15.00 1.27 1.40 0.40 0 1.40 A1 A2 B D L L3 A1 B2 C C2 0.60 1.36 9.35 0.017 0.047 0.352 0.024 0.054 0.368 0.405 0.208 0.624 0.055 0.069 0.016 B2 B G C R D E 10.28 0.393 5.28 0.192 A2 2mm min. FLAT ZONE G L V2 15.85 0.590 1.40 1.75 0.050 0.055 L2 L3 R V2 8 0 8 Figure 12. Footprint (dimensions in mm) 16.90 10.30 1.30 5.08 8.90 3.70 7/9 Ordering information TN1625, TYN616, TYN816 4 Ordering information Table 7. Ordering information Marking(1) TN1625x00G TN1625x00G TYNx16 Package D2PAK D2 PAK Weight 1.5 g 1.5 g 2.3 g Base qty Delivery mode 50 1000 50 Tube Tape and reel Tube Order code(1) TN1625-x00G TN1625-x00G-TR TYNX16RG TO-220AB 1. x indicates votage, 6, 8 or 10 for 600, 800 and 1000 V respectively 5 Revision history Table 8. Date Apr-2002 13-Feb-2006 07-Nov-2007 Document revision history Revision 4A 5 6 Last update. TO-220AB delivery mode changed from bulk to tube. ECOPACK statement added. Reformatted to current standards. Table 2.: IT(RMS) value corrected from 12 A to 16 A Changes 8/9 TN1625, TYN616, TYN816 Please Read Carefully: Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein. UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK. Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST. ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners. (c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com 9/9 |
Price & Availability of TYNX16RG |