Part Number Hot Search : 
S5798B FN4727 ADD5205 SSG4224 AM2855 SFH213FA 020CT OBH31010
Product Description
Full Text Search
 

To Download TPSMB43A08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPSMB6.8 thru TPSMB43A
Vishay General Semiconductor
Surface Mount Automotive Transient Voltage Suppressors
High Temperature Stability and High Reliability Conditions
FEATURES * Patented PAR(R) construction * Available in uni-directional polarity only * 600 W peak pulse power capability with a 10/1000 s waveform, repetitive rate (duty cycle): 0.01 % * Excellent clamping capability * Very fast response time * Low incremental surge resistance * Meets MSL level 1, per J-STD-020, LF maximum peak of 260 C * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial, automotive and telecommunication. MECHANICAL DATA Case: DO-214AA (SMB) Molding compound meets UL 94 V-0 flammability rating Base P/NHE3 - RoHS compliant, high reliability/ automotive grade (AEC Q101 qualified) Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 HE3 suffix meets JESD 201 class 2 whisker test Polarity: Color band denotes cathode end
* nted e Pat
*Patent #'s 4,980,315 5,166,769 5,278,094
DO-214AA (SMB)
PRIMARY CHARACTERISTICS
VBR PPPM IFSM TJ max. 6.8 V to 43 V 600 W 75 A 185 C
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Peak pulse power dissipation with a 10/1000 s waveform (1)(2)
(2)(3)
SYMBOL (Fig. 1) PPPM IPPM IFSM VF TJ, TSTG
VALUE 600 See next table 75 3.5 - 65 to + 185
UNIT W A A V C
Peak pulse current with a 10/1000 s waveform (1) (Fig. 3) Peak forward surge current 8.3 ms single half sine-wave Instantaneous forward voltage at 50 A
(3)
Operating junction and storage temperature range Notes: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 C per Fig. 2 (2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) land areas per figure
(3) Mounted on 8.3 ms single half sine-wave duty cycle = 4 pulses per minute maximum
Document Number: 88406 Revision: 21-Oct-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
TPSMB6.8 thru TPSMB43A
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
DEVICE MARKING CODE BREAKDOWN VOLTAGE VBR (1) AT IT (V) MIN. TPSMB6.8 TPSMB6.8A TPSMB7.5 TPSMB7.5A TPSMB8.2 TPSMB8.2A TPSMB9.1 TPSMB9.1A TPSMB10 TPSMB10A TPSMB11 TPSMB11A TPSMB12 TPSMB12A TPSMB13 TPSMB13A TPSMB15 TPSMB15A TPSMB16 TPSMB16A TPSMB18 TPSMB18A TPSMB20 TPSMB20A TPSMB22 TPSMB22A TPSMB24 TPSMB24A TPSMB27 TPSMB27A TPSMB30 TPSMB30A TPSMB33 TPSMB33A TPSMB36 TPSMB36A TPSMB39 TPSMB39A TPSMB43 TPSMB43A Notes: (1) VBR measured after IT applied for 300 s, IT = square wave pulse or equivalent (2) Surge current waveform per Fig. 3 and derated per Fig. 2 (3) All terms and symbols are consistent with ANSI/IEEE C62.35 KDP KEP KFP KGP KHP KKP KLP KMP KNP KPP KQP KRP KSP KTP KUP KVP KWP KXP KYP KZP LDP LEP LFP LGP LHP LKP LLP LMP LNP LPP LQP LRP LSP LTP LUP LVP LWP LXP LYP LZP 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 MAX. 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 TEST CURRENT IT (mA) STANDOFF VOLTAGE VWM (V) MAXIMUM REVERSE LEAKAGE AT VWM ID (A) 500 500 250 250 100 100 25.0 25.0 5.0 5.0 2.0 2.0 2.0 2.0 2.0 2.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 TJ = 150 C MAXIMUM REVERSE LEAKAGE AT VWM ID (A) 1000 1000 500 500 200 200 50.0 50.0 20.0 20.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 MAXIMUM PEAK PULSE SURGE CURRENT IPPM (2) (A) 55.6 57.1 51.3 53.1 48.0 49.6 43.5 44.8 40.0 41.4 37.0 38.5 34.7 35.9 31.6 33.0 27.3 28.3 25.5 26.7 22.6 23.8 20.6 21.7 18.8 19.6 17.3 18.1 15.3 16.0 13.8 14.5 12.6 13.1 11.5 12.0 10.6 11.1 9.70 10.1 MAXIMUM CLAMPING VOLTAGE AT IPPM VC (V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3
DEVICE
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88406 Revision: 21-Oct-08
TPSMB6.8 thru TPSMB43A
Vishay General Semiconductor
ORDERING INFORMATION (Example)
PREFERRED P/N TPSMB6.8AHE3/52T (1) TPSMB6.8AHE3/5BT (1) Note: (1) Automotive grade AEC Q101 qualified UNIT WEIGHT (g) 0.096 0.096 PREFERRED PACKAGE CODE 52T 5BT BASE QUANTITY 750 3200 DELIVERY MODE 7" diameter plastic tape and reel 13" diameter plastic tape and reel
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
100 150 Non-Repetitive Pulse Waveform shown in Fig. 3 TA = 25 C 10 TJ = 25 C Pulse Width (td) is defined as the Point where the Peak Current decays to 50 % of IPPM
IPPM - Peak Pulse Current, % IRSM
PPPM - Peak Pulse Power (kW)
tr = 10 s Peak Value IPPM
100
Half Value - IPP IPPM 2 50 10/1000 s Waveform as defined by R.E.A. td 0 0 1.0 2.0 3.0 4.0
1.0 0.2 x 0.2" (5.0 x 5.0 mm) Copper Pad Areas 0.1 0.1 s
1.0 s
10 s
100 s
1.0 ms
10 ms
td - Pulse Width (s)
t - Time (ms)
Figure 1. Peak Pulse Power Rating Curve
Figure 3. Pulse Waveform
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage, %
100
10 000
75
Junction Capacitance (pF)
VR measured at Zero Bias 1000
50
VR measured at Stand-Off Voltage, VWM 100 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p 10 1 10 100
25
0 0 50 100 150 200
TJ - Initial Temperature (C)
VBR - Breakdown Voltage (V)
Figure 2. Pulse Power or Current vs. Initial Junction Temperature
Figure 4. Typical Junction Capacitance
Document Number: 88406 Revision: 21-Oct-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
TPSMB6.8 thru TPSMB43A
Vishay General Semiconductor
100
Peak Forward Surge Current (A)
TJ = TJ max. 8.3 ms Single Half Sine-Wave
10 1 10 100
Number of Cycles at 60 Hz
Figure 5. Maximum Non-Repetitive Peak Forward Surge Current
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-214AA (SMB) Mounting Pad Layout
Cathode Band
0.085 (2.159) MAX.
0.086 (2.20) 0.077 (1.95)
0.155 (3.94) 0.130 (3.30) 0.086 (2.18) MIN.
0.180 (4.57) 0.160 (4.06) 0.012 (0.305) 0.006 (0.152) 0.096 (2.44) 0.084 (2.13) 0.060 (1.52) MIN. 0.220 REF.
0.060 (1.52) 0.030 (0.76) 0.220 (5.59) 0.205 (5.21)
0.008 (0.2) 0 (0)
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88406 Revision: 21-Oct-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TPSMB43A08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X