Part Number Hot Search : 
NCV2903 UPA672T U16C15 NCP12 0000A 560EVAL EC3581 NCP12
Product Description
Full Text Search
 

To Download TLP3216 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP3216
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3216
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
4.2 1.4
Unit: mm
The TOSHIBA TLP3216 is a super small-outline photorelay, suitable for surface-mount assembly. The TLP3216 consists of a GaAs infrared-emitting diode optically coupled to a photo-MOS FET and housed in a 4-pin package. Its characteristics also include low OFF-state current and low output pin capacitance, enabling it to be used in high-frequency measuring instruments.
3.5
1.7
1.8
0.15
0.2
3.8
0.2
1.27 2.04
0.3
0.460.2
Features
* * * * * * * * 4 pin SSOP (SSOP4) 1-Form-A Peak Off-State Voltage Trigger LED Current On-State Current On-State Resistance Output Capacitance Isolation Voltage : 40 V (MIN.) : 4 mA (MAX.) : 120 mA (MAX.) : 15(MAX.), 10(TYP.) : 2.0 pF (MAX.), 1.0 pF (TYP.) : 1500 Vrms (MIN.) JEDEC JEITA TOSHIBA Weight: 0.03 g : 1.8 mm high, 1.27 mm pitch
11-2A1
Pin Configuration (top view)
1 4
2
1 : ANODE 2 : CATHODE 3 : DRAIN 4 : DRAIN
3
1
2007-10-01
TLP3216
Absolute Maximum Ratings (Ta = 25C)
CHARACTERISTIC Forward Current LED Forward Current Derating (Ta > 25C) = Reverse Voltage Junction Temperature DETECTOR Off-State Output Terminal Voltage On-State Current On-State Current Derating (Ta > 25C) = Junction Temperature SYMBOL IF IF/C VR Tj VOFF ION ION/C Tj Tstg Topr Tsol BVS RATING 50 -0.5 5 125 40 120 -1.2 125 -40~125 -20~85 260 1500 UNIT mA mA/C V C V mA mA/C C C C C Vrms
Storage Temperature Range Operating Temperature Range Lead Soldering Temperature (10 s) Isolation Voltage (AC, 1 minute, R.H. < 60%) (NOTE1) =
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). (NOTE 1) : Device considered a two-terminal device : Pins 1 and, 2 shorted together, and pins 3 and 4 shorted together.
Caution
This device is sensitive to electrostatic discharge. When using this device, please ensure that all tools and equipment are earthed. This device is applying super small package which is free for Moisture-Proof packing. However, the application of this device is premised on use under controlled environmental condition like as measuring instrument. It is necessary to take precautions of storage condition and operating environmental condition.
Recommended Operating Conditions
CHARACTERISTIC Supply Voltage Forward Current On-State Current Operating Temperature SYMBOL VDD IF ION Topr MIN. 10 25 TYP. MAX. 32 30 120 60 UNIT V mA mA C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the device. Additionally, each item is an independent guideline respectively. In developing designs using this product, please confirm specified characteristics shown in this document.
Individual Electrical Characteristics (Ta = 25C)
CHARACTERISTIC Forward Voltage LED Reverse Current Capacitance DETECTOR Off-State Current Capacitance SYMBOL VF IR CT IOFF COFF TEST CONDITION IF = 10 mA VR = 5 V V = 0, f = 1 MHz VOFF = 30 V, Ta = 50C V = 0, f = 100 MHz, t < 1 s MIN. 1.0 TYP. 1.15 15 1.0 MAX. 1.3 10 1000 2.0 UNIT V A pF pA pF
2
2007-10-01
TLP3216
Coupled Electrical Characteristics (Ta = 25C)
CHARACTERISTIC Trigger LED Current Return LED Current On-State Resistance SYMBOL IFT IFC RON TEST CONDITION ION = 100 mA IOFF = 10 A ION = 120 mA, IF = 5 mA, t < 1 s MIN. 0.2 TYP. 0.75 10 MAX. 4 15 UNIT mA mA
Isolation Characteristics (Ta = 25C)
CHARACTERISTIC Capacitance Input to Output Isolation Resistance SYMBOL CS RS TEST CONDITION VS = 0 V, f = 1 MHz VS = 500 V, R.H. < 60% = AC, 1 minute Isolation Voltage BVS AC, 1 second (in oil) DC, 1 minute (in oil) MIN. 5 x 10
10
TYP. 0.3 10
14
MAX.
UNIT pF Vrms Vdc
1500
3000 3000
Switching Characteristics (Ta = 25C)
CHARACTERISTIC Turn-on Time Turn-off Time SYMBOL tON tOFF TEST CONDITION RL 200 VDD = 10 V, IF = 5 mA (NOTE 4) MIN. TYP. 50 120 MAX. 500 500 UNIT s
(NOTE 4) : SWITCHING TIME TEST CIRCUIT
IF VDD IF VOUT 2 3 10% tON tOFF VOUT 90%
1
4
RL
3
2007-10-01
TLP3216
I F Ta
100
I ON Ta
240
(mA)
(mA)
80
200
ION Allowable On-sate current
60 40 20 0 -20 0 20 40 60 80 100 120
IF
160
Allowable forward current
120
80
40
0 -20
0
20
40
60
80
100
120
Ambient temperature
Ta (C)
Ambient temperature
Ta (C)
I F VF
100 50
Ta = 25 C
I ON VON
150
Ta = 25 C I F = 5 mA
(mA)
5 3 1 0.5 0.3 0.1 0.6
I ON On-sate current
0.8 1 1.2 1.4 1.6 1.8
10
(mA)
30
100
50
IF
Forward current
0
-50
-100
-150 -2
-1
0
1
2
Forward voltage
VF
(V)
On-sate voltage
VON
(V)
RON Ta
20
I ON = 120 mA I F = 5 mA
I FT Ta
5
I ON = 100 mA
(mA)
()
RON
15
t < 1s
4
t < 1s
I FT
10
3
Trigger LED current
0 20 40 60 80 100
On-sate resistance
2
5
1
0 -20
5
0 -20
0
20
40
60
80
100
Ambient temperature
Ta
(C)
Ambient temperature
Ta
(C)
4
2007-10-01
TLP3216
tON,tOFF I F
1000
Ta = 25 C
tON,tOFF Ta
250
V DD = 10 V, RL = 200 t OFF RL = 200
(s)
300 100
V DD = 10 V,
(s)
200
I F = 10 mA
tON,tOFF
tON,tOFF
150
t OFF
30 10
t ON
Switching time
Switching time
100
3 1 1
50
t ON
3
10
30
100
0 -20
0
20
40
60
80
100
Forward current
IF
(mA)
Ambient temperature
Ta
(C)
I OFF VOFF
15
Ta = 25 C
C OFF VOFF
1
Ta = 25 C
(pA)
I OFF
10
Output terminal capacitance COFF / COFF (0V)
0.8
0.6
Off-state current
0.4
5
0.2
0
10
20
30
40
0
10
20
30
40
50
Off-state output voltage VOFF
(V)
Off-state output voltage VOFF
(V)
5
2007-10-01
TLP3216
OUTLINE DRAWING
4.2 1.4
Unit Tolerance0.1

3.5
1.7
1.8
0.15
0.2
3.8
0.2
1.27 2.04
0.3
0.460.2

: ANODE : CATHODE : DRAIN : DRAIN
6
2007-10-01
TLP3216
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * GaAs(Gallium Arsenide) is used in this product. The dust or vapor is harmful to the human body. Do not break, cut, crush or dissolve chemically. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
7
2007-10-01


▲Up To Search▲   

 
Price & Availability of TLP3216

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X