Part Number Hot Search : 
AN78N12 J100567 RF120 ISL59 24C64AW M74HC258 2700115 SK9124
Product Description
Full Text Search
 

To Download STPR820DF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STPR805DF thru STPR820DF
Ultra Fast Recovery Diodes
Dimensions TO-220AC A C(TAB) A C C
Dim. A B C D E F G H J K L M N Q
A=Anode, C=Cathode, TAB=Cathode VRRM V 50 100 150 200 VRMS V 35 70 105 140 VDC V 50 100 150 200
STPR805DF STPR810DF STPR815DF STPR820DF
Inches Min. Max. 0.500 0.580 0.560 0.650 0.380 0.420 0.139 0.161 2.300 0.420 0.100 0.135 0.045 0.070 0.250 0.025 0.035 0.190 0.210 0.140 0.190 0.015 0.022 0.080 0.115 0.025 0.055
Milimeter Min. Max. 12.70 14.73 14.23 16.51 9.66 10.66 3.54 4.08 5.85 6.85 2.54 3.42 1.15 1.77 6.35 0.64 0.89 4.83 5.33 3.56 4.82 0.38 0.56 2.04 2.49 0.64 1.39
Symbol I(AV) IFSM VF IR CJ TRR ROJC
Characteristics Maximum Average Forward Rectified Current @TC=100 oC
Maximum Ratings 8.0 125 0.95 @TJ=25 C @TJ=100oC
o
Unit A A V uA pF ns
o
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave Superimposed On Rated Load (JEDEC METHOD) Maximum Forward Voltage At 8.0A DC Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance (Note 1) Maximum Reverse Recovery Time (Note 2) Typical Thermal Resistance (Note 3)
5 500 110 35 2.5 -55 to +150
C/W
o
TJ, TSTG Operating And Storage Temperature Range NOTES: 1. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC. 2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A. 3. Thermal Resistance Junction To Case.
C
FEATURES
* Glass passivated chip * Superfast switching time for high efficiency * Low forward voltage drop and high current capability * Low reverse leakage current * High surge capacity
MECHANICAL DATA
* Case: TO-220AC molded plastic * Polarity: As marked on the body * Weight: 0.08 ounces, 2.24 grams * Mounting position: Any
STPR805DF thru STPR820DF
Ultra Fast Recovery Diodes
10
WITH HEAT SINK TC
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
150 125 100 75 50 25 0 1 2 5 10 20 50 100
8
6 4
FREE AMBIENT TA
2
RESISTIVE OR INDUCTIVE LOAD
8.3ms Single Half-Sine-Wave (JEDEC METHOD)
0
0
25
50
75
100
125
150
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
100
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
TJ = 125 C
INSTANTANEOUS REVERSE CURRENT ,(uA)
INSTANTANEOUS FORWARD CURRENT ,(A)
10
TJ = 125 C
50-200V 300-400V 500-600V
10
TJ = 100 C
1.0
TJ = 75 C
1.0
TJ = 25 C
0.1
TJ = 25 C
0.01 0 20 40 60 80 100 120 140
0.1 0 0.2 0.4 0.6 0.8 1.0
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
PULSE WIDTH 300us 2% Duty cycle
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
1000
CAPACITANCE , (pF)
50-400V
100
500-600V
TJ = 25 C, f= 1MHz
10 0.1 1 4 10 100
REVERSE VOLTAGE , VOLTS


▲Up To Search▲   

 
Price & Availability of STPR820DF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X