Part Number Hot Search : 
UPD16 NTE129P PM139 20N60S5 UGS1J PA607UA AU2903 IPW60
Product Description
Full Text Search
 

To Download SRU1063 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 *R o *R H S oH C S OM CO P M LIA PL N IA T NT
Features
Maximum height of 6.7 mm Current up to 5.5 A Lead free
Applications
Input/output of DC/DC converters Power supplies for: * Portable communication equipment * Camcorders * LCD TVs * Car radios
100
RoHS compliant*
SRU1063 Series - Shielded SMD Power Inductors
Electrical Specifications
Inductance 100 KHz Bourns Part No. (H) Tol. % Q Ref. Test Frequency (MHz) SRF Typ. (MHz) RDC Max. (m) I rms Max. (A) I sat Typ. (A)
SRU1063-4R7Y SRU1063-100Y SRU1063-150Y SRU1063-220Y SRU1063-330Y SRU1063-470Y SRU1063-680Y SRU1063-101Y
4.7 10 15 22 33 47 68 100

30 30 30 30 30 30 30 30
11 14 12 15 12 10 8 12
7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52
30 18 14 10 8 6 5 4
14 38 42 60 105 150 210 320
5.50 3.80 3.20 3.00 2.20 1.40 1.20 1.10
5.70 4.00 3.40 3.20 2.40 1.60 1.35 1.20
General Specifications Test Voltage.....................................0.1 V Reflow Soldering ...230 C, 50 sec. max. Operating Temperature ..-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +125 C Resistance to Soldering Heat ................................260 C for 10 sec. Materials Core.....................Ferrite DR and RI core Wire .............................Enameled copper Terminal ....................................Ag/Ni/Sn Rated Current ....................Ind. drop 35 % typ. at Isat Temperature Rise ......................40 C max. at rated Irms Packaging.....................500 pcs. per reel Product Dimensions
Electrical Schematic
Recommended Layout
REF. 1.80 (.071) 1.80 (.071) REF. 7.20 REF. (.283) 1.80 (.071) REF.
10.0 0.30 (.394 .012)
7.20 (.283) REF. 3.80 (.150) REF. 1.80 (.071) REF. 3.80 REF. (.150)
7.90 TYP. (.311)
DIMENSIONS:
4R7
10.0 0.30 (.394 .012)
6.50 0.30 (.256 .012)
3.30 (.130) TYP.
3.40 (.134) TYP. 3.30 TYP. (.130)
MM (INCHES)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SRU1063 Series - Shielded SMD Power Inductors
Packaging Specifications
330 DIA. (12.99)
2.0 0.5 (.079 .020)
30.4 (1.20) 13.0 0.5 (.512 .020) DIA. 50.0 (1.969) COVER TAPE EMBOSSED CAVITY
21.0 0.8 (.827 .031)
13.0 0.5 DIA. (.512 .020) 26 (1.02)
EMBOSSED CARRIER 24.0 (.945)
END
4 (.157)
START
4R7
4R7
4R7
16 (.63)
NO COMPONENT NO COMPONENT COMPONENTS
200 (7.874)
400 (15.748)
USER DIRECTION OF FEED
QTY: 500 PCS. PER REEL
DIMENSIONS:
MM (INCHES)
03/07 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SRU1063

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X