Part Number Hot Search : 
0512T GSC4435 SMCJ26 04N70 GSC4435 100MZF P6KE51 C67078
Product Description
Full Text Search
 

To Download SM290A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM220A
THRU
SM2100A
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
VOLTAGE RANGE
20 to 100 Volts
CURRENT FEATURES
* Ideal for surface mount applications * Easy pick and place * Built-in strain relief * Low forward voltage drop
.058(1.47) .052(1.32)
2.0 Ampere
DO-214AC(SMA)
.110(2.79) .100(2.54)
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Metallurgically bonded construction * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.063 grams
.090(2.29) .078(1.98) .060(1.52) .030(0.76)
.177(4.50) .157(3.99) .012(0.31) .006(0.15)
.005 MAX. (.127) .208(5.28) .194(4.93)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 2.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance RqJA (Note 2) Operating Temperature Range TJ Storage Temperature Range TSTG
NOTES:
SM220A SM230A SM240A SM250A SM260A SM280A SM290A SM2100A UNITS
20 14 20
30 21 30
40 28 40
50 35 50 2.0 50 0.70 1.0 20 170 75
60 42 60
80 56 80
90 63 90
100 70 100
V V V A A V mA mA pF C/W C C
0.55
0.85
Ta=100 C
-65
+125 -65 +150
-65
+150
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient.
RATING AND CHARACTERISTIC CURVES (SM220A THRU SM2100A)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CHARACTERISTICS
2.4 2.0
50
INSTANTANEOUS FORWARD CURRENT,(A)
SM 22 0A ~S M 0A 24 0A ~S M 26 0A
SM 25
1.6
25 SM 22 SM
1.2 0.8 0.4
10 3.0 1.0
0A
0A 4 M2 ~S 0A
1 M2 ~S 00 A
28 SM
21 M ~S 0A
00
A
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE ( C) FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD SURGE CURRENT,(A)
50
Tj=25 C Pulse Width 300us 1% Duty Cycle
0.1
40
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
FORWARD VOLT AGE,(V)
20
10
FIG.5 - TYPICAL REVERSE
0 1 5 10 50 100
CHARACTERISTICS 100
NUMBER OF CYCLES AT 60Hz
FIG.4-TYPICAL JUNCTION CAPACITANCE
350 300 250 200 150 100 50 0
JUNCTION CAPACITANCE,(pF)
REVERSE LEAKAGE CURRENT, (mA)
10
1.0
Tj=75 C
.1
Tj=25 C
.01
.05
.1
.5
1
5
10
50
100
.01 0
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENTAGE RATED PEAK REVERSE VOL TAGE


▲Up To Search▲   

 
Price & Availability of SM290A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X