Part Number Hot Search : 
BD802 1000G XGXXX 41001 C2371 KRA309E SMA473 MC3610
Product Description
Full Text Search
 

To Download SD200-13-23-242 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UV Enhanced Silicon Photodiode SD 200-13-23-242
PACKAGE DIMENSIONS INCH [mm] PACKAGE DIMENSIONS INCH [mm]
.208 [5.28] .193 [4.90] .100 [2.54] O.300 [7.62] PIN CIRCLE O.435 [11.05] O.425 [10.80] O.490 [12.45] O.480 [12.19] 95 VIEWING ANGLE 1 O.555 [14.10] O.545 [13.84]
2 3X O.018 [0.46] 3
.024 [0.60] MAX GLASS ABOVE CAP TOP EDGE
3X 1.50 [38.1] 1 ANODE 2 CASE GROUND O.200 [5.08] ACTIVE AREA 3 CATHODE SCHEMATIC
CHIP DIMENSIONS INCH [mm] CHIP DIMENSIONS INCH [mm]
.222 [5.64] SQUARE
TO-8 PACKAGE
TO-8 PACKAGE
FEATURES
* * * * Low noise UV enhanced High shunt resistance High response
DESCRIPTION
The SD 200-13-23-242 is a UV enhanced silicon PIN packaged in a hermetic TO-5 metal package.
APPLICATIONS
* Instrumentation * Industrial * Medical
ABSOLUTE MAXIMUM RATING (TA)= 23C UNLESS OTHERWISE NOTED
SYMBOL VBR TSTG TO TS PARAMETER Reverse Voltage Storage Temperature Operating Temperature Soldering Temperature* -55 -40 MIN MAX 75 +150 +125 +240 UNITS
Responsivity (A/W) 0.60 0.50 0.40 0.30 0.20 0.10 0.00 200 250
SPECTRAL RESPONSE
V C C C
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
1050
1100
* 1/16 inch from case for 3 seconds max.
Wavelength (nm)
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23C UNLESS OTHERWISE NOTED
SYMBOL ID RSH CJ lrange R VBR NEP tr CHARACTERISTIC Dark Current Shunt Resistance Junction Capacitance Spectral Application Range Responsivity Breakdown Voltage Noise Equivalent Power Response Time** TEST CONDITIONS VR = 5V VR = 10 mV VR = 0 V, f = 1 MHz VR = 5 V, f = 1 MHz Spot Scan l= 365nm, VR = 0 V I = 10 A VR = 0V @ l=365nm RL = 50 ,VR = 0 V RL = 50 ,VR = 10 V MIN 77 345 102 250 0.14 1100 0.18 10 8.9x10-14 190 13 TYP 6.0 MAX 30 UNITS nA MW pF nm A/W V W/ Hz nS
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are subject to change without notice.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 * Phone (805) 987-0146 * Fax (805) 484-9935 * www.advancedphotonix.com
1150


▲Up To Search▲   

 
Price & Availability of SD200-13-23-242

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X