Part Number Hot Search : 
55T10 XMG16 AOH3110 FN2899 TPS54332 2A103J PD0250 HCF4014B
Product Description
Full Text Search
 

To Download SCM040600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 celduc(R)
r e l a i s
S/CON/SCM040600/A/16/03/05
PRELIMINARY DATA
Page 1/5 GB
MOSFET BASED DC SOLID STATE RELAY
Latest MOSFET technology generation. Ultra low on-state resistance. New innovative isolated driver ensuring fast power transistor turn on and off therefore low power transient. Ultra low output leakage current Low control current consumption Triggered control input to avoid linear control risks Low conducted and radiated disturbances
Load voltage range
Depends on protection clamping voltage
SCM040600
Control voltage range Max. output peak voltage Nom. load current with heatsink
Connections M3 round tabs M5 round tabs Dimensions (WxHxD) 44.5 x 58.2 x 27
4.5-32VDC 600VDC 40ADC
Weight
Load current range
(with heatsink)
Control input voltage range
In & case / Out Insulation
0 to 40A
4.5-32VDC
4kV Fig. 2
(mm)
100g
Fig. 1
HIGH SIDE WIRING DIAGRAM (Load connected to "-")
LOW SIDE WIRING DIAGRAM (Load connected to "+")
See Instruction sheet for selective the right protective components (Red paths as short as possible)
See Instruction sheet for selective the right protective components (Red paths as short as possible)
Fig. 3
INTERNAL DIAGRAM
Proud to serve you
Data given at Tambient=40C and subject to modification without previous notice
r
celduc
e l a i
(R)
s
celduc(R)
r e l a i s
S/CON/SCM040600/A/16/03/05
Page 2/5 GB
CONTROL INPUT CHARACTERISTICS
CHARACTERISTIC LABEL Uc Ic Ucontyp Ucoffmin Ucofftyp Ucmax -Ucmax -Icmax Re VALUE 4.5 - 32VDC 25 - 42mADC for control voltage range 4.3V 1VDC 3.5V 32VDC 32VDC 100A Current limitation See fig. 5 See fig. 5 INFO.
INPUT CIRCUIT
Control voltage range Current consumption Typical turn on voltage Min. releasing voltage Typical releasing voltage Max. input voltage Max. reverse voltage Max. reverse leakage current Input impedance
POWER OUTPUT CHARACTERISTICS
CHARACTERISTIC Mains voltage range Non-repetitive peak voltage Overvoltage protection Reverse voltage (internal diode) Max. repetitive avalanche current Max. single pulse avalanche energy Max. repetitive pulse avalanche energy Maximum nominal currents LABEL Ue Utp D1 -Ut Iep Eep Eep Resistive 40A Non-repetitive peak overload current Min. load current Max. leakage current Max. on-state resistance Typ. output capacitance Junction/case thermal resistance per power element Built-in heatsink thermal resistance vertically mounted Heatsink thermal time constant Control inputs/power outputs insulation voltage Inputs/case insulation voltage Outputs/case insulation voltage Isolation resistance Isolation capacitance Maximum junction temperature Storage ambient temperature Operating ambient temperature Max. case temperature Iepeak Iemin Ielk RDSon Cout Rthjc Rthra Tthra Uimp Uimp Uimp Rio Cio Tjmax Tstg Tamb Tc 140A 0mA 250ADC 140m 2.2nF 0.4K/W 8K/W 10min 4kV 4kV 4kV 1G <8pF 150C -40->+100C -40->+90C 100C See fig. 7 Total = 1 power elements @Tra=60C @Tra=60C
@Utp @Tjmax @Iemax @Tjmax
VALUE Depends on protection clamping voltage (D1) 600V Not integrated A voltage clamping mean must be connected across the terminals 1 & 2 (see fig 1 & 2) 1,2V 20A 1800mJ 1mJ Motor Please consult us
INFO.
See Instruction sheet for selective the right protective components
@Ie=-47A @Uc=0 Pulse width limited by Tj max @Ut=50V @Ie=10A @Ie=20A
Ie
POWER CIRCUIT
See fig. 7 Values with heatsink See fig. 8
celduc(R)
r e l a i s
S/CON/SCM040600/A/16/03/05
Page 3/5 GB
TIME CHARACTERISTICS
Fig. 4 TIME DIAGRAMS
TIME CHARACT.
CHARACTERISTIC Turn on time Turn on delay Turn off time Turn off delay Max. On-Off frequency
LABEL ton tdon toff tdoff F(on-off)
VALUE 10s (1.2s typical) 600s (500s typical) 10s (1s typical) 100s (60s typical) 700Hz
INFO.
GENERAL INFORMATION
CONNECTIONS
Connections Screwdriver advised Min and max tightening torque Insulated crimp terminals (round tabs, eyelet type) Display Power PhilipsTM NR2 1.8 N.m M5 Control PhilipsTM NR1 0.8 N.m M3
Green LED (indicates relay has switched ON) UL94V0 2 screws (M4x12mm) No audible noise 100g
See mounting sheet
MISC.
Housing Mounting Noise level Weight
STANDARDS
GENERAL
Standards Protection level Protection against direct touch CE marking UL, cULUS and VDE approvals TYPE OF TEST
STANDARD EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-11
IEC60947-1 IP00 None Yes Pending LEVEL Pending Pending
4kV coupling by clamp on the input side and direct for power side 1kV direct coupling on the input side (pending for power side)
EFFECT ? ? No effect ?
E.M.C. IMMUNITY
E.S.D. (Electrostatic discharges) Radiated electromagnetic fields Fast transients bursts Electric chocks Voltage drop
-
E.M.C. EMISSION
Radiated and conducted disturbances
NFEN55011
Pending
celduc(R)
r e l a i s
S/CON/SCM040600/A/16/03/05
Page 4/5 GB
CHARACTERISTIC CURVES
Fig. 5
Ic (mADC) 45 40 35 30 25 20 15 10 5 0 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 Uc (VDC) @25C
INPUT CHARACTERISTIC
Fig. 6
RDSon 200 (mOhms)
180 160 140 120 100 80 60 40 20 0 -50
ON RESISTANCE VS TEMPERATURE
0
50
100
150
Junction Temperature (C)
Fig. 7
Permanent current Ie (ARMS)
POWER DISSIPATED AND LOAD CURRENT LIMIT VS TEMPERATURE
Please refere to the installation notice for precautions about mounting the device on a heatsink.
1.2K/W 1.1K/W 0.9K/W 0.75K/W 0.55K/W 0.3K/W 0.2K/W 0.1K/W
Power dissipated (W)
45
1.3K/W
284 224 172 126 87.5 56 31.5 14 3.5
8K/W 4K/W 2.4K/W 2.2K/W 2.1K/W 1.95K/W 1.5K/W
40 35 30 25 20 15 10 5 0 0
8K/W = No Heatsink 2.1K/W = WF210000 1.1K/W = WF131100 0.3K/W = WF031100
0 10 20 30 40 50 60 70 80 90
Ambient temperature (C) 2.2K/W = WF151200 1.2K/W = WF121000 0.55K/W = WF050000
100
110
4K/W = No reference 1.95K/W = WF191100 0.9K/W = WF092000 0.2K/W = WF020000
2.4K/W = WF152100 1.5K/W = WF141100 0.9K/W = WF115100 0.1K/W = No reference
2.2K/W = WF262100 1.3K/W = WF129100 0.7K/W = WF070000
Fig. 8
Ie 150 (A) 140 130 120 110 100 90 80 70 60 50 40 30 20 10 0 0 100 200
CURRENT OVERLOAD CHARACTERISTIC
Non repetitive peak overload switching current vs overvoltage protection clamping voltage (D1)
Single pulse F(on-off)=50Hz F(on-off)=100Hz F(on-off)=700Hz
Ie 140 (A) 120 100 80 60 40 20 0
Non repetitive on-state (no switching) max. peak current vs overload pulse duration
300
400
500
600 Utpk (V)
0.1
1
10
100 1000 Pulse duration (ms)
celduc(R)
r e l a i s
S/CON/SCM040600/A/16/03/05
Page 5/5 GB
DIMENSIONS AND ACCESSORIES
Fig. 9 DIMENSIONS
28 22.8
0,5
19.6
O4.7
28 M5
1+ 58.2 43.2
247.6
47.5
3+
25.8 TOLERANCES: 0.3
Fig. 10 ACCESSORIES
25.4 44.5
PROTECTIVE COVER 1K470000
r
celduc(R)
e l a i s
5.1 M3
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - France Phone : 33 (0) 4 77 53 90 21 Fax : 33 (0) 4 77 53 85 51 Email : celduc-relais@celduc.com


▲Up To Search▲   

 
Price & Availability of SCM040600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X