Part Number Hot Search : 
SRT13 01005 1392K 0SERIE TDA74 R15KP20 D1616 BAS16S3
Product Description
Full Text Search
 

To Download SAS00100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S/DIV/SASxxxxx/A/14/03/2000
page 1 /2 F/GB
RELAIS DE COURT-CIRCUIT SHORT CIRCUIT RELAY
Le SAS est un relais electronique de court-circuit. Il est principalement destine a etre installe dans les feux de balisage encastres. Il peut etre utilise egalement pour proteger un sous- ensemble contre une surtension durable. Il court-circuite la charge a proteger des que la tension a ses bornes est superieure a un seuil. Il se rearme automatiquement desque la tension a repris une valeur normale. SAS is a solid state relay to short a load if this load is broken. It is mainly used to short lamps on airport taxiways. It could be used too as a stable protection against over voltage. The load is shorted as soon as the line voltage exceeds the dectection level. As soon as the line voltage is nominal the relay reset alone and switch off.
SAS
Schema equivalent Schematic
Exemple d'utilisation / Example of use :
Dispostif d'amorcage
RELAIS SAS RELAIS SAS RELAIS SAS RELAIS SAS
Caracteristiques electriques a 20C / Electrical characteristics
Tension reseau / Line voltage Puissance des lampes / Power of lamps Courant de court-circuit max / Short circuit current Seuil de detection typique / Level of detection Chute de tension directe / Offset voltage Courant de fuite / Leakage current Courant de maintien / Holding current Tension crete / Peak voltage dv/dt a l'etat bloque / Static du/dt Temps de fermeture / Switch-on time Temps d'ouverture / Switch-off time 48 a 500 Veff 45-400 ou 200 W 6,6 A 55 V 1,1 V < 2 mA 50 mA 600 V 200 V/s 0,1 mS
Caracteristiques generales / General characteristics
Temperature de stockage / Storage temperature Temperature d'utilisation / Operating temperature Tension d'isolement sortie/boitier / Output/case isolation Poids / Weight Resistance thermique (Rthc-a) / Thermal resistance (Rthc-a) -40 +125C -40 +125C 1500 V eff 80 g 4,5C/W
Proud to serve you
All technical caracteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis.
celduc
r e l a i
s
S/DIV/SASxxxxx/A/14/03/2000
page 2 / 2 F/GB
SAS20021 : 2 FILS /2 WIRES
LONGUEURS FILS 230MM DENUDAGE 3MM 40,4 19,86 O4
SAS20011 : 2 FILS /2 WIRES
LONGUEURS FILS 230MM DENUDAGE 3MM 40,4 20 19,86
24 24
29
34
=
=
O3,2
=
=
O3,2 35 35
SAS20121 : 2 FILS /2 WIRES + COSSES
LONGUEURS FILS 230MM 2 COSSES MALES 6,3MM EN EXTREMITE
SAS00100 : 4 FILS /4 WIRES
40,4
40,4
19,86
O4
20
wires lenght =110mm
19,86
24
29 24
34
each wire is double /chaque fil est double
=
= =
=
O3,2
O3,2
35
35
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19


▲Up To Search▲   

 
Price & Availability of SAS00100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X