Part Number Hot Search : 
BR86DLC 051F0 MAX6513 ZPD2036 M54HC257 PO100 G425SD ZPD2036
Product Description
Full Text Search
 

To Download PLCC44AGSMT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLCC SOCKETS
Adam Technologies, Inc.
PLASTIC LEADED CHIP CARRIER SOCKET SURFACE MOUNT
PLCC SERIES
INTRODUCTION: Adam Tech SMT PLCC Series Sockets are low profile, thin wall sockets designed to convert plastic leaded chips to a thru-hole PCB format on a .100" centerline grid. They conform to all applicable EIA and JEDEC standards. Adam Tech's superior precision stamped contact design provides consistent, high retention contacts for all size chips. Chip exchanges or replacements are easily made with Adam Tech's chip remover part no. PLCC-EXT. FEATURES: Full range of sizes from 20P ~ 100P Consistent, uniform high retention contacts Compatible with wide range of chip sizes No solder wicking design Hi Temp PPS insulator Open frame design for viewable solder joints MATING PLASTIC LEADED CHIPS: All EIA / JEDEC compliant PLCC SPECIFICATIONS: Material: Standard Hi-Temp insulator: PPS, Glass reinforced, rated UL94V-0 Insulator Color: Brown Contacts: Phosphor Bronze Contact Plating: Tin over copper underplate overall Electrical: Operating voltage: 250V AC max. Current rating: 1 Amp max. Contact resistance: 30 m max. initial Insulation resistance: 1000 M min. Dielectric withstanding voltage: 500V AC for 1 minute Mechanical: Insertion force: 6.35 oz max. Withdrawal force: 1.0 oz min Temperature Rating: Operating temperature: -55C to +105C Soldering process temperature: 260C PACKAGING: Anti-ESD plastic tubes APPROVALS AND CERTIFICATIONS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
ORDERING INFORMATION PLCC
SERIES INDICATOR PLCC = Plastic Leaded Chip Carrier Socket
68
AT
SMT
CONTACT CONFIGURATION SMT = Low profile body, surface mount leads
CONTACTS 20, 28, 32, 44, 52, 68, 84
PLATING AT = Tin-plated AG = Gold-plated
Pb
UL
(R)
(R)
(R)
E DCOMPLIANT
2002 / 95 / EC
RoHS V
HI-TEMP
INSULATOR
AVA I L A B L E
OPTIONS: Add designator(s) to end of part number P = With polarizing pegs TR = Tape and reel packaging
186
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT


▲Up To Search▲   

 
Price & Availability of PLCC44AGSMT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X