|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CdS Photoconductive Photocells PDV-P5001 PACKAGE DIMENSIONS INCH [mm] PACKAGE DIMENSIONS INCH [mm] .010 [0.25] .366 [9.30] +.015 [0.38] -.010 [0.25] .079 [2.00] EPOXY ON LEADS 3 mm MAX 2X O.016 [0.40] .300 [7.62] PLASTIC COATED .010 [0.25] O.433 [11.00] 2X 1.437 [36.5] CERAMIC PACKAGE FEATURES * Visible light response * Sintered construction * Low cost DESCRIPTION The PDV-P5001 are (CdS), Photoconductive photocells designed to sense light from 400 to 700 nm. These light dependent resistors are available in a wide range of resistance values. They're packaged in a two leaded plastic-coated ceramic header. APPLICATIONS * Camera exposure * Shutter controls * Night light Controls ABSOLUTE MAXIMUM RATING (TA)= 23C UNLESS OTHERWISE NOTED SYMBOL Vpk Pd po/t TO TS PARAMETER Applied Voltage Continuous Power Dissipation Operating and Storage Temperature Soldering Temperature* -30 MIN MAX 350 400 +75 +260 UNITS V mW/C C C * 0.200 inch from base for 3 seconds with heat sink. ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23C UNLESS OTHERWISE NOTED SYMBOL RD RI S lrange lpeak tr Tf CHARACTERISTIC Dark Resistance Illuminated Resistance TEST CONDITIONS MIN 0.3 8 0.6 400 520 55 25 700 TYP MAX 16 After 10 sec. @ 10 Lux @ 2856 K 10 Lux @ 2856 K LOG(R100)-LOG(R10)** Sensitivity LOG(E100)-LOG(E10)*** Spectral Application Range Flooded Spectral Application Range Flooded Rise Time 10 Lux @ 2856 K Fall Time After 10 Lux @ 2856 K UNITS MW KW W/Lux nm nm ms ms **R100, R10: cell resistances at 100 Lux and 10 Lux at 2856 K respectively . ***E100, E10: luminances at 100 Lux and 10 Lux 2856 K respectively. Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are subject to change without notice. REV 3/30/06 |
Price & Availability of PDV-P5001 |