Part Number Hot Search : 
UPD23C32 TMH0512D AN5295 D3055 44000 Z7500 C2012X7 SL702B
Product Description
Full Text Search
 

To Download NFS40SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Embedded Power for Business-Critical Continuity
NFS40 Series
SIngle and triple output
Rev.12.12.08_118 NFS40 Series 1 of 4
Total Power: 40 - 50W Input Voltage: 85 - 264VAC 120 - 370VDC # of Outputs: Single, triple
Electrical Specifications
Special Features
* 5.0 x 3.0 x 1.2 inch package (1U applications) * Industry standard package * Overvoltage and short circuit protection * 40 W with free air convection * 50 W with 20 CFM forced air * EN55022, EN55011 conducted noise level A * UL, VDE and CSA safety approvals * Available RoHS compliant * 2 year warranty
Input
Voltage adjustability: Line regulation: LL to HL, FL Load regulation: FL to NL Transient response: Temperature coefficient: Overvoltage protection: Output power limit: Short circuit protection: +5 V output on triples Vout on singles Main output Auxiliary outputs Main output Auxiliary outputs +5 V (1.5 - 3 A) All outputs +5 V output Primary power limited Single outputs Multiple outputs Universal input 5.0% 5.0% 0.2% 1.0% 2.0% 5.0% 120 mV max. dev. 500 s recovery 0.02%/C S3.15 A, 250 Vac In live and neutral 90 W input power limit Continuous Short term 85-264 Vac 120-370 Vdc 47-440 Hz 132 Vac, cold start 264 Vac, cold star 110 Vac, 60 Hz 230 Vac, 50 Hz 12 A max. 24 A max. 0.13 mA, max. 0.32 mA, max.
Output
Input voltage range: Input frequency range:
Safety
* VDE0805/EN60950/ * IEC950/IEC1010 * File No. 10401-3336-0044 * License No. 2559 * UL1950 File No. E136005 * CSA C22.2 No. 950 * File No. LR41062C
Max. input surge current: Safety ground leakage current:
Embedded Power for Business-Critical Continuity
Specifications
All specifications are typical at nominal input, full load at 25 C unless otherwise stated
Rev.12.12.08_118 NFS40 Series 2 of 4
EMC Charateristics (11, 12)
Conducted emissions: Radiated emissions: ESD air: ESD contact: Surge: Fast transients: Radiated immunity: Conducted immunity: EN55022, FCC part 15 EN55022 EN61000-4-2, level 3 EN61000-4-2, level 4 EN61000-4-2, level 3 EN61000-4-4, level 3 EN61000-4-3, level 3 EN61000-4-6, level 3 110 Vac, 40 W 230 Vac, 40 W Input/output Input/chassis Level B Level A Perf. criteria 1 Perf. criteria 1 Perf. criteria 1 Perf. criteria 1 Perf. criteria 2 Perf. criteria 2 14 ms 110 ms 70% typical 3000 Vac 1500 Vac
General Specifications
Hold-up time: Efficiency: Isolation voltage: Switching frequency:
Variable Approvals and standards: (see VDE0805, EN60950, IEC950, IEC1010, Notes 9, 13) UL1950, CSA C22.2 No. 950 Weight: 280 g (9.88 oz) MTBF demonstrated: MIL-HDBK-217E 170,000 hours
Environmental Specifications
Thermal performance: (See notes 8, 10) Operating Non-operating 50 C ambient temp., convection cooled Forced air cooling +50 C to +70 C ambient Peak (60 seconds) Relative humidity: Altitude: Vibration (See Note 11): Non-condensing Operating Non-operating 5-500 Hz 0 C to +70 C -40 C to +85 C 40 W 50 W @ 20 CFM Derate linearly to 50% load 60W 5 to 80% RH 10,000 feet max. 40,000 feet max. 2.4 G rms peak
Embedded Power for Business-Critical Continuity
Ordering Information
Output Voltage +5.1 V (A) +12 V (B) -12 V (C) +5.1 V (A) +12 V (B) -12 V (C) +5.1 V (A) +12 V (B) -5.0 V (C) +5.1 V (A) +15 V (B) -15 V (C) 3.3 V +5.1 V +12.0 V +15.0 V +24.0 V Notes
1 2 3 4 5
Output Currents Max (1) 3A 2A 0.35 A 4A 0.35 A 0.35 A 3A 2A 0.35 A 3A 2A 0.35 A 6A 6A 3.3 A 2.6 A 1.6 A Peak (2) 7A 3A 1A 7A 1A 1A 7A 3A 1A 7A 2.5 A 1A 12 A 12 A 5A 4A 2.5 A Fan (3) 5A 2A 0.5 A 5A 0.5 A 0.5 A 5A 2A 0.5 A 5A 2A 0.5 A 8A 8A 4A 3.3 A 2A
Ripple (4) 50 mV 120 mV 120 mV 50 mV 120 mV 120 mV 50 mV 120 mV 50 mV 50 mV 150 mV 150 mV 100 mV 100 mV 120 mV 150 mV 240 mV
Total Regulation (5) 2.0% 5.0% 5.0% 2.0% 5.0% +5.0% 2.0% 5.0% 5.0% 2.0% 10.0%/-3.0% 5.0% 2.0% 2.0% 2.0% 2.0% 2.0%
Model Numbers (13, 14, F) NFS40-7608J (5,6)
Rev.12.12.08_118 NFS40 Series of 4
NFS40-7628J (12)
NFS40-7607J (5,6)
NFS40-7610J (5,6)
NFS40-76S3J NFS40-7605J NFS40-7612J NFS40-7615J NFS40-7624J
6 7 8 9 10 11 12 13 14 15
Natural convection cooled, 40 W maximum. Peak output current lasting less than 30 seconds with duty cycle less than 10%. During peak loading, outputs may go outside of total regulation limits. Peak total power must not exceed 60 W. Forced air, 20 CFM at 1 atmosphere, 50 W maximum. Figure is peak-to-peak. Output noise is measured across a 50 MHz bandwidth using a 12 inch twisted pair, terminated with a 47 F capacitor. Total regulation is defined as the static output regulation at 25 C, including initial tolerance, line voltage within stated limits, load currents within stated limits, and output voltages adjusted to their factory settings. Also, 0.2550 C, for optimum reliability no part of the heatsink should exceed 110 oC and no semiconductor case temperature should exceed 115 oC. A 4 W minimum load is recommended to achieve the design MTBF. Caution: Allow a minimum of 1 second after disconnecting the power when making thermal measurements. Three orthogonal axes, sweep at 1 octave/minute, 5 minute dwell at four major resonances. The NFS40-7628J has separately linear regulated +12 V and -12 V outputs. The loading conditions in Notes 5 and 6 do not apply. This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product. The `J' suffix indicates that these parts are Pb-free (RoHS 6/6) compliant. NOTICE: Some models do not support all options. Please contact your local Emerson Network Power representative or use the on-line model number search tool at http://www.powerconversion.com to find a suitable alternative.
Pin Connections
J1 Pin 1 Pin 2 J2 Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6 P1(c) Pin 1
DERATING CURVE Output Power (Watts)
50W 20 CFM FORCED AIR COOLING 40W
-7608J, -7628J AC Live AC Neutral +12 V +5.1 V +5.1 V Return Return -12 V
-7607J AC Live AC Neutral +12 V +5.1 V +5.1 V Return Return -5 V
-7610J AC Live AC Neutral +15 V +5.1 V +5.1 V Return Return -15 V
SINGLES AC Line AC Neutral +Vout +Vout +Vout Return Return Return
Safety Ground
NATURAL CONVECTION COOLING
25W 20W
0C
10C
20C
30C
40C
50C
60C
70C
Embedded Power for Business-Critical Continuity
Mechanical Drawing
0.156 (3.96) Dia. (4 Places) 5.00 (127.00)
Americas
5810 Van Allen Way Carlsbad, CA 92008 USA Telephone: +1 760 930 4600 Facsimile: +1 760 930 0698
Rev.12.12.08_118 NFS40 Series 4 of 4
NON-METALLIC STAND-OFF (SEE NOTE A)
C5 Q1
MAXIMUM COMPONENT HEIGHT 1.2 inches
Europe (UK)
J1 3.00 (76.2)
~ N ~ L F1 F 3.15A, H 250VAC P1 (SEE NOTE C)
1 T1 J2
2.550 (64.8)
Waterfront Business Park Merry Hill, Dudley West Midlands, DY5 1LX United Kingdom Telephone: +44 (0) 1384 842 211 Facsimile: +44 (0) 1384 843 355
Asia (HK)
0.22 (5.59) 4.55 (115.8)
14/F, Lu Plaza 2 Wing Yip Street Kwun Tong, Kowloon Hong Kong Telephone: +852 2176 3333 Facsimile: +852 2176 3888
0.22 (5.59)
For global contact, visit:
www.powerconversion.com techsupport.embeddedpower @emerson.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Emerson Network Power assumes no responsibility, and disclaims all liability for damages resulting from use of this information or for any errors or omissions.
ALL DIMENSIONS IN INCHES (mm)
Mechanical Notes
A In order to meet safety requirements, a non-metallic stand-off is mandatory for one hole as specified in the mechanical drawing above. B The ground pad of the mounting hole near P1 allows system grounding through a metal stand-off. C To improve conducted noise, the ground pad of the mounting hole near the output connector should be connected with the ground pad of the mounting hole near P1. Use metal stand-offs attached to a common metal chassis. This connection also significantly attenuates common mode noise. D A standard L-bracket and cover is available for mounting which contains all screws, connectors and necessary mounting hardware. Order part number `NFS40 COVER KIT'.
Emerson Network Power. The global leader in enabling business-critical continuity. AC Power Connectivity DC Power Embedded Computing Embedded Power Monitoring Outside Plant Power Switching & Controls Precision Cooling Racks & Integrated Cabinets Services Surge Protection EmersonNetworkPower.com
Emerson Network Power and the Emerson Network Power logo are trademarks and service marks of Emerson Electric Co. (c)2008 Emerson Electric Co.


▲Up To Search▲   

 
Price & Availability of NFS40SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X