Part Number Hot Search : 
6BD24 L4004D3 00DT1 W9412G6 2SC3942 MUR3040 1C681 JS28F
Product Description
Full Text Search
 

To Download MSR127RP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Safety Relays
Monitoring Safety Relays
Minotaur MSR127RP/TP Specifications
Standards EN954-1, ISO13849-1, IEC/ EN60204-1, IEC60947-4-1, IEC60947-5-1, ANSI B11.19, AS4024.1 Cat. 4 per EN 954-1 (ISO 13849-1) CE marked for all applicable directives, cULus and BG 24V AC/DC, 115V AC or 230V AC 0.8 to 1.1 x rated voltage, 50/60Hz 2W 1 N.C. or 2 N.C. or 2 PNP (light curtain) Infinite 110 ohms Monitored Manual or Auto./Manual 3 N.O. Safety; 1 N.C. Auxiliary AC-1: 5A/250V AC DC-1: 5A/24V DC B300, AC-15; 5A/250V AC, 5A/125V AC P300, DC-13; 3A/24V DC 5A/24V DC @ 6 ops/min 3x4A or 2x5A 3x3A or 2x4A or 1x5A 6A Slow Blow or 10A Quick Blow 10mA/10V AgSnO2 + 0.5mAu 1s 15ms 100ms Green = Power Green = CH1 Closed Green = CH2 Closed 2500V 2 -5C to +55C (+23F to 131F) 90% RH IP40 (NEMA 1) IP20 0.2 to 4mm2 (24-12AWG) 0.4Nm (3.54lb*in) Polyamide PA 6.6 35mm DIN rail 210g (0.463lbs) 260g (0.573lbs) 100,000 operations 500,000 operations 300,000 operations 100,000 operations 1,000,000 operations 2,000,000 operations 2,000,000 operations 10-55Hz, 0.35mm 10g, 16ms, 100 shocks
Category Approvals Power Supply Power Consumption Safety Inputs Input Simultaneity
Description
The MSR127RTP can be connected in three different input wiring configurations: 1 N.C., 2 N.C., or with 2 PNP connections from a light curtain. When connected in the 2 N.C. fashion, the MSR127RTP checks for cross faults across the two inputs. When connected to light curtains, the light curtain must perform the cross fault detection. The MSR127RP has a monitored manual reset. The MSR127TP has an automatic/manual reset. Models with automatic/manual reset can have the reset jumpered or can be converted to an unmonitored manual reset by adding a normally open switch in the monitoring loop. Models with monitored manual reset provide checking of the output monitoring circuit. The outputs include 3 normally open safety rated outputs as well as 1 normally closed auxiliary output. The safety outputs have independent and redundant internal contacts to help ensure the safety function. The auxiliary output is a nonsafety output intended to provide an external signal about the status of the safety outputs.
Max. Allowable Input Resistance Reset Outputs Output Utilization per IEC 60947-4-1 (Resistive) Output Utilization per IEC 60947-5-1 (Inductive)
Thermal Current (non switching) Units with 24V AC/DC supply: Units with 115/230V AC supply: Fuses Output (external) Min. Switched Current/Voltage Contact Material Power On Delay Response Time Recovery Time Indication LEDs Impulse Withstand Voltage Pollution Degree Operating Temperature Humidity Enclosure Protection Terminal Protection Maximum Conductor Size Torque Settings--term. screws Case Material Mounting Weight 24V DC 110V AC or 230V AC Electrical Life (w/Surge Supp.) 250V AC/6A/1500VA cos=1 250V AC/2.5A/625VA cos=1 250V AC/1.5A/375VA cos=0.35 250V AC/5A/1250VA cos=0.6 24V DC/2A/48W 10V DC/0.01A/0.1W Mechanical Life Vibration Shock
Features
* * * * * * * * Category 4 per EN 954-1 Stop category 0 3 Safety contacts 1 Auxiliary contact Cross fault monitoring Monitored or automatic reset Removable terminals Light curtain, E-Stop or safety gate applications
See Output Ratings on page 1-29 for details. Consult factory for ratings not shown.
4-38
Safety Relays
Monitoring Safety Relays
Minotaur MSR127RP/TP Product Selection
Inputs Safety Outputs Auxiliary Outputs Terminal s Power Supply 24V AC/DC Fixed 115V AC 230V AC 3 N.O. 1 N.C. 24V AC/DC Removable 115V AC 230V AC Type MSR127T MSR127R MSR127T MSR127R MSR127T MSR127R MSR127TP MSR127RP MSR127TP MSR127RP MSR127TP MSR127RP Reset Automatic/Manual Monitored Manual Automatic/Manual Monitored Manual Automatic/Manual Monitored Manual Automatic/Manual Monitored Manual Automatic/Manual Monitored Manual Automatic/Manual Monitored Manual Catalogue Number 440R-N23126 440R-N23129 440R-N23125 440R-N23128 440R-N23124 440R-N23127 440R-N23132 440R-N23135 440R-N23131 440R-N23134 440R-N23130 440R-N23133
1NC, 2NC, or Light Curtain
Dimensions--mm (inches) Block Diagram
99 (3.89) 22.5 (0.88)
13 A1 S12 K1 23 S11(+) 33 41 S52 S12 13 23 33 41
S52 K2 S22 S22 24 14 24 34 42 S34 34 A2 42
114.5 (4.5)
S21 S21(-) 14
Typical Wiring Diagrams
L1
Light curtain, 24V DC Out1 Out2
A1 S11 S52 S12 13 23 33
Reset
L1 L2 L3 41 K1
L1
E-Stop
A1 S11 S52 S12 13 23 33 41
L1 L2 L3
K1
MSR127RP
K2 S21 S22 S34 A2 14 K1 N 24 K2 34 42
MSR127TP
S21 S22 S34 A2 14 K1 N 24 34 42
M
M
Light Curtain, Monitored Manual Reset, Monitored Output
L1
Single Channel E-Stop, Automatic Reset, No Output Monitoring
L1
Reset E-Stop
A1 S11 S52 S12 13 23 33 41 K1 L1 L2 L3 L1 L2 L3
open
A1
S11
S52
S12
13
23
33
41 K1
MSR127RP
K2 S21 S22 S34 A2 14 K1 N 24 K2 34 42
MSR127RP
K2
M
closed
N
S21
S22
S34
A2
14 K1
24 K2
34
42
M
Dual Channel E-Stop, Monitored Manual Reset, Monitored Output
Dual Channel Safety Gates, Automatic Reset, Monitored Output
4-39


▲Up To Search▲   

 
Price & Availability of MSR127RP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X