Part Number Hot Search : 
LB1830 12E1080 RN731VFH 7014S3 EL4584C CY7C15 2M20Z 1N5268
Product Description
Full Text Search
 

To Download MSR123RT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Safety Relays
Monitoring Safety Relays
Minotaur MSR123RT Specifications
Standards EN 954-1, ISO 13849-1, IEC/EN 60204-1, IEC 60947-4-1, IEC 60947-5-1, ANSI B11.19, AS4024.1 Cat. 4 per EN954-1 C-Tick, CE marked for all applicable directives, cULus and BG 24V AC/DC, 115/230V AC 0.8 - 1.1 x rated voltage, 50/60Hz 0.9 - 1.1 x 24V DC 4W 1N.C., 2 N.C., Light Curtain Infinite 240 ohms Auto./Manual or Monitored Manual 2 N. O. Safety, 1 S.S. PNP Aux. AC-1: 8A/250V AC DC-1: 8A/24V DC A300, AC-15 6A/250V AC, 6A/125V AC N300, DC-13; 3A/24V DC; 6A/24V DC @ 6 ops/min See limit curve Max 10A in one circuit 20mA @ 24V DC 6A slow blow or 10A quick blow 10mA/10V AgSnO2 + 0.5Au 1s 15ms 100ms Green = Power on Green = K1 Closed Green = K2 Closed 2500V -5C to +55C (+23F to +131F) 90% RH IP40 (NEMA 1), DIN 0470 IP20, DIN 0470 Solid state outputs 2 0.2-4mm2 (24-12AWG) 35mm DIN rail 270g (0.353lbs) 350g (0.474lbs) 100,000 operations 500,000 operations 1,000,000 operations 2,000,000 operations 2,000,000 operations 10-55Hz, 0.35mm 10g, 16ms, 100 shocks
Category Approvals Power Supply
Power Consumption Safety Inputs Input Simultaneity Max. Allowable Input Resistance Reset Outputs Output Utilization per IEC 60947-4-1 (Resistive) Output Utilization per IEC 60947-5-1 (Inductive)
Description
The Allen-Bradley Guardmaster Minotaur MSR123RT is a safety monitoring relay that provides two normally open safety contacts and a solid state auxiliary output for use with interfacing to PLCs. The MSR123RT can be connected to either a single or dual channel safety gate or e-stop, or can be connected to a light curtain that provides cross fault detection. Reset and output monitoring is determined by the wiring configuration. Automatic/manual reset can use a jumper or can be used to check operation of external contactors. Monitored manual requires the use of a manually operated normally open momentary switch. The MSR123RT has 2 normally open safety rated outputs. The safety outputs have independent and redundant internal contacts to help ensure the safety function. The solid state auxiliary output is a PNP circuit with short circuit protection designed to indicate the status of the MSR123RT.
Thermal Current (non switching) Output, Solid State Fuses, output external Min. Switched Current/Voltage Contact Material Power On Delay Response Time Recovery Time Indication LEDs
Features
* * * * * * * * Category 4 per EN 954-1 Stop category 0 2 Safety contacts N.O. 1 Solid state PNP auxiliary contact Single/dual channel operation Cross fault monitoring Monitored or automatic reset E-stop, safety gate or light curtain applications
Impulse Withstand Voltage Operating Temperature Humidity Enclosure Protection Terminal Protection Short Circuit Protection Pollution Degree Conductor Size Mounting Weight 24V DC 110 and 230V AC Electrical Life 220V AC/4A/880VA/cos=0.35 220V AC/1.7A/375VA/cos=0.6 30V DC/2A/60W 10V DC/0.01A/0.1W Mechanical Life Vibration Shock
0 10 20 30 40 50 60
Contact Current Limit Curve
current2 x number of contact paths, (A2)
140 120 100 80 60 40 20 0
Ambient Temperature (C)
See Output Ratings on page 1-29 for details. Consult factory for ratings not shown.
4-32
Safety Relays
Monitoring Safety Relays
Minotaur MSR123RT Product Selection
Inputs 1 N.C., 2 N.C. or Light Curtain Safety Outputs Auxiliary Outputs Power Supply 24V AC/DC 2 N.O. 1 S.S. PNP 115V AC 230V AC Catalogue Number 440R-J23106 440R-J23104 440R-J23103
Dimensions--mm (inches) Block Diagram
A1(+) S11
87 (3.42) 109.5 (4.31)
S52
S12
Y31 Y32
13 13
23 23
K1
MSR123RT
K2
14 24 A2(-)
S21 (PE)
45 (1.77)
75 (2.95)
S22
X5
S33
S34
14
24
4.5 (0.17)
Typical Wiring Diagrams
+24V DC + 24VDC Light curtain Out 1 Out 2
L1 L2 L3 A1 S11 S12 S52 X5 Y31 13 23 K1
Safety Gate
L1
Closed
L1 L2 L3 A1 S11 S12 S52 X5 Y31 13 23 K1
MSR123RT
MSR123RT
PE A2 S21 S22 S34 S33 Y32 14 24 K1 K2 K2
PE A2 S21 S22 S34 S33 Y32 14 24
M
M
Ground
Reset
N
K1
115/230V Supply, 24V DC Light Curtain, Monitored Manual Reset, Monitored Output
+24V DC
Single Channel Safety Gate, Automatic Reset, No Output Monitoring
E-Stop
A1 S11 S12 S52 X5 Y31 13 23 K1
MSR123RT
L1 L2 L3
PE A2 S21 S22 S34 S33 Y32 14 24 K1 K2
K2
M
Reset Ground
Dual Channel E-Stop, Monitored Manual Reset, Monitored Output
4-33


▲Up To Search▲   

 
Price & Availability of MSR123RT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X