Part Number Hot Search : 
MC130 30CSPT M67727 SR105 BA033C PT9250 2N4029 12512
Product Description
Full Text Search
 

To Download MSR122E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Safety Relays
Expansion Units
Minotaur MSR122E Specifications
Standards EN 954-1, ISO 13849-1, IEC/EN 60204-1, IEC 60947-5-1, ANSI B11.19, AS4024.1 Cat. 3 per EN 954-1 (ISO13849-1) C-Tick, CE marked for all applicable directives, cULus and BG 24V AC/DC, 115V AC or 230V AC 0.8 to 1.1 x rated voltage, 50/60 Hz (0.85 to 1.1 x 24V DC) 3W 1 N.C. or 2 N.C. Infinite 160 ohms 6 N.O. Safety 1 N.C. Auxiliary 1 N.C. Monitoring AC-1: 10A/250V AC DC-1: 10A/24V DC A300, AC-15 5A/250V AC, 5A/125V AC 2A/250V AC, 2A/125V AC N300, DC-13 4A/24V DC 10A/24V DC @ 6 ops/min See limit curve Max 10A in one current path 6A Slow Blow or 10A Quick Blow 10mA/10V AgSnO2 + 0.5Au 30ms Green = CH1 Closed Green = CH2 Closed 2500V 2 -5C to +50C (+23F to 122F) IP40 (NEMA 1) IP20 0.2-4mm2 (24-12AWG) 0.4Nm (3.54 lb*in) 35mm DIN rail 550g (1.21lbs) 300,000 operations 700,000 operations 350,000 operations 500,000 operations 1,000,000 operations 2,000,000 operations 5,000,000 operations 10-55 Hz, 0.35mm 10g, 16ms, 100 shocks
Category Approvals Power Supply
Power Consumption Safety Inputs Input Simultaneity Maximum Input Resistance Outputs
Description
The MSR122E is designed to be an expansion relay for use with the Minotaur safety relays. The MSR122E is typically used in safety system applications where additional outputs switching connections are needed to help shut down a manufacturing process, properly and safely. The MSR122E can be connected as a single channel (1 N.C.) or dual channel (2 N.C.) input configuration. The outputs include 6 normally open safety rated outputs used to shut down the manufacturing system and 1 normally closed auxiliary output to indicate the status of the MSR122E. One additional normally closed output is available to allow the host relay to monitor the status of the MSR122E. The safety, auxiliary and monitoring outputs have independent and redundant internal contacts to help ensure the safety function.
Output Utilization per IEC 60947-4-1 (Resistive) Output Utilization per IEC 60947-5-1 N.O. (Inductive) N.C. N.O. N.C. Thermal Current (non switching) Fuses Output (external) Min. Switched Current/Voltage Contact Material Response Time Indication LEDs
Features
* * * * Safety category according to wiring 6 Safety contacts 1 Auxiliary contact 1 Monitoring contact
Impulse Withstand Voltage Pollution Degree Operating Temperature Enclosure Protection Terminal Protection Conductor Size ACV 24V Torque Settings--term. screws Mounting Weight Electrical Life (w/Surge Supp.) 250V AC/10A/2500VA cos=1 250V AC/5A/1250VA cos=1 250V AC/5A/1250VA cos=0.35 250V AC/5A/1250VA cos=0.6 24V DC/2A/48W 10V DC/0.01A/0.1W Mechanical Life Vibration Shock
Contact Current Limit Curve
250
current2 x number of contact paths/A2
200
150
100
50
0 0 10 20 30 40 50 60
See Output Ratings on page 1-29 for details. Consult factory for ratings not shown.
Ambient temperature/C
4-58
Safety Relays
Expansion Units
Minotaur MSR122E Product Selection
Inputs Safety Outputs Auxiliary Outputs Power Supply 24V AC/DC 1 N.C. or 2 N.C. 6 N.O. 1 N.C. 115V AC 230V AC Catalogue Number 440R-E21358 440R-E21357 440R-E21356
Dimensions--mm (inches) Block Diagram
13 23 33 43 53 63 81 X1
109.5 (4.31) 87 (3.42)
A2 A3
MSR122E
A2 A4
14
24 34 44
54
64 82 X2
100 (3.93)
75 (2.95)
4.5 (0.17)
Typical Wiring Diagrams
L1
Light Curtain Out 1 Out 2 +24V DC Reset
L1 L2 L3 L1 L2 L3
A1 S11 S12 S21 S22 S52 S11 Y31 S33 S34 13 23 33 41 51
K1
A1 A3 13 23 33 43 53 63 81 X1
K3
MSR131RTP
A2 X1 X2 X3 X4 Y30 Y32 Y35 Y2 Y1 14 24 34 42 52
K2
MSR122E
M
A2 A4 14
K3
24 34 44 54 64 82 X2
M
24V DC Ground
K1 K2
N
Output Inputs Active Closed
120/230V AC Host (MSR131) with Dual Channel Light Curtain Input and Single Channel Expansion (MSR122) with Monitoring
L1
Light Curtain Out 2 Out 1
+
Reset
L1 L2 L3 S33 S34 13 23 37 47 57 K1 A1 A3 13 23 33 43 53 63 81 X1 D1 L1 L2 L3
+24V DC
-
A1
S52 S11 S12
S21 S22
MSR138DP
A2 X1 X2 X3 X4 Y39 Y40 Y2 Y1 14 24 38 48 58
K2
MSR122E
M A2 A4 14 24 34 44 54 64 82 X2
D2
M
K1
K2
D1 D2
Timer Reset
Indicator
D1, D2 = Delayed Output Load
N
120/230V AC Host (MSR138) with Dual Channel Light Curtain Input and Dual Channel Delayed Expansion (MSR122) with Monitoring
4-59


▲Up To Search▲   

 
Price & Availability of MSR122E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X