Part Number Hot Search : 
1N5243 MOTOR 7052B S16D40PT A3008 2SJ632 241TZQ16 C170A
Product Description
Full Text Search
 

To Download MSR10D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Safety Relays
Monitoring Safety Relays with Delayed Outputs
Minotaur MSR10D Specifications
Standards Category Approvals Power Supply Power Consumption Safety Inputs Input Simultaneity Maximum Input Resistance Reset Outputs EN 954-1, ISO 13849-1, IEC/EN 60204-1, IEC 60947-4-1, IEC 60947-5-1, ANSI B11.19, AS4024.1 Cat. 3 per EN 954-1 (ISO 13849-1) C-Tick, CE marked for all applicable directives and cULus 24V AC/DC and 110/230V AC <4VA 2 N.C. 0.5s 500 Monitored Manual or Auto./Manual 8 N.O. Safety Instantaneous 1 N.O. Safety delayed 0.1 to 10s 1 N.C. Auxiliary Instantaneous 1 N.C. Auxiliary delayed 0.1 to 10s B300, AC-15 4A/250V AC, 4A/125V AC P300, DC-13 3A/24V DC 4A 500mA time lag 5A quick acting 10mA/10V 50ms instantaneous Red = Power On Green = K1 Closed Green = K2 Closed Green = Off Delay Closed 2500V C in accordance with VDE 0110 3 -10C to +55C (+14F to +131F) 90% RH IP40, (NEMA 1), DIN 0470 IP20, DIN 0470 1 x 2.5mm2 (14AWG) stranded, 1 x 4mm2 (12AWG) solid 1Nm (8.85lbin) Red Polycarbonate 35mm DIN rail 1054g (2.32lbs) 100,000 operations 500,000 operations 1,000,000 operations 2,000,000 operations 2,000,000 operations 0.75mm (0.30in) peak, 10-55Hz 30g, 11ms half sine
Description
The MSR10RD has 2 N.C. dual channel input for use with gate interlocks and emergency stop buttons in higher risk applications. The MSR10RD has output monitoring that accommodates automatic/manual or monitored manual reset. Automatic/manual reset can use a jumper or can be used to check operation of the contacts. Monitored manual requires the use of a manually operated normally open momentary switch to activate the outputs. The MSR10RD has 8 N.O. instantaneous safety outputs and 1 N.C. instantaneous auxiliary outputs as well as 1 N.O. safety and 1 N.C. auxiliary delayed outputs. The delay is set by an internal potentiometer. The safety outputs have independent and redundant internal contacts to help ensure the safety function. The auxiliary contact is an nonsafety output intended to provide an external signal about the status of the safety outputs.
Output Utilization per IEC 60947-5-1 (Inductive)
Thermal Current (non switching) Fuses Input (internal, replace.) Output (external) Min. Switched Current/Voltage Maximum Dropout Time Indication LEDs
Impulse Withstand Voltage Installation Group Pollution Degree Operating Temperature Humidity Enclosure Protection Terminal Protection Conductor Size Torque Settings--term. screws Case Material Mounting Weight Electrical Life 220V AC/4A/880VA cos=0.35 220V AC/1.7A/375VA cos=0.6 30V DC/2A/60W 10V DC/0.01A/0.1W Mechanical Life Vibration Shock
Features
* * * * * * * * * Category 3 per EN 954-1 Stop category 0 and 1 2 N.C. dual channel input 8 N.O. instantaneous safety outputs 1 N.C. instantaneous auxiliary output 1 N.O. delayed safety output 1 N.C. delayed auxiliary output Automatic/manual or monitored manual reset 152mm wide housing
See Output Ratings on page 1-29 for details. Consult factory for ratings not shown.
4-42
Safety Relays
Monitoring Safety Relays with Delayed Outputs
Minotaur MSR10D Product Selection
Inputs Safety Outputs 8 N.O. Instantaneous 1 N.O. Delayed Auxiliary Outputs 1 N.C. Instantaneous 1 N.C. Delayed Reset Monitored Manual 2 N.C. Automatic/Manual Delayed Timing 0.1 to 10s 1 second fixed delay 0.5 second fixed delay Catalogue Number 440R-G23029 440R-G23067 440R-G23068
Accessories
Description 500mA Fuse Page Number 14-6 Catalogue Number 440R-A31562
Dimensions--mm (inches) Block Diagram
118.2 (4.65) 152 (5.98)
A1 F1 110/ 230 A2
+ X2
X1 K1 K9 K4 K7 K9 K10 K3 K10 K4 K5 K6 K7 K8 K2 VR1
S13
S14
13 23 33 43 53 63 73 83
91
D13 D21
24V DC K3 K4 K5
K2
K3 K3 K4 K3 K5 K4 K9
73 (2.87)
Timer
T1 K3 K4
K2 K5
K6
~
K6 K7 K8 K1
35mm DIN Rail Mounting
K6 K6 K7 K8
K7
K6 K8
K7
K10
-
S24
S23
14
24 34
44 54
64 74
84
92
D14
D22
Typical Wiring Diagrams
L
Reset Guard Closed & Unlocked
A1 42 41 54 53 S13 S14 L1 L2 L3
+
A1 13 23 33 43 53 63 73 83
91
D13 D21 X1 K1
MSR10RD
K2
A2
12 22
34
TLS2-GD2 Stop
11 21 33 S23 S24
-
A2 14 24 34 44 54 64 74 84 K1 K2
92
D14 D22 X2
M
Aux Aux
N
Dual Channel Guardlocking Safety Gate, Delayed Gate Release, Manual Reset, Dual Channel Output, Monitored Output Application Details
Timing Potentiometer Replaceable Fuse Voltage Selector Switch 230V AC 110V AC Fully CCW Fully CW Maximum 10s Minimum 0s
4-43


▲Up To Search▲   

 
Price & Availability of MSR10D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X