Part Number Hot Search : 
LRW822M5 1S200 XE0472 SM1616 B1101UC4 MAX3110 CQ0765RT LV8413GP
Product Description
Full Text Search
 

To Download MKT1820-410405-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKT 1820
Vishay Roederstein
DC Film Capacitor MKT Radial Potted Type
Dimensions in millimeters
l max. W Marking
FEATURES
10 mm to 27.5 mm lead pitch. Supplied loose in box, taped on reel RoHS compliant
H 0.6
ENCAPSULATION
Plastic case,epoxy resin sealed, flame retardant UL-class 94 V-0
6 -1 0.4 PCM 0.4 0.8
CLIMATIC TESTING CLASS ACC. TO IEC 60068-1
55/125/56
MAIN APPLICATIONS
Blocking, bypassing, filtering, timing, coupling and decoupling circuits, interference suppression in low voltage applications. High temperature operations. Automotive applications
CAPACITANCE RANGE (E12 SERIES)
1000 pF to 15 F
CAPACITANCE TOLERANCE
20 %, 10 %, 5 %
REFERENCE STANDARDS
IEC 60384-2
LEADS
Tinned wire
MARKING
C-value; tolerance; rated voltage; manufaturer's type; code for dielectric material; manufacturer location; manufacturer's logo; year and week
MAXIMUM APPLICATION TEMPERATURE
125 C
DIELECTRIC
Polyester film
MAXIMUM OPERATING TEMPERATURE FOR LIMITED TIME
150 C at 0.3 UR for maximum 200 h
ELECTRODES
Metallized
RELIABILITY CONSTRUCTION
Mono and series construction Operational life > 300 000 h (40 C/0.5 x UR) Failure rate < 2 FIT (40 C/0.5 x UR)
RATED (DC )VOLTAGE
63 V, 100 V, 250 V, 400 V, 630 V, 1000 V
DETAIL SPECIFICATION
For detailed data dc-film@vishay.com and test reqirements contact:
RATED (AC )VOLTAGE
40 V, 63 V, 160 V, 200 V, 220 V
Document Number: 26011 Revision: 23-Oct-08
For technical questions, contact: dc-film@vishay.com
www.vishay.com 1
MKT 1820
Vishay Roederstein
COMPOSITION OF CATALOG NUMBER
DC Film Capacitor MKT Radial Potted Type
MULTIPLIER (nF) 0.1 1 10 100 2 3 4 5
CAPACITANCE (numerically) Example: 468 = 680 nF
MKT 1820
TYPE
X
XX
25
X
X
TOLERANCE
SPECIAL LETTER FOR TAPED Bulk W V G Reel dia. 350 mm Reel dia. 500 mm Ammopack
Un = 06 = 63 V Un = 01 = 100 V Un = 25 = 250 V Un = 40 = 400 V Un = 63 = 630 V Un = 10 = 1000 V
4 5 6
5% 10 % 20 %
Note For detailed tape specifications refer to "Packaging Information" www.vishay.com/docs?28139 or end of catalog
SPECIFIC REFERENCE DATA
DESCRIPTION Tangent of loss angle: C x 0.1 F 0.1 F C x 1.0 F C 1.0 F Pitch (mm) 10 15 22.5 27.5 63 Vdc 12 8 5 100 Vdc 18 10 6 5 at 1 kHz 80 x 10-4 80 x 10-4 100 x 10-4 Maximum pulse rise time (dU/dt)R [V/s] 250 Vdc 36 20 12 10 400 Vdc 52 32 18 14 VALUE at 10 kHz 150 x 10-4 150 x 10-4 at 100 kHz 250 x 10-4 1000 Vdc 260 130 68 50 > 15 000 M > 30 000 M > 5000 s > 10 000 s > 30 000 M 1.6 x URdc, 1 min 2 x URdc, 1 min 125 C
630 Vdc 70 66 38 28
If the maximum pulse voltage is less than the rated voltage higher dU/dt values can be permitted. R between leads, for C 0.33 F and UR 100 V R between leads, for C 0.33 F and UR > 100 V RC between leads, for C > 0.33 F and UR 100 V RC between leads, for C > 0.33 F and UR > 100 V R between leads and case, 100 V; (Foil Method) Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s Withstanding (DC) leads and case Maximum application temperature
www.vishay.com 2
For technical questions, contact: dc-film@vishay.com
Document Number: 26011 Revision: 23-Oct-08
MKT 1820
DC Film Capacitor MKT Radial Potted Type
VOLTAGE CODE 06 63 Vdc/40 Vac w h l Pitch (mm) (mm) (mm) (mm) 3.5 3.5 3.5 4.0 4.5 5.5 6.5 6.5 7.5 8.5 8.5 8.5 8.0 8.0 8.0 9.0 9.5 10.5 11.5 12.5 13.5 14.5 17.5 16.5 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 10.0 10.0 10.0 10.0 10.0 10.0 10.0 15.0 15.0 15.0 15.0 22.5 VOLTAGE CODE 01 100 Vdc/63 Vac w h l Pitch (mm) (mm) (mm) (mm) 3.5 3.5 3.5 3.5 4.0 4.5 5.5 5.5 6.5 6.5 8.5 7.5 8.5 10.5 11.5 8.0 8.0 8.0 8.0 9.0 9.5 10.5 10.5 12.5 12.5 14.5 15.5 16.5 18.5 20.5 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 10.0 10.0 10.0 10.0 10.0 10.0 10.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 27.5
Vishay Roederstein
CAPACITANCE CAPACITANCE CODE dt = 0.80 mm 0.8 mm 1000 pF -210 1500 pF -215 2200 pF -222 3300 pF -233 4700 pF -247 6800 pF -268 0.01 F -310 0.015 F -315 0.022 F -322 0.033 F -333 0.047 F -347 0.068 F -368 0.10 F -410 0.15 F -415 0.22 F -422 0.33 F -433 0.47 F -447 0.68 F -468 1.0 F -510 1.5 F -515 2.2 F -522 3.3 F -533 4.7 F -547 6.8 F -568 10.0 F -610 15.0 F -615
VOLTAGE CODE 25 250 Vdc/160 Vac w h l Pitch (mm) (mm) (mm) (mm) 3.5 3.5 3.5 3.5 4.5 5.5 6.5 5.5 6.5 7.5 8.5 8.5 10.5 12.5 13.5 8.0 8.0 8.0 8.0 9.5 10.5 11.5 10.5 12.5 13.5 14.5 16.5 18.5 20.0 23.5 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 10.0 10.0 10.0 10.0 10.0 10.0 10.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 27.5 -
CAPACITANCE
CAPACITANCE CODE
VOLTAGE CODE 40 400 Vdc/200 Vac w h l Pitch (mm) (mm) (mm) (mm) 3.5 3.5 3.5 4.0 4.5 5.5 6.5 6.5 6.5 7.5 8.5 8.5 10.5 11.5 13.5 15.0 18.0 8.0 8.0 8.0 9.0 9.5 10.5 11.5 12.5 12.5 13.5 17.5 16.5 18.5 20.5 23.5 24.5 28.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 31.5 31.5 31.5 31.5 10.0 10.0 10.0 10.0 10.0 10.0 10.0 15.0 15.0 15.0 15.0 22.5 22.5 27.5 27.5 27.5 27.5
VOLTAGE CODE 63 630 Vdc/220 Vac w h l Pitch (mm) (mm) (mm) (mm) 3.5 3.5 3.5 3.5 3.5 3.5 4.0 4.5 5.5 5.5 6.5 7.5 6.5 7.5 8.5 11.5 11.5 13.5 15.0 8.0 8.0 8.0 8.0 8.0 8.0 9.0 9.5 10.5 10.5 12.5 13.5 14.5 15.5 16.5 20.5 20.5 23.5 24.5 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18 18 18 26.5 26.5 26.5 31.5 31.5 31.5 31.5 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 15.0 15.0 15.0 22.5 22.5 22.5 27.5 27.5 27.5 27.5 -
VOLTAGE CODE 10 1000 Vdc/220 Vac w h l Pitch (mm) (mm) (mm) (mm) 4.0 4.0 4.0 4.0 5.5 6.5 5.5 6.5 7.5 6.5 7.5 8.5 10.5 11.5 13.5 16.5 20.0 9.0 9.0 9.0 9.0 10.5 11.5 10.5 12.5 13.5 14.5 15.5 16.5 18.5 20.5 23.5 29.5 35.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 26.5 26.5 26.5 26.5 31.5 31.5 31.5 31.5 10.0 10.0 10.0 10.0 10.0 10.0 15.0 15.0 15.0 22.5 22.5 22.5 22.5 27.5 27.5 27.5 27.5 -
dt = 0.80 mm 0.8 mm 1000 pF -210 1500 pF -215 2200 pF -222 3300 pF -233 4700 pF -247 6800 pF -268 0.01 F -310 0.015 F -315 0.022 F -322 0.033 F -333 0.047 F -347 0.068 F -368 0.10 F -410 0.15 F -415 0.22 F -422 0.33 F -433 0.47 F -447 0.68 F -468 1.0 F -510 1.5 F -515 2.2 F -522 3.3 F -533 4.7 F -547 Document Number: 26011 Revision: 23-Oct-08
For technical questions, contact: dc-film@vishay.com
www.vishay.com 3
MKT 1820
Vishay Roederstein
RECOMMENDED PACKAGING
PACKAGING CODE G W V G TYPE OF PACKAGING AMMO REEL REEL AMMO BULK HEIGHT (H) (mm) 18.5 18.5 18.5 18.5 REEL DIAMETER S (1) 350 500 L (2) ORDERING CODE EXAMPLES MKT 1820-410/405-G MKT 1820-410/405-W MKT 1820-422/635-V MKT 1820-422/635-G MKT 1820-515/405 PITCH 10 x x x PITCH 15 x x x x PITCH 22.5 TO 27.5 x x x
DC Film Capacitor MKT Radial Potted Type
Note (1) S = box size 55 x 210 x 340 mm (w x h x l) (2) L = box size 60 x 360 x 510 mm (w x h x l)
EXAMPLE OF ORDERING CODE
TYPE CAPACITANCE CODE VOLTAGE CODE 06 TOLERANCE CODE (1) 5 PACKAGING CODE G MKT 1820 410 Note (1) Tolerance Codes: 4 = 5 % (J); 5 = 10 % (K); 6 = 20 % (M)
MOUNTING
NORMAL USE The capacitors are designed for mounting on printed-circuit boards. The capacitors packed in bandoliers are designed for mounting on printed-circuit boards by means of automatic insertion machines. For detailed tape specifications refer to "Packaging Information" www.vishay.com/docs?28139 SPECIFIC METHOD OF MOUNTING TO WITHSTAND VIBRATION AND SHOCK In order to withstand vibration and shock tests, it must be ensured that the stand-off pips are in good contact with the printed-circuit board. * For pitches 15 mm the capacitors shall be mechanically fixed by the leads
* For larger pitches the capacitors shall be mounted in the same way and the body clamped
SPACE REQUIREMENTS ON PRINTED-CIRCUIT BOARD The maximum length and width of film capacitors is shown in the drawing: * Eccentricity as in drawing. The maximum eccentricity is smaller than or equal to the lead diameter of the product concerned
* Product height with seating plane as given by "IEC 60717" as reference: hmax. h + 0.4 mm or hmax. h' + 0.4 mm
bmax. = b + 0.4 mm Eccentricity
Imax. = I + 0.3 mm
STORAGE TEMPERATURE * Storage temperature: Tstg = - 25 C to + 40 C with RH maximum 80 % without condensation RATINGS AND CHARACTERISTICS REFERENCE CONDITIONS Unless otherwise specified, all electrical values apply to an ambient free temperature of 23 1 C, an atmospheric pressure of 86 kPa to 106 kPa and a relative humidity of 50 2 %. For reference testing, a conditioning period shall be applied over 96 4 h by heating the products in a circulating air oven at the rated temperature and a relative humidity not exceeding 20 %.
www.vishay.com 4
For technical questions, contact: dc-film@vishay.com
Document Number: 26011 Revision: 23-Oct-08
MKT 1820
DC Film Capacitor MKT Radial Potted Type
CHARACTERISTICS
Permissible AC voltage vs. frequency at Tamb 85 C
VRMS VRMS 100 7 5 3 2 10 7 5 3 2 63 Vdc 1 102 2 3 5 7 103 2 3 5 7 104 2 3 5 7 105
f (Hz)
Vishay Roederstein
Permissible AC voltage vs. frequency at Tamb 85 C
1000 7 5 3 2 100 Capacitance in F
Capacitance in F
0.3
3 0.6 8 1.5 3.3 6.8 10 15
7 5 3 2 400 Vdc 1 102 2 3
1.5
1
0.4
7 0.2 2 0.1
0.0
47
0.0
22 0. 01
5 7 103
2
3
5 7 104
2
3
5 7 105
f (Hz)
Permissible AC voltage vs. frequency at Tamb 85 C
VRMS VRMS 100 7 5 3 2 10 7 5 3 2 1 102 100 Vdc 2 3 5 7 103 2 3 5 7 104 2 3 5 7 105
f (Hz)
Permissible AC voltage vs. frequency at Tamb 85 C
1000 7 5 3 2 100 7
1.0 0.4 7 0.22 10 00 0.1 22 00 47 0.0 22 0.0 4 1 700
0.1 0.3 3
Capacitance in F
Capacitance in pF and F
0.6 8 1.5 3.3 4.7 10 15
0.0
5 3 2 630 Vdc 1 102 2 3 5 7 103 2 3
5 7 104
2
3
5 7 105
f (Hz)
Permissible AC voltage vs. frequency at Tamb 85 C
1000 VRMS 7 5 3 2 Capacitance in F 1000 VRMS 7 5 3 2
Permissible AC voltage vs. frequency at Tamb 85 C
Capacitance in pF and F
0.0
100 7 5 3 2 250 Vdc 1 102 2 3 5 7 103 2 3
3.3 2 .2 1
10 00
0.4 7 0.2 2 0.1
0.0
33 0.0 47 0.1
0.4 7 0.2 2
100 7 5 3 2 1000 Vdc 1
22
47 0. 02
00 1 47 0 0
2
0.0
5 7 104
2
3
5 7 105
f (Hz)
102
2
3
5 7 103
2
3
5 7 104
2
3
5 7 105
f (Hz)
Document Number: 26011 Revision: 23-Oct-08
For technical questions, contact: dc-film@vishay.com
www.vishay.com 5
MKT 1820
Vishay Roederstein
DC Film Capacitor MKT Radial Potted Type
Capacitance as a function of temperature C/C = f(TA), TLL TA TUL
C = (%) C 12 10 8 6 4 0.6 0.4 0.2 0.0 - 60 2 0 -2 -4 -6 - 20 20 60 Tamb (C) 100 -8 - 60 - 40 - 20 0 20 40 60 80 100 120 140
Nominal voltage (AC and DC) as a function of temperature U = f(TA), TLL TA TUL
factor 1.2 1.0 0.8
Capacitance vs. Temperature C/C = f ()
Tamb (C)
Capacitance as function of frequency C/C = f(f), 100 Hz f 1 MHz
tan = 10-3 C = (%) C 2 1 0 -1 -2 -3 -4 -5 -6 102 16 14
Dissipation factor as function of temperature tan /tan = f(TA), TLL TA TUL
12 10 8 6 4 2 0 - 60
3 5 7 104 Capacitance Change vs. Frequency C = f (f) C 2 3 2
5 7 103
2
3
5 7 105 f (Hz)
- 40
- 20
0
20
40
60
80
100
120
140
Dissipation Factor (1 kHz) vs. Temperature tan = f ()
Tamb (C)
Insulation resistance as a function of temperature Ris = f(TA), TLL TA TUL
105 RC (s) 100 7 5 3 2 10 7 5 3 2 1 7 5 3 2 20 40 60 80 100 125 Tamb (C) 0.1 102
Dissipation factor as a function of frequency tan /tan = f(f),100 Hz f 1 MHzL
104
103
102
101
100
tan x 104
2
3
5 7 103
2
3
5 7 104
2
3
Dissipation Factor vs. Frequency tan = f (f)
5 7 105 f (Hz)
www.vishay.com 6
For technical questions, contact: dc-film@vishay.com
Document Number: 26011 Revision: 23-Oct-08
MKT 1820
DC Film Capacitor MKT Radial Potted Type
Wmax. (mm) 3.5 4.0 4.5 5.5 6.5 7.5 8.5 10.5 11.5 12.5 13.5 15.0 16.5 18.0 20.0 PITCH 10.0 mm 5.0 6.0 6.5 8.0 9.5 HEAT CONDUCTIVITY (mW/C) PITCH 15.0 mm 10.0 12.5 14.5 16.0 PITCH 22.5 mm 19.0 22.0 24.0 29.0 33.5 PITCH 27.5 mm 37.5 44.5 48.5 58.0 58.5 73.0
Vishay Roederstein
POWER DISSIPATION AND MAXIMUM COMPONENT TEMPERATURE RISE
The power dissipation must be limited in order not to exceed the maximum allowed component temperature rise as a function of the free air ambient temperature. The power dissipation can be calculated according type detail specification "HQN-384-01/101: Technical Information Film Capacitors" with the typical tgd of the curves. The component temperature rise (T) can be measured (see section "Measuring the Component Temperature" for more details) or calculated by T = P/G:
* T = Component temperature rise (C) * P = Power dissipation of the component (mW)
* G = Heat conductivity of the component (mW/C)
MEASURING THE COMPONENT TEMPERATURE
A thermocouple must be attached to the capacitor body as in:
Thermocouple
The temperature is measured in unloaded (Tamb) and maximum loaded condition (TC). The temperature rise is given by T = Tc - Tamb. To avoid radiation or convection, the capacitor should be tested in a wind-free box.
Document Number: 26011 Revision: 23-Oct-08
For technical questions, contact: dc-film@vishay.com
www.vishay.com 7
MKT 1820
Vishay Roederstein
DC Film Capacitor MKT Radial Potted Type
APPLICATION NOTE AND LIMITING CONDITIONS
These capacitors are not suitable for mains applications as across-the-line capacitors without additional protection, as described hereunder. These mains applications are strictly regulated in safety standards and therefore electromagnetic interference suppression capacitors conforming the standards must be used. To select the capacitor for a certain application, the following conditions must be checked: 1. The peak voltage (UP) shall not be greater than the rated DC voltage (URdc) 2. The peak-to-peak voltage (UP-P) shall not be greater than the maximum (Up-p) to avoid the ionisation inception level 3. The voltage peak slope (dU/dt) shall not exceed the rated voltage pulse slope in an RC-circuit at rated voltage and without ringing. If the pulse voltage is lower than the rated DC voltage, the rated voltage pulse slope may be multiplied by URdc and divided by the applied voltage. For all other pulses following equation must be fulfilled:
T
dU dU 2 2 x ------- x dt < U Rdc x ------- dt rated dt
0
T is the pulse duration 4. The maximum component surface temperature rise must be lower than the limits (see graph max. allowed component temperature rise). 5. Since in circuits used at voltages over 280 V peak-to-peak the risk for an intrinsically active flammability after a capacitor breakdown (short circuit) increases, it is recommended that the power to the component is limited to 100 times the values mentioned in the table: "Heat conductivity" 6. When using these capacitors as across-the-line capacitor in the input filter for mains applications or as series connected with an impedance to the mains the applicant must guarantee that the following conditions are fulfilled in any case (spikes and surge voltages from the mains included).
Voltage Conditions for 6 Above
ALLOWED VOLTAGES Maximum continuous RMS voltage Maximum temperature RMS-overvoltage (< 24 h) Maximum peak voltage (VO-P) (< 2 s) Tamb 85 C URac 1.25 x URac 1.6 x URdc 85 C < Tamb 100 C 0.8 x URac URac 1.3 x URdc 100 C < Tamb 125 C 0.5 x URac 0.6 x URac 0.5 x URdc
www.vishay.com 8
For technical questions, contact: dc-film@vishay.com
Document Number: 26011 Revision: 23-Oct-08
MKT 1820
DC Film Capacitor MKT Radial Potted Type
INSPECTION REQUIREMENTS
General Notes: Sub-clause numbers of tests and performance requirements refer to the "Sectional Specification, Publication IEC 60384-2 and Specific Reference Data". Group C Inspection Requirements
SUB-CLAUSE NUMBER AND TEST SUB-GROUP C1A PART OF SAMPLE OF SUB-GROUP C1 4.1 4.3.1 Dimensions (detail) Initial measurements Capacitance Tangent of loss angle: For C 1 F at 10 kHz For C > 1 F at 1 kHz Tensile and bending Method: 1A Solder bath: 280 C 5 C Duration: 5 s Isopropylalcohol at room temperature Method: 2 Immersion time: 5 0.5 min Recovery time: Min. 1 h, max. 2 h Visual examination Capacitance Tangent of loss angle No visible damage Legible marking |C/C| 2 % of the value measured initially Increase of tan 0.003 for C 1 F or 0.002 for C > 1 F Compared to values measured in 4.3.1 No visible damage As specified in chapter "General Data" of this specification CONDITIONS PERFORMANCE REQUIREMENTS
Vishay Roederstein
4.3 4.4
Robustness of terminations Resistance to soldering heat
4.14
Component solvent resistance
4.4.2
Final measurements
SUB-GROUP C1B PART OF SAMPLE OF SUB-GROUP C1 4.6.1 Initial measurements
4.6
Rapid change of temperature
4.7
Vibration
4.7.2 4.9
Final inspection Shock
Capacitance Tangent of loss angle: For C 1 F at 10 kHz For C > 1 F at 1 kHz A = - 55 C B = + 125 C 5 cycles Duration t = 30 min Visual examination Mounting: See section "Mounting" of this specification Procedure B4 Frequency range: 10 Hz to 55 Hz Amplitude: 0.75 mm or Acceleration 98 m/s (whichever is less severe) Total duration 6 h Visual examination Mounting: See section "Mounting" for more information Pulse shape: Half sine Acceleration: 490 m/s Duration of pulse: 11 ms
No visible damage
No visible damage Legible marking
No visible damage
Document Number: 26011 Revision: 23-Oct-08
For technical questions, contact: dc-film@vishay.com
www.vishay.com 9
MKT 1820
Vishay Roederstein
SUB-CLAUSE NUMBER AND TEST SUB-GROUP C1B PART OF SAMPLE OF SUB-GROUP C1 4.9.3 Final measurements
DC Film Capacitor MKT Radial Potted Type
CONDITIONS PERFORMANCE REQUIREMENTS
Visual examination Capacitance Tangent of loss angle
No visible damage |C/C| 5 % of the value measured in 4.6.1 Increase of tan 0.003 for C 1 F or 0.002 for C > 1 F Compared to values measured in 4.6.1 As specified in section "Insulation Resistance" of this specification
Insulation resistance SUB-GROUP C1 COMBINED SAMPLE OF SPECIMENS OF SUB-GROUPS C1A AND C1B 4.10 Climatic sequence
4.10.2
Dry heat
Temperature: + 125 C Duration: 16 h
4.10.3
Damp heat cyclic Test Db, first cycle Cold Temperature: - 55 C Duration: 2 h
4.10.4
4.10.6
Damp heat cyclic Test Db, remaining cycles Voltage proof = URdc for 1 min within 15 min after removal from testchamber Visual examination Capacitance Tangent of loss angle No breakdown or flashover No visible damage Legible marking |C/C| 5 % of the value measured in 4.4.2 or 4.9.3 Increase of tan : 0.005 for C 1 F or 0.003 for C > 1 F Compared to values measured in 4.3.1 or 4.6.1 50 % of values specified in section "Insulation Resistance" of this specification
4.10.6.2 Final measurements
Insulation resistance SUB-GROUP C2 4.11 4.11.1 Damp heat steady state Initial measurements 56 days; 40 C; 90 % to 95 % RH Capacitance Tangent of loss angle at 1 kHz Voltage proof = URdc for 1 min within 15 min after removal from testchamber 4.11.3 Final measurements Visual examination
No breakdown or flashover
No visible damage Legible marking |C/C| 5 % of the value measured in 4.11.1. Increase of tan 0.005 Compared to values measured in 4.11.1 50 % of values specified in section "Insulation Resistance" of this specification
Capacitance
Tangent of loss angle
Insulation resistance
www.vishay.com 10
For technical questions, contact: dc-film@vishay.com
Document Number: 26011 Revision: 23-Oct-08
MKT 1820
DC Film Capacitor MKT Radial Potted Type
SUB-CLAUSE NUMBER AND TEST SUB-GROUP C3 4.12 Endurance Duration: 2000 h 1.25 x URdc at 85 C 1.0 x URdc at 100 C 0.6 URdc at 125 C Duration: 200 h 0.3 x URdc at 150 C Capacitance Tangent of loss angle: For C 1 F at 10 kHz For C > 1 F at 1 kHz Visual examination No visible damage Legible marking |C/C| 5 % compared to values measured in 4.12.1 Increase of tan : 0.003 for C 1 F or 0.002 for C > 1 F Compared to values measured in 4.12.1 50 % of values specified in section "Insulation Resistance" of this specification CONDITIONS
Vishay Roederstein
PERFORMANCE REQUIREMENTS
4.12.1
Initial measurements
4.12.5
Final measurements
Capacitance
Tangent of loss angle
Insulation resistance
SUB-GROUP C4 4.13 Charge and discharge 10 000 cycles Charged to URdc Discharge resistance: UR R = ----------------------------------------C x 5 x ( dU dt ) 4.13.1 Initial measurements Capacitance Tangent of loss angle: For C 1 F at 10 kHz For C > 1 F at 1 kHz Capacitance |C/C| 3 % compared to values measured in 4.13.1 Increase of tan : 0.003 for C 1 F or 0.002 for C > 1 F Compared to values measured in 4.13.1 Insulation resistance 50 % of values specified in section "Insulation Resistance" of this specification
4.13.3
Final measurements
Document Number: 26011 Revision: 23-Oct-08
For technical questions, contact: dc-film@vishay.com
www.vishay.com 11
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MKT1820-410405-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X