Part Number Hot Search : 
01M10 TRLPB FM25L04B ML6411A 26000 TA8025F C9S08 ALVCH163
Product Description
Full Text Search
 

To Download MJ12020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
MJ12020
DESCRIPTION *Collector-Emitter Sustaining Voltage: VCEO(SUS) = 450V(Min) *Fast Turn-Off Time APPLICATIONS *Designed for high resolution video systems, such as : high density graphic displays, data terminals, video scanners. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCEV VCEO(SUS) VEBO IC ICM IB
B
PARAMETER Collector-Emitter Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Base Current-Continuous Base Current-Peak Collector Power Dissipation@TC=25 Junction Temperature Storage Temperature
VALUE 850 450 6 5 10 4 8 125 200 -65~200
UNIT V V V A A A A W
IBM PC TJ Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance,Junction to Case MAX 1.4 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL VCEO(SUS) VCE(sat) VBE(sat) ICEV ICER IEBO hFE fT COB PARAMETER Collector-Emitter Sustaining Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current DC Current Gain Current-Gain--Bandwidth Product Output Capacitance CONDITIONS IC=100mA ; IB=0 IC= 3A; IB= 0.6A
B
MJ12020
MIN 450
TYP.
MAX
UNIT V
1.2 1.5 0.25 1.5 2.5 1.0 5 15 200
V V mA mA mA
IC= 3A; IB= 0.6A
B
VCEV=850V;VBE(off)=1.5V VCEV=850V;VBE(off)=1.5V;TC=100 VCE= 850V; RBE= 50,TC= 100 VEB= 6V; IC=0 IC= 5A ; VCE= 5V IC= 0.3A; VCE= 10V; ftest=1MHz IE= 0; VCB= 10V; ftest=1kHz
MHz pF
Switching times;Inductive Load ts tf Storage Time Fall Time IC= 3A , VCC= 40V; IB1= 0.6A; PW= 8s; VBE(off)= 4V Duty Cycle2.0% 440 130 1200 300 ns ns
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of MJ12020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X