Part Number Hot Search : 
SC1EXXX 1N4728 ON1269 TBWB2A0O 8671A LT4363 UF1JF AN731
Product Description
Full Text Search
 

To Download MJ11022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
MJ11022
DESCRIPTION *Collector-Emitter Sustaining Voltage: VCEO(SUS)= 250V (Min.) *High DC Current Gain: hFE= 400(Min.)@IC= 10A *Low Collector Saturation Voltage: VCE (sat)= 1.0V(Max.)@ IC= 5.0A APPLICATIONS *Designed for general purpose amplifiers, low frequency switching and motor control applications. ABSOLUTE MAXIMUM RATINGS (Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continunous Collector Current-Peak Base Current-Continunous Collector Power Dissipation @TC=25 Junction Temperature Storage Temperature Range
VALUE 250 250 5 15 30 0.5 175 175 -65~200
UNIT V V V A A A W
PC Tj Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance, Junction to Case MAX 0.86 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
MJ11022
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 0.1A; IB= 0
250
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 10A; IB= 0.1A
2.0
V
V CE(sat)-2
Collector-Emitter Saturation Voltage
IC= 15A; IB= 0.15A
3.4
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 15A; IB= 0.15A
3.8
V
VBE(on)
Base-Emitter On Voltage
IC= 10A, VCE= 5V VCE=250V;VBE(off)=1.5V VCE=250V;VBE(off)=1.5V;TC=150 VCE= 125V; IB= 0
2.8 0.5 5.0 1.0
V
ICEV
Collector Cutoff Current
mA
ICEO
Collector Cutoff Current
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
2.0
mA
hFE-1
DC Current Gain
IC= 10A, VCE= 5V
400
15000
hFE-2
DC Current Gain
IC= 15A, VCE= 5V
100
COB
Output Capacitance
IE= 0, VCB= 10V; ftest= 0.1MHz
400
pF
Switching Times td tr ts tf Delay Time Rise Time VCC= 100V; IC= 10A; IB1= 0.1A VBE(off)= 5V Storage Time Fall Time 4.4 10 0.15 1.2 s s s s
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of MJ11022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X