Part Number Hot Search : 
00400 C44H5 SFP730D GL1117 1N5258B B1426 TC74VCX DF08S
Product Description
Full Text Search
 

To Download MC54HC4066A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Advance Information
Quad Analog Switch/ Multiplexer/Demultiplexer
MC54/74HC4066A
High-Performance Silicon-Gate CMOS
The MC54/74HC4066A utilizes silicon-gate CMOS technology to achieve fast propagation delays, low ON resistances, and low OFF- channel leakage current. This bilateral switch/multiplexer/demultiplexer controls analog and digital voltages that may vary across the full power-supply range (from VCC to GND). The HC4066A is identical in pinout to the metal-gate CMOS MC14016 and MC14066. Each device has four independent switches. The device has been designed so that the ON resistances (RON) are much more linear over input voltage than RON of metal-gate CMOS analog switches. The ON/OFF control inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs. For analog switches with voltage-level translators, see the HC4316A. * * * * * * * Fast Switching and Propagation Speeds High ON/OFF Output Voltage Ratio Low Crosstalk Between Switches Diode Protection on All Inputs/Outputs Wide Power-Supply Voltage Range (VCC - GND) = 2.0 to 12.0 Volts Analog Input Voltage Range (VCC - GND) = 2.0 to 12.0 Volts Improved Linearity and Lower ON Resistance over Input Voltage than the MC14016 or MC14066 * Low Noise * Chip Complexity: 44 FETs or 11 Equivalent Gates LOGIC DIAGRAM
1 2
14 1
J SUFFIX CERAMIC PACKAGE CASE 632-08
14 1
N SUFFIX PLASTIC PACKAGE CASE 646-06
14 1
D SUFFIX SOIC PACKAGE CASE 751A-03
14 1
DT SUFFIX TSSOP PACKAGE CASE 948G-01
ORDERING INFORMATION MC54HCXXXXAJ MC74HCXXXXAN MC74HCXXXXAD MC74HCXXXXADT Ceramic Plastic SOIC TSSOP
PIN ASSIGNMENT
XA 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC A ON/OFF CONTROL D ON/OFF CONTROL XD YD YC XC
XA A ON/OFF CONTROL XB B ON/OFF CONTROL XC C ON/OFF CONTROL XD D ON/OFF CONTROL
YA
YA YB XB B ON/OFF CONTROL C ON/OFF CONTROL GND
13 4 3
YB ANALOG OUTPUTS/INPUTS
5 8 9
YC
FUNCTION TABLE
6 11 10 On/Off Control Input YD L H State of Analog Switch Off On
12 ANALOG INPUTS/OUTPUTS = XA, XB, XC, XD PIN 14 = VCC PIN 7 = GND
This document contains information on a new product. Specifications and information herein are subject to change without notice. 12/97
(c) Motorola, Inc. 1997
1
REV 0.1
MC54/74HC4066A
IIIIIIIII I I II I I II I I IIIIIIIIIIIIIIIIIIIIIII I I I III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I III I I I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII IIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I III I I I I I II I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I II I I II I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIII IIIIIIIIIIII I I II I I I II I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I III I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIII I I I II I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII
II I I I I I I I IIIIIIIIIIIIIIIIIIIIIII I I II IIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIII II I I I I I I IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I III I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIII I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS*
Symbol VCC VIS Vin I Parameter Value Unit V V V Positive DC Supply Voltage (Referenced to GND) Analog Input Voltage (Referenced to GND) Digital Input Voltage (Referenced to GND) DC Current Into or Out of Any Pin - 0.5 to + 14.0 - 0.5 to VCC + 0.5 - 0.5 to VCC + 0.5 25 750 500 450 mA PD Power Dissipation in Still Air, Plastic or Ceramic DIP SOIC Package TSSOP Package Storage Temperature mW Tstg TL - 65 to + 150 260 300
_C _C
Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP, SOIC or TSSOP Package) (Ceramic DIP)
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND (Vin or Vout) VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open. I/O pins must be connected to a properly terminated line or bus.
v
v
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. Derating -- Plastic DIP: - 10 mW/_C from 65_ to 125_C Ceramic DIP: - 10 mW/_C from 100_ to 125_C SOIC Package: - 7 mW/_C from 65_ to 125_C TSSOP Package: - 6.1 mW/_C from 65_ to 125_C For high frequency or heavy load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D).
III I I I I IIIIIIIIIIIIIIIIIIIII I III I III I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I III I I III I IIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I I IIIIIIIIIIIIIIIIIIIIIII III II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I I
Symbol VCC VIS Vin TA Parameter Min 2.0 Max Unit V V V V Positive DC Supply Voltage (Referenced to GND) Analog Input Voltage (Referenced to GND) Digital Input Voltage (Referenced to GND) Static or Dynamic Voltage Across Switch 12.0 GND GND -- VCC VCC 1.2 VIO* tr, tf Operating Temperature, All Package Types - 55 0 0 0 0 0 + 125 1000 600 500 400 250
RECOMMENDED OPERATING CONDITIONS
_C
ns
Input Rise and Fall Time, ON/OFF Control Inputs (Figure 10) VCC = 2.0 V VCC = 3.0 V VCC = 4.5 V VCC = 9.0 V VCC = 12.0 V
* For voltage drops across the switch greater than 1.2 V (switch on), excessive VCC current may be drawn; i.e., the current out of the switch may contain both VCC and switch input components. The reliability of the device will be unaffected unless the Maximum Ratings are exceeded.
DC ELECTRICAL CHARACTERISTIC Digital Section (Voltages Referenced to GND)
Guaranteed Limit
S bl Symbol VIH
P Parameter
T Test C di i Conditions
VCC V 2.0 3.0 4.5 9.0 12.0 2.0 3.0 4.5 9.0 12.0
- 55 to 25_C 1.5 2.1 3.15 6.3 8.4 0.5 0.9 1.35 2.7 3.6
v 85_C v 125_C
1.5 2.1 3.15 6.3 8.4 0.5 0.9 1.35 2.7 3.6 1.5 2.1 3.15 6.3 8.4 0.5 0.9 1.35 2.7 3.6
Ui Unit V
Minimum High-Level Voltage ON/OFF Control Inputs
Ron = Per Spec
VIL
Maximum Low-Level Voltage ON/OFF Control Inputs
Ron = Per Spec
V
Iin
Maximum Input Leakage Current ON/OFF Control Inputs Maximum Quiescent Supply Current (per Package)
Vin = VCC or GND
12.0
0.1
1.0
1.0
A
Vin = VCC or GND 6.0 2 20 40 A VIO = 0 V 12.0 4 40 160 NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). ICC
MOTOROLA
2
High-Speed CMOS Logic Data DL129 -- Rev 6
MC54/74HC4066A
DC ELECTRICAL CHARACTERISTICS Analog Section (Voltages Referenced to GND)
VCC V 2.0 3.0 4.5 9.0 12.0
IIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII IIIIIIIIIIIIIIIIIIIIIII I I II I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I I I III I I I II I I I I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII IIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I III I I I I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I III I I I I II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I I I I I II I III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIII I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I III I I I I I I II I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I I I I I II I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I I I I I II I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII IIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIII I I II I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I III I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I IIIIIIIIIII I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII I I I
Guaranteed Limit Symbol S bl Ron Parameter P Test C di i T Conditions - 55 to 25_C -- -- 120 70 70 -- -- 70 50 30 -- 20 15 15
v 85_C v 125_C
-- -- 160 85 85 -- -- 85 60 60 -- 25 20 20 -- -- 200 100 100 -- -- 100 80 80 -- 30 25 25
Unit Ui
Maximum "ON" Resistance
Vin = VIH VIS = VCC to GND IS 2.0 mA (Figures 1, 2)
v v
Vin = VIH VIS = VCC or GND (Endpoints) IS 2.0 mA (Figures 1, 2)
2.0 3.0 4.5 9.0 12.0 2.0 4.5 9.0 12.0
Ron
Maximum Difference in "ON" Resistance Between Any Two Channels in the Same Package
Vin = VIH VIS = 1/2 (VCC - GND) IS 2.0 mA
v
Ioff
Maximum Off-Channel Leakage Current, Any One Channel
Vin = VIL VIO = VCC or GND Switch Off (Figure 3) Vin = VIH VIS = VCC or GND (Figure 4)
12.0
0.1
0.5
1.0
A
Ion
Maximum On-Channel Leakage Current, Any One Channel
12.0
0.1
0.5
1.0
A
At supply voltage (VCC) approaching 3 V the analog switch-on resistance becomes extremely non-linear. Therefore, for low-voltage operation, it is recommended that these devices only be used to control digital signals. NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, ON/OFF Control Inputs: tr = tf = 6 ns)
VCC V 2.0 3.0 4.5 9.0 12.0 2.0 3.0 4.5 9.0 12.0 2.0 3.0 4.5 9.0 12.0 -- -- --
Guaranteed Limit
Symbol S bl tPLH, tPHL
Parameter P
- 55 to 25_C 40 30 5 5 5 80 60 20 20 20 80 45 20 20 20 10
v 85_C v 125_C
50 40 7 7 7 90 70 25 25 25 90 50 25 25 25 10 60 50 8 8 8
Unit Ui ns
Maximum Propagation Delay, Analog Input to Analog Output (Figures 8 and 9)
tPLZ, tPHZ
Maximum Propagation Delay, ON/OFF Control to Analog Output (Figures 10 and 11)
110 80 35 35 35
ns
tPZL, tPZH
Maximum Propagation Delay, ON/OFF Control to Analog Output (Figures 10 and 1 1)
100 60 30 30 30 10
ns
C
Maximum Capacitance
ON/OFF Control Input
pF
Control Input = GND Analog I/O Feedthrough
35 1.0
35 1.0
35 1.0
NOTES: 1. For propagation delays with loads other than 50 pF, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). 2. Information on typical parametric values can be found in Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). Typical @ 25C, VCC = 5.0 V CPD Power Dissipation C P Di i i Capacitance (P S i h) (Fi i (Per Switch) (Figure 13)* 15
pF F
* Used to determine the no-load dynamic power consumption: P D = C PD V CC 2 f + I CC V CC . For load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D).
High-Speed CMOS Logic Data DL129 -- Rev 6
3
MOTOROLA
MC54/74HC4066A
ADDITIONAL APPLICATION CHARACTERISTICS (Voltages Referenced to GND Unless Noted)
II II I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I II I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I III I I I II I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I III I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I III I I I II I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
Symbol BW Parameter Test Conditions VCC V 4.5 9.0 12.0 4.5 9.0 12.0 4.5 9.0 12.0 4.5 9.0 12.0 4.5 9.0 12.0 4.5 9.0 12.0 4.5 9.0 12.0 Limit* 25_C 54/74HC 150 160 160 Unit Maximum On-Channel Bandwidth or Minimum Frequency Response (Figure 5) Off-Channel Feedthrough Isolation (Figure 6) fin = 1 MHz Sine Wave Adjust fin Voltage to Obtain 0 dBm at VOS Increase fin Frequency Until dB Meter Reads - 3 dB RL = 50 , CL = 10 pF fin Sine Wave Adjust fin Voltage to Obtain 0 dBm at VIS fin = 10 kHz, RL = 600 , CL = 50 pF MHz --
- 50 - 50 - 50 - 40 - 40 - 40 60 130 200 30 65 100
dB
fin = 1.0 MHz, RL = 50 , CL = 10 pF
--
Feedthrough Noise, Control to Switch (Figure 7)
Vin 1 MHz Square Wave (tr = tf = 6 ns) Adjust RL at Setup so that IS = 0 A RL = 600 , CL = 50 pF
v
mVPP
RL = 10 k, CL = 10 pF
--
Crosstalk Between Any Two Switches (Figure 12)
fin Sine Wave Adjust fin Voltage to Obtain 0 dBm at VIS fin = 10 kHz, RL = 600 , CL = 50 pF
- 70 - 70 - 70 - 80 - 80 - 80
dB
fin = 1.0 MHz, RL = 50 , CL = 10 pF
THD
Total Harmonic Distortion (Figure 14)
fin = 1 kHz, RL = 10 k, CL = 50 pF THD = THDMeasured - THDSource VIS = 4.0 VPP sine wave VIS = 8.0 VPP sine wave VIS = 11.0 VPP sine wave
%
4.5 9.0 12.0
0.10 0.06 0.04
* Guaranteed limits not tested. Determined by design and verified by qualification.
MOTOROLA
4
High-Speed CMOS Logic Data DL129 -- Rev 6
MC54/74HC4066A
TBD
TBD
Figure 1a. Typical On Resistance, VCC = 2.0 V
Figure 1b. Typical On Resistance, VCC = 4.5 V
TBD
TBD
Figure 1c. Typical On Resistance, VCC = 6.0 V
Figure 1d. Typical On Resistance, VCC = 9.0 V
PLOTTER
TBD
PROGRAMMABLE POWER SUPPLY - +
MINI COMPUTER
DC ANALYZER
VCC DEVICE UNDER TEST
ANALOG IN
COMMON OUT
GND
Figure 1e. Typical On Resistance, VCC = 12 V
Figure 2. On Resistance Test Set-Up
High-Speed CMOS Logic Data DL129 -- Rev 6
5
MOTOROLA
MC54/74HC4066A
VCC VCC GND VCC A OFF 14 VCC A GND ON 14 N/C VCC
7
SELECTED CONTROL INPUT
VIL 7
SELECTED CONTROL INPUT
VIH
Figure 3. Maximum Off Channel Leakage Current, Any One Channel, Test Set-Up
Figure 4. Maximum On Channel Leakage Current, Test Set-Up
VCC 14 fin 0.1F ON
VOS fin 0.1F
VIS OFF RL SELECTED CONTROL INPUT 7
VCC 14
VOS
CL*
dB METER
CL*
dB METER
7
SELECTED CONTROL INPUT
VCC
*Includes all probe and jig capacitance.
*Includes all probe and jig capacitance.
Figure 5. Maximum On-Channel Bandwidth Test Set-Up
Figure 6. Off-Channel Feedthrough Isolation, Test Set-Up
VCC/2 14 RL OFF/ON
VCC
VCC/2
RL IS
VOS CL* VCC ANALOG IN tPLH 50% ANALOG OUT 50% GND tPHL
VCC GND
Vin 1 MHz tr = tf = 6 ns CONTROL
7
SELECTED CONTROL INPUT
*Includes all probe and jig capacitance.
Figure 7. Feedthrough Noise, ON/OFF Control to Analog Out, Test Set-Up
Figure 8. Propagation Delays, Analog In to Analog Out
MOTOROLA
6
High-Speed CMOS Logic Data DL129 -- Rev 6
MC54/74HC4066A
VCC 14 ANALOG IN ON CL* 50% ANALOG OUT 50% *Includes all probe and jig capacitance. tPZH tPHZ 90% VOH HIGH IMPEDANCE ANALOG OUT TEST POINT CONTROL 90% 50% 10% tPZL tPLZ tr tf VCC GND HIGH IMPEDANCE 10% VOL
7
SELECTED CONTROL INPUT
VCC
Figure 9. Propagation Delay Test Set-Up
Figure 10. Propagation Delay, ON/OFF Control to Analog Out
VIS VCC RL 14 ON 0.1 F TEST POINT OFF VCC OR GND RL SELECTED CONTROL INPUT 7 VCC/2 RL CL* RL CL* fin VOS
POSITION 1 WHEN TESTING tPHZ AND tPZH 1 2 VCC 1 2 ON/OFF CL* SELECTED CONTROL INPUT 7 POSITION 2 WHEN TESTING tPLZ AND tPZL VCC 14 1 k
VCC/2
VCC/2
*Includes all probe and jig capacitance.
*Includes all probe and jig capacitance.
Figure 11. Propagation Delay Test Set-Up
Figure 12. Crosstalk Between Any Two Switches, Test Set-Up
VCC A 14 N/C OFF/ON N/C 0.1 F fin ON RL SELECTED CONTROL INPUT VCC/2 7 SELECTED CONTROL INPUT VCC CL* VIS
VCC
VOS TO DISTORTION METER
7
ON/OFF CONTROL *Includes all probe and jig capacitance.
Figure 13. Power Dissipation Capacitance Test Set-Up
Figure 14. Total Harmonic Distortion, Test Set-Up
High-Speed CMOS Logic Data DL129 -- Rev 6
7
MOTOROLA
MC54/74HC4066A
0 - 10 - 20 - 30 dBm - 40 - 50 - 60 - 70 - 80 - 90 1.0 2.0 FREQUENCY (kHz) 3.0 DEVICE SOURCE FUNDAMENTAL FREQUENCY
Figure 15. Plot, Harmonic Distortion
APPLICATION INFORMATION
The ON/OFF Control pins should be at VCC or GND logic levels, VCC being recognized as logic high and GND being recognized as a logic low. Unused analog inputs/outputs may be left floating (not connected). However, it is advisable to tie unused analog inputs and outputs to VCC or GND through a low value resistor. This minimizes crosstalk and feedthrough noise that may be picked-up by the unused I/O pins. The maximum analog voltage swings are determined by the supply voltages VCC and GND. The positive peak analog voltage should not exceed VCC. Similarly, the negative peak analog voltage should not go below GND. In the example
below, the difference between VCC and GND is twelve volts. Therefore, using the configuration in Figure 16, a maximum analog signal of twelve volts peak-to-peak can be controlled. When voltage transients above VCC and/or below GND are anticipated on the analog channels, external diodes (Dx) are recommended as shown in Figure 17. These diodes should be small signal, fast turn-on types able to absorb the maximum anticipated current surges during clipping. An alternate method would be to replace the Dx diodes with MOsorbs (Motorola high current surge protectors). MOsorbs are fast turn-on devices ideally suited for precise DC protection with no inherent wear out mechanism.
VCC = 12 V + 12 V 0V 14 ANALOG I/O ON ANALOG O/I + 12 V 0V Dx
VCC 16 ON Dx VCC SELECTED CONTROL INPUT 7
VCC Dx
Dx
SELECTED CONTROL INPUT 7
OTHER CONTROL INPUTS (VCC OR GND)
OTHER CONTROL INPUTS (VCC OR GND)
Figure 16. 12 V Application
Figure 17. Transient Suppressor Application
MOTOROLA
8
High-Speed CMOS Logic Data DL129 -- Rev 6
MC54/74HC4066A
+5 V +5 V
ANALOG SIGNALS R* LSTTL/ NMOS R* R* R* 5 6 14 15 R* = 2 TO 10 k
14
ANALOG SIGNALS
ANALOG SIGNALS HCT BUFFER 5 6 14 15
14
ANALOG SIGNALS
HC4066A
LSTTL/ NMOS
HC4066A
CONTROL INPUTS 7
CONTROL INPUTS 7
a. Using Pull-Up Resistors
b. Using HCT Buffer Figure 18. LSTTL/NMOS to HCMOS Interface
VDD = 5 V
VCC = 5 TO 12 V
13 3 5 7 9 11 14
1
16
ANALOG SIGNALS
14
ANALOG SIGNALS
HC4066A MC14504 2 4 6 8 10 5 6 14 15 CONTROL INPUTS 7
Figure 19. TTL/NMOS-to-CMOS Level Converter Analog Signal Peak-to-Peak Greater than 5 V (Also see HC4316A)
CHANNEL 4
1 OF 4 SWITCHES 1 OF 4 SWITCHES COMMON I/O 1 OF 4 SWITCHES 1 OF 4 SWITCHES - INPUT 1 OF 4 SWITCHES + 0.01 F 1 2 34 CONTROL INPUTS LF356 OR EQUIVALENT OUTPUT
CHANNEL 3
CHANNEL 2
CHANNEL 1
Figure 20. 4-Input Multiplexer
Figure 21. Sample/Hold Amplifier
High-Speed CMOS Logic Data DL129 -- Rev 6
9
MOTOROLA
MC54/74HC4066A
OUTLINE DIMENSIONS
J SUFFIX CERAMIC DIP PACKAGE CASE 632-08 ISSUE Y
8
-A14
-B1 7
C
L
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMESNION F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. INCHES MIN MAX 0.750 0.785 0.245 0.280 0.155 0.200 0.015 0.020 0.055 0.065 0.100 BSC 0.008 0.015 0.125 0.170 0.300 BSC 0 15 0.020 0.040 MILLIMETERS MIN MAX 19.05 19.94 6.23 7.11 3.94 5.08 0.39 0.50 1.40 1.65 2.54 BSC 0.21 0.38 3.18 4.31 7.62 BSC 0 15 0.51 1.01
-TSEATING PLANE
K F G D 14 PL 0.25 (0.010) N
M
M
S
TA
J 14 PL 0.25 (0.010)
M
T
B
S
DIM A B C D F G J K L M N
14
8
N SUFFIX PLASTIC DIP PACKAGE CASE 646-06 ISSUE L
B
1
7
NOTES: 1. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE POSITION AT SEATING PLANE AT MAXIMUM MATERIAL CONDITION. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 4. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M N INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.300 BSC 0_ 10_ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.62 BSC 0_ 10_ 0.39 1.01
A F C N H G D
SEATING PLANE
L
J K M
-A-
14 8
D SUFFIX PLASTIC SOIC PACKAGE CASE 751A-03 ISSUE F
-B-
1 7
P 7 PL
0.25 (0.010)
M
B
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
G C
R X 45
F
SEATING PLANE
D
14 PL
K
M
M B
S
J
0.25 (0.010)
T
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.75 8.55 4.00 3.80 1.75 1.35 0.49 0.35 1.25 0.40 1.27 BSC 0.25 0.19 0.25 0.10 7 0 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 7 0 0.228 0.244 0.010 0.019
MOTOROLA
10
High-Speed CMOS Logic Data DL129 -- Rev 6
MC54/74HC4066A
OUTLINE DIMENSIONS
DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948G-01 ISSUE O
14X K REF NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.50 0.60 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.020 0.024 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
N
2X
L/2
14
8
0.25 (0.010) M
L
PIN 1 IDENT. 1 7
B -U-
N F DETAIL E K K1 J J1
0.15 (0.006) T U
S
SECTION N-N -W-
C 0.10 (0.004) -T- SEATING
PLANE
D
G
H
DETAIL E
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 141, 4-32-1 Nishi-Gotanda, Shagawa-ku, Tokyo, Japan. 03-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 - http://sps.motorola.com/mfax/ HOME PAGE: http://motorola.com/sps/
High-Speed CMOS Logic Data DL129 -- Rev 6
11
EEE CCC EEE CCC
A -V-
Mfax is a trademark of Motorola, Inc.
MC74HC4066A/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC54HC4066A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X