Part Number Hot Search : 
05K27 1N5250B DS1668 M29F040 MCP6V02 XSD411 55100 SY58621L
Product Description
Full Text Search
 

To Download MBR1650 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
o o o o
GALAXY ELECTRICAL
MBR1635 - - - MBR1660
VOLTAGE RANGE: 35 --- 60 V CURRENT: 16.0 A
SCHOTTKY BARRIER RECTIFIER
Metal-Semiconductor junction with guard ring Epitaxial construction Low forward voltage drop,Low switching losses High surge capability
TO-220AC
o For use in low voltage,high frequency inverters free xxxx wheeling,and polarity protection applications o The plastic material carries U/L recognition 94V-0
MECHANICAL DATA
o o o o o Case:JEDEC TO-220AC,molded plastic Terminals: Leads solderable per MIL- STD-750,Method 2026 Polarity: As marked Weight: 0.064 ounce, 1.81 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25ae ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
MBR1635 MBR1640 MBR1645
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current @TA =133ae Peak repetitive forw ard current at TC=125ae Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forward voltage at (Note 1) Maximum reverse current at rated DC blocking voltage Typical thermal resistance @TJ =125ae IF=16A,TC=25ae IF =16A,TC=125ae @TA=25ae @TA =125ae (Note2)
MBR1650
50 35 50
MBR1660 UNITS
60 42 60 V V V A A
VRRM VRMS VDC I(AV) IFSM IFSM
35 25 35
40 28 40
45 32 45 16.0 32.0
150 0.63 0.57 0.2 40.0 1.5 -65 --- +125 ae ae -65 --- +150 0.75 0.65 1.0 50.0
A
VF IR R|E
JC
V mA ae /W
Operating junction temperature range Storage temperature range
NOTE: 1. Pulse test : 300|I s pulse width,1% duty cy cle. 2.Thermal resistance junction to case
TJ TSTG
www.galaxycn.com
Document Number 0266017
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT AMPERES AVERAGE FORWARD RECTIFIED CURRENT,AMPERES
MBR1635 - - - MBR1660
FIG.2 --MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
150
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE
20
Resistive or Inductive Load
125
16 12 8 4 0 0 50 100 150
100
75 50
25 0 1 10 100
AMBIENT TEMPERATURE,ae FIG.3 --TYPICAL INSTANTANEOUS INSTANTANEOUS FORWARD CURRENT FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz FIG.4--TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE LEAKAGE CURRENT, MILLIAMPERES
50
50 10
MBR1635-MBR1645 MBR1650-MBR1660
10
TJ=125ae
Pulse width=300|I 1% Duty Cycle
s
TJ=125ae
1
AMPERES
TJ=25ae
1
TJ=75ae
0.1
0.1
0.01
TJ=25ae
MBR1635-MBR1645 MBR1650-MBR1660
0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0.001 0
20
40
60
80
100
INSTANTANEOUS FORWARD VOLTAGE,VOLTS /W TRANSIENT THERMAL IMPEDANCE , ae
100
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5--TYPICAL JUNCTION CAPACITANCE JUNCTION CAPACITANCE,pF
FIG.6--TYPICAL TRANSIENT THERMAL IMPEDANCE
100
4,000 TJ=25ae f=1.0MHz Vsig=50mVp-p 1,000
10
1
MBR1635-MBR1645 100 MBR1650-MBR1660 0.1 1 10
0.1 0.01 0.1 1 10 100
REVERSE VOLTAGE,VOLTS
PULSE DURATION,Sec
www.galaxycn.com
Document Number 0266017
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of MBR1650

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X