Part Number Hot Search : 
1A476 EL7562C HS24035 AN7381 GNTRP 1N5806 ISL28136 S2060
Product Description
Full Text Search
 

To Download LTC1709EG-85 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
s
LTC1709-85 2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator DESCRIPTIO
The LTC(R)1709-85 is a 2-phase, VID programmable, synchronous step-down switching regulator controller that drives two all N-channel external power MOSFET stages in a fixed frequency architecture. The 2-phase controller drives its two output stages out of phase at frequencies up to 300kHz to minimize the RMS ripple currents in both input and output capacitors. The 2-phase technique effectively multiplies the fundamental frequency by two, improving transient response while operating each channel at an optimum frequency for efficiency. Thermal design is also simplified. An operating mode select pin (FCB) can be used to select among three modes including Burst Mode(R) operation for highest efficiency. An internal differential amplifier provides true remote sensing of the regulated supply's positive and negative output terminals as required in high current applications. The RUN/SS pin provides soft-start and optional timed, short-circuit shutdown. Current foldback limits MOSFET dissipation during short-circuit conditions when the overcurrent latchoff is disabled. OPTI-LOOP compensation allows the transient response to be optimized for a wide range of output capacitors and ESR values.
, LTC and LT are registered trademarks of Linear Technology Corporation. OPTI-LOOP and Burst Mode are registered trademarks of Linear Technology Corporation.
s s s s s s s s s s s s s s s
Output Stages Operate Antiphase Reducing Input Capacitance Requirements and Power Supply Induced Noise Dual Input Supply Capability for Load Sharing 5-Bit VID Code (VRM 8.5): VOUT = 1.05V to 1.825V True Remote Sensing Differential Amplifier Power Good Output Indicator 1% Output Voltage Accuracy Active Voltage Positioning Capable Current Mode Control Ensures Current Sharing OPTI-LOOP(R) Compensation Minimizes COUT Three Operational Modes: PWM, Burst and Cycle Skip Programmable Fixed Frequency: 150kHz to 300kHz Wide VIN Range: 4V to 36V Operation Adjustable Soft-Start Current Ramping Internal Current Foldback and Short-Circuit Shutdown Overvoltage Soft Latch Eliminates Nuisance Trips Available in 36-Lead Narrow SSOP Package
APPLICATIO S
s s s s
Server/Desktop Computers Internet Servers Large Memory Arrays DC Power Distribution Systems
TYPICAL APPLICATIO
0.1F 220pF ITH SGND PGOOD 5 VID BITS FCB RUN/SS 3.3k
+
VIN TG1 BOOST1 SW1
S S
10F 35V x4 1H
0.002
0.47F
LTC1709-85
BG1 PGND
VID0-VID4 EAIN ATTENOUT ATTENIN VDIFFOUT VOS - VOS +
SENSE1 + SENSE1 - TG2 BOOST2 SW2 BG2 INTVCC SENSE2 + SENSE2 - 0.47F 1H 0.002 VOUT 1.05V TO 1.825V 40A
10F
+
Figure 1. High Current Dual Phase Step-Down Converter
170985f
U
U
U
VIN 5V TO 28V
+
COUT 1000F 4V x2
170985 F01
1
LTC1709-85
ABSOLUTE
(Note 1)
AXI U RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW RUNN/SS SENSE1 + SENSE1 - EAIN PLLFLTR PLLIN FCB ITH SGND
-
Input Supply Voltage (VIN).........................36V to - 0.3V Topside Driver Voltages (BOOST1,2) .........42V to - 0.3V Switch Voltage (SW1, 2) .............................36V to - 5 V SENSE1+, SENSE2 +, SENSE1-, SENSE2 - Voltages ................... (1.1)INTVCC to - 0.3V EAIN, VOS+, VOS-, EXTVCC, INTVCC, RUN/SS, VBIAS, ATTENIN, ATTENOUT, PGOOD, VID25mV-VID3 Voltages ........................7V to - 0.3V Boosted Driver Voltage (BOOST-SW) ..........7V to - 0.3V PLLFLTR, PLLIN, VDIFFOUT, FCB Voltages ................................... INTVCC to - 0.3V ITH Voltage ................................................2.7V to - 0.3V Peak Output Current <1s(TGL1,2, BG1,2) ................ 3A INTVCC RMS Output Current ................................ 50mA Operating Ambient Temperature Range (Note 2) .............................................. - 40C to 85C Junction Temperature (Note 3) ............................. 125C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
1 2 3 4 5 6 7 8 9
36 NC 35 TG1 34 SW1 33 BOOST1 32 VIN 31 BG1 30 EXTVCC 29 INTVCC 28 PGND 27 BG2 26 BOOST2 25 SW2 24 TG2 23 PGOOD 22 VBIAS 21 VID3 20 VID2 19 VID1
ORDER PART NUMBER LTC1709EG-85
VDIFFOUT 10 VOS 11 VOS+ 12 SENSE2 - 13 SENSE2 + 14 ATTENOUT 15 ATTENIN 16 VID25mV 17 VID0 18
G PACKAGE 36-LEAD PLASTIC SSOP
TJMAX = 125C, JA = 85C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
SYMBOL VEAIN VSENSEMAX IINEAIN VLOADREG PARAMETER Regulated Feedback Voltage Maximum Current Sense Threshold Feedback Current Output Voltage Load Regulation (Note 4) Main Control Loop
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 15V, VBIAS = 3.3V, VRUN/SS = 5V unless otherwise noted.
CONDITIONS ITH Voltage = 1.2V (Note 4)
q q
MIN 0.792 62
TYP 0.800 75 -5
MAX 0.808 88 - 50 0.5 - 0.5 0.02 0.84 -1 4.8 0.88 4
UNITS V mV nA % % %/V V A V V V mmho V/mV
170985f
(Note 4) Measured in Servo Loop, ITH Voltage: 1.2V to 0.7V Measured in Servo Loop, ITH Voltage: 1.2V to 2V VIN = 3.6V to 30V (Note 4)
q q
0.1 - 0.1 0.002 0.76 0.8 - 0.17 4.3
VREFLNREG VFCB IFCB VBINHIBIT VOVL UVLO gm gmOL
Reference Voltage Line Regulation Forced Continuous Threshold Forced Continuous Current Burst Inhibit (Constant Frequency) Threshold Output Overvoltage Threshold Undervoltage Lockout Transconductance Amplifier gm Transconductance Amplifier Gain
q
Measured at FCB pin Measured at VEAIN VIN Ramping Down ITH = 1.2V, Sink/Source 5A (Note 4) ITH = 1.2V, (gm * ZL; No Ext Load) (Note 4)
q
0.84 3
0.86 3.5 3 1.5
2
U
W
U
U
WW
W
LTC1709-85
ELECTRICAL CHARACTERISTICS
SYMBOL IQ PARAMETER Input DC Supply Current Normal Mode Shutdown Soft-Start Charge Current RUN/SS Pin ON Arming RUN/SS Pin Latchoff Arming RUN/SS Discharge Current Shutdown Latch Disable Current Total Sense Pins Source Current Maximum Duty Factor Top Gate Transition Time: Rise Time Fall Time Bottom Gate Transition Time: Rise Time Fall Time Top Gate Off to Bottom Gate On Delay Synchronous Switch-On Delay Time Bottom Gate Off to Top Gate On Delay Top Switch-On Delay Time Minimum On-Time Internal VCC Voltage INTVCC Load Regulation EXTVCC Voltage Drop EXTVCC Switchover Voltage EXTVCC Switchover Hysteresis Operating Supply Voltage Range Resistance Between ATTENIN and ATTENOUT Pins Resistive Divider Error VID25mV to VID3 Pull-Up Resistance VBIAS = 3.3V (Note 8) 2 1 190 120 280 220 140 310 50 fPLLIN < fOSC fPLLIN > fOSC - 15 15 180 250 160 360
q
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 15V, VBIAS = 3.3V, VRUN/SS = 5V unless otherwise noted.
CONDITIONS (Note 5) EXTVCC Tied to VOUT, VOUT = 5V VRUN/SS = 0V VRUN/SS = 1.9V VRUN/SS Rising VRUN/SS Rising from 3V Soft Short Condition VEAIN = 0.5V, VRUN/SS = 4.5V VEAIN = 0.5V Each Channel: VSENSE1 -, 2 - = VSENSE1+, 2 + = 0V In Dropout (Note 6) CLOAD = 3300pF CLOAD = 3300pF (Note 6) CLOAD = 3300pF CLOAD = 3300pF CLOAD = 3300pF Each Driver (Note 6) CLOAD = 3300pF Each Driver (Note 6) Tested with a Square Wave (Note 7) 6V < VIN < 30V, VEXTVCC = 4V ICC = 0 to 20mA, VEXTVCC = 4V ICC = 20mA, VEXTVCC = 5V ICC = 20mA, EXTVCC Ramping Positive ICC = 20mA, EXTVCC Ramping Negative 2.7 10 - 0.25 40 0.8 0.25
q
MIN
TYP 470 20
MAX
UNITS A A A V V A A A %
40 1.9 4.5 4 5
IRUN/SS VRUN/SS VRUN/SSLO ISCL ISDLHO ISENSE DFMAX TG1, 2 tr TG1, 2 tf BG1, 2 tr BG1, 2 tf TG/BG t1D BG/TG t2D tON(MIN) VINTVCC VLDO INT VLDO EXT VEXTVCC VLDOHYS VBIAS RATTEN ATTENERR RPULLUP VIDTHLOW VIDTHHIGH VIDLEAK fNOM fLOW fHIGH RPLLIN IPLLFLTR
- 0.5 1.0 0.5 - 85 98
-1.2 1.5 4.1 2 1.6 - 60 99.5 30 40 30 20 90 90 180 90 90 90 90
ns ns ns ns ns ns ns
Internal VCC Regulator 4.8 5.0 0.2 80 4.5 4.7 0.2 5.5 5.2 1.0 160 V % mV V V V k % k V V A kHz kHz kHz k A A Deg
170985f
VID Parameters
VID25mV to VID3 Logic Threshold Low VBIAS = 3.3V VID25mV to VID3 Logic Threshold High VBIAS = 3.3V VID25mV to VID3 Leakage VBIAS < VID25mV-VID3 < 7V Nominal Frequency Lowest Frequency Highest Frequency PLLIN Input Resistance Phase Detector Output Current Sinking Capability Sourcing Capability Controller 2-Controller 1 Phase VPLLFLTR = 1.2V VPLLFLTR = 0V VPLLFLTR 2.4V
Oscillator and Phase-Locked Loop
RRELPHS
3
LTC1709-85
ELECTRICAL CHARACTERISTICS
SYMBOL VPGL IPGOOD VPG PARAMETER PGOOD Voltage Low PGOOD Leakage Current PGOOD Trip Level, Either Controller PGOOD Output
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 15V, VBIAS = 3.3V, VRUN/SS = 5V unless otherwise noted.
CONDITIONS IPGOOD = 2mA VPGOOD = 5V VEAIN with Respect to Set Output Voltage VEAIN Ramping Negative VEAIN Ramping Positive -6 6 0.995 0V < VCM < 5V Measured at VOS + Input 46 - 7.5 7.5 1 55 80 MIN TYP 0.1 MAX 0.3 1 - 9.5 9.5 1.005 UNITS V A % % V/V dB k
Differential Amplifier/Op Amp Gain Block ADA CMRRDA RIN Gain Common Mode Rejection Ratio Input Resistance
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: The LTC1709EG-85 is guaranteed to meet performance specifications from 0C to 70C. Specifications over the - 40C to 85C operating temperature range are assured by design, characterization and correlation with statistical process controls. Note 3: TJ is calculated from the ambient temperature TA and power dissipation PD according to the following formula: LTC1709EG-85: TJ = TA + (PD * 85C/W) Note 4: The LTC1709-85 is tested in a feedback loop that servos VITH to a specified voltage and measures the resultant VEAIN.
Note 5: Dynamic supply current is higher due to the gate charge being delivered at the switching frequency. See Applications Information. Note 6: Rise and fall times are measured using 10% and 90% levels. Delay times are measured using 50% levels. Note 7: The minimum on-time condition corresponds to the on inductor peak-to-peak ripple current 40% IMAX (see Minimum On-Time Considerations in the Applications Information section). Note 8: Each built-in pull-up resistor attached to the VID inputs also has a series diode to allow input voltages higher than the VIDVCC supply without damage or clamping (see the Applications Information section).
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Load Current (3 Operating Modes)
100 90 80 Burst Mode OPERATION 80 VIN = 5V 90 VIN = 8V VIN = 12V VIN = 20V 40 VOUT = 1.825V VEXTVCC = 0V FREQ = 200kHz VFCB = 0V 0.1 1 10 OUTPUT CURRENT (A) 100
170985 G02
EFFICIENCY (%)
EFFICIENCY (%)
60 50 40 30 20 10 0 0.01 0.1
60
EFFICIENCY (%)
70
FORCED CONTINUOUS MODE CONSTANT FREQUENCY (BURST DISABLE) VIN = 5V VOUT = 1.6V FREQ = 200kHz 10 1 LOAD CURRENT (A) 100
170985 G01
4
UW
Efficiency vs Output Current
100 100
Efficiency vs Input Voltage
IOUT = 20A VOUT = 1.825V
80
70
20
60
0
50
5
15 10 INPUT VOLTAGE (V)
20
170985 G03
170985f
LTC1709-85 TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Input Voltage and Mode
1000 ON
EXTVCC VOLTAGE DROP (mV)
250
INTVCC AND EXTVCC SWITCH VOLTAGE (V)
800
SUPPLY CURRENT (A)
600
400
200 SHUTDOWN 0 0 5 20 15 10 25 INPUT VOLTAGE (V) 30 35
Internal 5V LDO Line Reg
5.1 5.0
ILOAD = 1mA
INTVCC VOLTAGE (V)
4.9 4.8 4.7 4.6 4.5 4.4 0 5 20 15 25 10 INPUT VOLTAGE (V) 30 35
VSENSE (mV)
VSENSE (mV)
Maximum Current Sense Threshold vs VRUN/SS (Soft-Start)
80 VSENSE(CM) = 1.6V
80
60
VSENSE (mV)
VSENSE (mV)
72
VSENSE (mV)
40
20
64
0 0 1 2 3 VRUN/SS (V)
170985 G10
4
UW
170985 G04
170985 G07
EXTVCC Voltage Drop
5.05 5.00 4.95 4.90 4.85 4.80 4.75
INTVCC and EXTVCC Switch Voltage vs Temperature
INTVCC VOLTAGE
200
150
100
50
EXTVCC SWITCHOVER THRESHOLD
0
0
10
30 20 CURRENT (mA)
40
50
170985 G05
4.70 - 50 - 25
50 25 75 0 TEMPERATURE (C)
100
125
170985 G06
Maximum Current Sense Threshold vs Duty Factor
75
Maximum Current Sense Threshold vs Percent of Nominal Output Voltage (Foldback)
80 70 60
50
50 40 30 20 10
25
0 0 20 40 60 DUTY FACTOR (%) 80 100
170985 G08
0
50 100 0 25 75 PERCENT OF NOMINAL OUTPUT VOLTAGE (%)
170985 G09
Maximum Current Sense Threshold vs Sense Common Mode Voltage
90 80 76 70 60 50 40 30 20 10 0 -10 -20 -30
Current Sense Threshold vs ITH Voltage
68
5
6
60
0
1 1.5 0.5 COMMON MODE VOLTAGE (V)
2
170985 G11
0
0.5
1
1.5 VITH (V)
2
2.5
170985 G12
170985f
5
LTC1709-85 TYPICAL PERFOR A CE CHARACTERISTICS
Load Regulation
0.0 FCB = 0V VIN = 15V FIGURE 1
2.5
NORMALIZED VOUT (%)
-0.1
-0.2
VITH (V)
1.5
ISENSE (A)
-0.3
0.5
-0.4
0
1
3 2 LOAD CURRENT (A)
Maximum Current Sense Threshold vs Temperature
80 1.8 1.6 78
RUN/SS CURRENT (A)
VSENSE (mV)
76
74
72
70 -50 -25
50 25 0 75 TEMPERATURE (C)
Load Step
VIN = 15V, VOUT = 1.6V VOUT 50mV/DIV VOUT(AC) 20mV/DIV IL1 1A/DIV
IOUT 0/20A FCB = 0V 20s/DIV
170985 G19
6
UW
4 5
170985 G13
VITH vs VRUN/SS
VOSENSE = 0.7V
100
SENSE Pins Total Source Current
2.0
50
0
1.0
-50
0
0
1
2
3 VRUN/SS (V)
4
5
6
-100
0
1 1.5 0.5 VSENSE COMMON MODE VOLTAGE (V)
2
170985 G14
170985 G15
RUN/SS Current vs Temperature
Soft-Start Up
1.4 1.2 1.0 0.8 0.6 0.4 0.2
VITH 1V/DIV VOUT 2V/DIV VRUN/SS 2V/DIV
100ms/DIV
170985 G18
100
125
0 -50
-25
0 25 50 75 TEMPERATURE (C)
100
125
170985 G16
170985 G17
Burst Mode Operation
VIN = 15V, VOUT = 1.6V, IL = 200mARMS VOUT(AC) 20mV/DIV IL1 1A/DIV
Constant Frequency Mode
VIN = 15V, VOUT = 1.6V, IL = 400mARMS
IL2 1A/DIV FCB = OPEN 10s/DIV
170985 G25
IL2 1A/DIV FCB = INTVCC 2s/DIV
170985 G26
170985f
LTC1709-85 TYPICAL PERFOR A CE CHARACTERISTICS
Current Sense Pin Input Current vs Temperature
-13
CURRENT SENSE INPUT CURRENT (A)
VOUT = 1.6V -12
EXTVCC SWITCH RESISTANCE ()
-11
6
FREQUENCY (kHz)
-10
-9
-8 -50 -25
50 25 0 75 TEMPERATURE (C)
Undervoltage Lockout vs Temperature
3.50 3.45 3.40 3.35 3.30 3.25 3.20 -50 -25
SHUTDOWN LATCH THRESHOLDS (V)
UNDERVOLTAGE LOCKOUT (V)
PI FU CTIO S
RUN/SS (Pin 1): Combination of Soft-Start, Run Control Input and Short-Circuit Detection Timer. A capacitor to ground at this pin sets the ramp time to full current output. Forcing this pin below 0.8V causes the IC to shut down all internal circuitry. All functions are disabled in shutdown. SENSE1+, SENSE2+ (Pins 2,14): The (+) Input to Each Differential Current Comparator. The ITH pin voltage and built-in offsets between SENSE- and SENSE+ pins in conjunction with RSENSE set the current trip threshold. SENSE1-, SENSE2- (Pins 3, 13): The (-) Input to the Differential Current Comparators. EAIN (Pin 4): Input to the error amplifier that compares the feedback voltage to the internal 0.8V reference voltage. This pin is normally connected to a resistive divider from the output of the differential amplifier (DIFFOUT).
UW
100
170985 G20
EXTVCC Switch Resistance vs Temperature
10
Oscillator Frequency vs Temperature
350 VPLLFLTR = 2.4V 300
8
250 200 150 100 50 VPLLFLTR = 0V
4
2
125
0 -50 -25
50 25 0 75 TEMPERATURE (C)
100
125
0 - 50 - 25
50 25 75 0 TEMPERATURE (C)
100
125
170985 G21
170985 G22
VRUN/SS Shutdown Latch Thresholds vs Temperature
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 -50 -25 0 25 50 75 TEMPERATURE (C) 100 125 LATCHOFF THRESHOLD LATCH ARMING
50 25 75 0 TEMPERATURE (C)
100
125
170985 G23
170985 G24
U
U
U
170985f
7
LTC1709-85
PI FU CTIO S
PLLFLTR (Pin 5): The phase-locked loop's lowpass filter is tied to this pin. Alternatively, this pin can be driven with an AC or DC voltage source to vary the frequency of the internal oscillator. PLLIN (Pin 6): External Synchronization Input to Phase Detector. This pin is internally terminated to SGND with 50k. The phase-locked loop will force the rising top gate signal of controller 1 to be synchronized with the rising edge of the PLLIN signal. FCB (Pin 7): Forced Continuous Control Input. This input acts on both output stages . Pulling this pin below 0.8V will force continuous synchronous operation. Do not leave this pin floating without a decoupling capacitor. ITH (Pin 8): Error Amplifier Output and Switching Regulator Compensation Point. Both current comparator's thresholds increase with this control voltage. The normal voltage range of this pin is from 0V to 2.4V SGND (Pin 9): Signal Ground. This pin is common to both controllers. Route separately to the PGND pin. VDIFFOUT (Pin 10): Output of a Differential Amplifier. This pin provides true remote output voltage sensing. VDIFFOUT normally drives an external resistive divider that sets the output voltage. VOS-, VOS+ (Pins 11, 12): Inputs to an Operational Amplifier. Internal precision resistors configure it as a differential amplifier whose output is VDIFFOUT. ATTENOUT (Pin 15): Voltage Feedback Signal Resistively Divided According to the VID Programming Code. ATTENIN (Pin 16): The Input to the VID Controlled Resistive Divider. VID25mV-VID3 (Pins 17,18, 19, 20, 21): VID Control Logic Input Pins. VBIAS (Pin 22): Supply Pin for the VID Control Circuit. PGOOD (Pin 23): Open-Drain Logic Output. PGOOD is pulled to ground when the voltage on the EAIN pin is not within 7.5% of its set point. TG2, TG1 (Pins 24, 35): High Current Gate Drives for Top N-Channel MOSFETS. These are the outputs of floating drivers with a voltage swing equal to INTVCC superimposed on the switch node voltage SW. SW2, SW1 (Pins 25, 34): Switch Node Connections to Inductors. Voltage swing at these pins is from a Schottky diode (external) voltage drop below ground to VIN. BOOST2, BOOST1 (Pins 26, 33): Bootstrapped Supplies to the Topside Floating Drivers. External capacitors are connected between the BOOST and SW pins, and Schottky diodes are connected between the BOOST and INTVCC pins. BG2, BG1 (Pins 27, 31): High Current Gate Drives for Bottom N-Channel MOSFETS. Voltage swing at these pins is from ground to INTVCC. PGND (Pin 28): Driver Power Ground. Connect to sources of bottom N-channel MOSFETS and the (-) terminals of CIN. INTVCC (Pin 29): Output of the Internal 5V Linear Low Dropout Regulator and the EXTVCC Switch. The driver and control circuits are powered from this voltage source. Decouple to power ground with a 1F ceramic capacitor placed directly adjacent to the IC and minimum of 4.7F additional tantalum or other low ESR capacitor. EXTVCC (Pin 30): External Power Input to an Internal Switch. This switch closes and supplies INTVCC, bypassing the internal low dropout regulator whenever EXTVCC is higher than 4.7V. See EXTVCC Connection in the Applications Information section. Do not exceed 7V on this pin and ensure VEXTVCC VINTVCC. VIN (Pin 32): Main Supply Pin. Should be closely decoupled to the IC's signal ground pin. NC (Pin 36): Do Not Connect.
8
U
U
U
170985f
LTC1709-85
FU CTIO AL DIAGRA
PLLIN fIN 50k RLP PLLFLTR CLP OSCILLATOR PHASE DET
CLK1 CLK2 TO SECOND CHANNEL INTVCC DUPLICATE FOR SECOND CONTROLLER CHANNEL BOOST DB VIN
PGOOD
- +
0.86V EAIN S R 0.74V Q Q
- + VOS - A1 - VOS + +
0.55V
I1 DIFFOUT 0.86V 4(VFB) 4.5V - + FCB + - VIN VIN 4.8V EXTVCC + - 5V LDO REG 1.2A 0.80V FCB SLOPE COMP
- +
-
3V 0.18A
45k
VREF
+
5V
INTVCC
SGND
INTERNAL SUPPLY
6V
ATTENIN
10k 5-BIT VID DECODER
ATTENOUT TYPICAL ALL VID PINS 40k
R1
VID25mV VID0
VID1
VID2
VID3
-
+
W
DROP OUT DET TOP BOT FCB SW SWITCH LOGIC BOT B INTVCC BG PGND TG CB D1
U
U
+
CIN
TOP ON
COUT
+
VOUT
SHDN
RSENSE INTVCC
+ 30k SENSE - 30k SENSE
++
-
- +
I2
45k 2.4V
- EA + OV + -
VFB 0.80V
EAIN
0.86V
ITH
CC
SHDN RST 4(VFB)
RUN SOFT START RUN/SS
CC2
RC
CSS
VBIAS
170985 FBD
170985f
9
LTC1709-85
OPERATIO
Main Control Loop The LTC1709-85 uses a constant frequency, current mode step-down architecture with the two output stages operating 180 degrees out of phase. During normal operation, each top MOSFET is turned on when the clock for that channel sets the RS latch, and turned off when the main current comparator, I1, resets the RS latch. The peak inductor current at which I1 resets the RS latch is controlled by the voltage on the ITH pin, which is the output of error amplifier EA. The EAIN pin receives the voltage feedback signal, which is compared to the internal reference voltage by the EA. When the load current increases, it causes a slight decrease in VEAIN relative to the 0.8V reference, which in turn causes the ITH voltage to increase until the average inductor current matches the new load current. After the top MOSFET has turned off, the bottom MOSFET is turned on until either the inductor current starts to reverse, as indicated by current comparator I2, or the beginning of the next cycle. The top MOSFET drivers are biased from floating bootstrap capacitor CB, which normally is recharged during each off cycle through an external diode when the top MOSFET turns off. As VIN decreases to a voltage close to VOUT, the loop may enter dropout and attempt to turn on the top MOSFET continuously. The dropout detector detects this and forces the top MOSFET off for about 500ns every tenth cycle to allow CB to recharge. The main control loop is shut down by pulling the RUN/ SS pin low. Releasing RUN/SS allows an internal 1.2A current source to charge soft-start capacitor CSS. When CSS reaches 1.5V, the main control loop is enabled with the ITH voltage clamped at approximately 30% of its maximum value. As CSS continues to charge, the ITH pin voltage is gradually released allowing normal, full-current operation. Low Current Operation The FCB pin selects between two modes of low current operation. When the FCB pin voltage is below 0.80V, the controller forces continuous PWM current mode opera-
10
U
(Refer to Functional Diagram)
tion. In this mode, the top and bottom MOSFETs are alternately turned on to maintain the output voltage independent of direction of inductor current. When the FCB pin is below VINTVCC - 2V but greater than 0.80V, the controller enters Burst Mode operation. Burst Mode operation sets a minimum output current level before inhibiting the top switch and turns off the synchronous MOSFET(s) when the inductor current goes negative. This combination of requirements will, at low currents, force the ITH pin below a voltage threshold that will temporarily inhibit turn-on of both output MOSFETs until the output voltage drops. There is 60mV of hysteresis in the burst comparator B tied to the ITH pin. This hysteresis produces output signals to the MOSFETs that turn them on for several cycles, followed by a variable "sleep" interval depending upon the load current. The resultant output voltage ripple is held to a very small value by having the hysteretic comparator after the error amplifier gain block. Constant Frequency Operation When the FCB pin is tied to INTVCC, Burst Mode operation is disabled and a forced minimum peak output current requirement is removed. This provides constant frequency, discontinuous (preventing reverse inductor current) current operation over the widest possible output current range. This constant frequency operation is not as efficient as Burst Mode operation, but does provide a lower noise, constant frequency operating mode down to approximately 1% of designed maximum output current. Continuous Current (PWM) Operation Tying the FCB pin to ground will force continuous current operation. This is the least efficient operating mode, but may be desirable in certain applications. The output can source or sink current in this mode. When sinking current while in forced continuous operation, current will be forced back into the main power supply potentially boosting the input supply to dangerous voltage levels-- BEWARE!
170985f
LTC1709-85
OPERATIO
Frequency Synchronization The phase-locked loop allows the internal oscillator to be synchronized to an external source via the PLLIN pin. The output of the phase detector at the PLLFLTR pin is also the DC frequency control input of the oscillator that operates over a 140kHz to 310kHz range corresponding to a DC voltage input from 0V to 2.4V. When locked, the PLL aligns the turn on of the top MOSFET to the rising edge of the synchronizing signal. When PLLIN is left open, the PLLFLTR pin goes low, forcing the oscillator to minimum frequency. Input capacitance ESR requirements and efficiency losses are substantially reduced because the peak current drawn from the input capacitor is effectively divided by two and power loss is proportional to the RMS current squared. A two stage, single output voltage implementation can reduce input path power loss by 75% and radically reduce the required RMS current rating of the input capacitor(s). INTVCC/EXTVCC Power Power for the top and bottom MOSFET drivers and most of the IC circuitry is derived from INTVCC. When the EXTVCC pin is left open, an internal 5V low dropout regulator supplies INTVCC power. If the EXTVCC pin is taken above 4.7V, the 5V regulator is turned off and an internal switch is turned on connecting EXTVCC to INTVCC. This allows the INTVCC power to be derived from a high efficiency external source such as the output of the regulator itself or a secondary winding, as described in the Applications Information section. An external Schottky diode can be used to minimize the voltage drop from EXTVCC to INTVCC in applications requiring greater than the specified INTVCC current. Voltages up to 7V can be applied to EXTVCC for additional gate drive capability. Differential Amplifier This amplifier provides true differential output voltage sensing. Sensing both VOUT + and VOUT - benefits regulation in high current applications and/or applications having electrical interconnection losses. The amplifier is not capable of sinking current and therefore must be resistively loaded to do so.
U
(Refer to Functional Diagram)
Output Overvoltage Protection An overvoltage comparator, OV, guards against transient overshoots (>7.5%) as well as other more serious conditions that may overvoltage the output. In this case, the top MOSFET is turned off and the bottom MOSFET is turned on until the overvoltage condition is cleared. Power Good (PGOOD) The PGOOD pin is connected to the drain of an internal MOSFET. The MOSFET turns on when the output voltage is not within 7.5% of its nominal output level as determined by the feedback divider. When the output is within 7.5% of its nominal value, the MOSFET is turned off within 10s and the PGOOD pin should be pulled up by an external resistor to a source of up to 7V. Short-Circuit Detection The RUN/SS capacitor is used initially to limit the inrush current from the input power source. Once the controllers have been given time, as determined by the capacitor on the RUN/SS pin, to charge up the output capacitors and provide full-load current, the RUN/SS capacitor is then used as a short-circuit timeout circuit. If the output voltage falls to less than 70% of its nominal output voltage the RUN/SS capacitor begins discharging assuming that the output is in a severe overcurrent and/or short-circuit condition. If the condition lasts for a long enough period as determined by the size of the RUN/SS capacitor, the controller will be shut down until the RUN/SS pin voltage is recycled. This built-in latchoff can be overidden by providing a current >5A at a compliance of 5V to the RUN/SS pin. This current shortens the soft-start period but also prevents net discharge of the RUN/SS capacitor during a severe overcurrent and/or short-circuit condition. Foldback current limiting is activated when the output voltage falls below 70% of its nominal level whether or not the short-circuit latchoff circuit is enabled.
170985f
11
LTC1709-85
APPLICATIO S I FOR ATIO
The basic LTC1709-85 application circuit is shown in Figure 1 on the first page. External component selection begins with the selection of the inductor(s) based on ripple current requirements and continues with the RSENSE1, 2 resistor selection using the calculated peak inductor current and/or maximum current limit. Next, the power MOSFETs and D1 and D2 are selected. The operating frequency and the inductor are chosen based mainly on the amount of ripple current. Finally, CIN is selected for its ability to handle the input ripple current (that PolyPhaseTM operation minimizes) and COUT is chosen with low enough ESR to meet the output ripple voltage and load step specifications (also minimized with PolyPhase). Current mode architecture provides inherent current sharing between output stages. The circuit shown in Figure 1 can be configured for operation up to an input voltage of 28V (limited by the external MOSFETs). Current mode control allows the ability to connect the two output stages to two different input power supply rails. A heavy output load can take some power from each input supply according to the selection of the RSENSE resistors. RSENSE Selection For Output Current RSENSE1, 2 are chosen based on the required peak output current. The LTC1709-85 current comparator has a maximum threshold of 75mV/RSENSE and an input common mode range of SGND to 1.1(INTVCC). The current comparator threshold sets the peak inductor current, yielding a maximum average output current IMAX equal to the peak value less half the peak-to-peak ripple current, IL. Assuming a common input power source for each output stage and allowing a margin for variations in the LTC1709-85 and external component values yields: RSENSE = 2(50mV/IMAX) Operating Frequency The LTC1709-85 uses a constant frequency, phaselockable architecture with the frequency determined by an internal capacitor. This capacitor is charged by a fixed current plus an additional current which is proportional to the voltage applied to the PLLFLTR pin. Refer to PhaseLocked Loop and Frequency Synchronization for additional information.
PLLFLTR PIN VOLTAGE (V)
12
U
A graph for the voltage applied to the PLLFLTR pin vs frequency is given in Figure 2. As the operating frequency is increased the gate charge losses will be higher, reducing efficiency (see Efficiency Considerations). The maximum switching frequency is approximately 310kHz.
2.5 2.0 1.5 1.0 0.5 0 120 170 220 270 OPERATING FREQUENCY (kHz) 320
170985 F02
W
U
U
Figure 2. Operating Frequency vs VPLLFLTR
Inductor Value Calculation and Output Ripple Current The operating frequency and inductor selection are interrelated in that higher operating frequencies allow the use of smaller inductor and capacitor values. So why would anyone ever choose to operate at lower frequencies with larger components? The answer is efficiency. A higher frequency generally results in lower efficiency because MOSFET gate charge and transition losses increase directly with frequency. In addition to this basic tradeoff, the effect of inductor value on ripple current and low current operation must also be considered. The PolyPhase approach reduces both input and output ripple currents while optimizing individual output stages to run at a lower fundamental frequency, enhancing efficiency. The inductor value has a direct effect on ripple current. The inductor ripple current IL per individual section, N, decreases with higher inductance or frequency and increases with higher VIN or VOUT:
IL =
VOUT VOUT 1- fL VIN
where f is the individual output stage operating frequency.
PolyPhase is a registered trademark of Linear Technology Corporation.
170985f
LTC1709-85
APPLICATIO S I FOR ATIO
In a 2-phase converter, the net ripple current seen by the output capacitor is much smaller than the individual inductor ripple currents due to ripple cancellation. The details on how to calculate the net output ripple current can be found in Application Note 77. Figure 3 shows the net ripple current seen by the output capacitors for the 1- and 2-phase configurations. The output ripple current is plotted for a fixed output voltage as the duty factor is varied between 10% and 90% on the x-axis. The output ripple current is normalized against the inductor ripple current at zero duty factor. The graph can be used in place of tedious calculations, simplifying the design process. Accepting larger values of IL allows the use of low inductances, but can result in higher output voltage ripple. A reasonable starting point for setting ripple current is IL = 0.4(IOUT)/2, where IOUT is the total load current. Remember, the maximum IL occurs at the maximum input voltage. The individual inductor ripple currents are determined by the inductor, input and output voltages.
1.0 0.9 0.8 0.7
IO(P-P)
1-PHASE 2-PHASE
0.6
VO/fL
0.5 0.4 0.3 0.2 0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 DUTY FACTOR (VOUT/VIN) 0.8 0.9
170985 F03
Figure 3. Normalized Output Ripple Current vs Duty Factor [IRMS 0.3 (IO(P-P))]
Inductor Core Selection Once the values for L1 and L2 are known, the type of inductor must be selected. High efficiency converters generally cannot afford the core loss found in low cost powdered iron cores, forcing the use of more expensive
U
ferrite, molypermalloy, or Kool M(R) cores. Actual core loss is independent of core size for a fixed inductor value, but it is very dependent on inductance selected. As inductance increases, core losses go down. Unfortunately, increased inductance requires more turns of wire and therefore copper losses will increase. Ferrite designs have very low core loss and are preferred at high switching frequencies, so design goals can concentrate on copper loss and preventing saturation. Ferrite core material saturates "hard," which means that inductance collapses abruptly when the peak design current is exceeded. This results in an abrupt increase in inductor ripple current and consequent output voltage ripple. Do not allow the core to saturate! Molypermalloy (from Magnetics, Inc.) is a very good, low loss core material for toroids, but it is more expensive than ferrite. A reasonable compromise from the same manufacturer is Kool M. Toroids are very space efficient, especially when you can use several layers of wire. Because they lack a bobbin, mounting is more difficult. However, designs for surface mount are available which do not increase the height significantly. Power MOSFET, D1 and D2 Selection Two external power MOSFETs must be selected for each output stage with the LTC1709-85: one N-channel MOSFET for the top (main) switch, and one N-channel MOSFET for the bottom (synchronous) switch. The peak-to-peak drive levels are set by the INTVCC voltage. This voltage is typically 5V during start-up (see EXTVCC Pin Connection). Consequently, logic-level threshold MOSFETs must be used in most applications. The only exception is if low input voltage is expected (VIN < 5V); then, sublogic-level threshold MOSFETs (VGS(TH) < 1V) should be used. Pay close attention to the BVDSS specification for the MOSFETs as well; most of the logic-level MOSFETs are limited to 30V or less. Selection criteria for the power MOSFETs include the "ON" resistance RDS(ON), reverse transfer capacitance CRSS, input voltage and maximum output current. When the LTC1709-85 is operating in continuous mode the duty
Kool M is a registered trademark of Magnetics, Inc.
170985f
W
U
U
13
LTC1709-85
APPLICATIO S I FOR ATIO
factors for the top and bottom MOSFETs of each output stage are given by:
Main Switch Duty Cycle =
VOUT VIN
V -V Synchronous Switch Duty Cycle = IN OUT VIN
The MOSFET power dissipations at maximum output current are given by: PMAIN = VOUT IMAX (1 + )RDS(ON) + VIN 2
2
2 I k(VIN ) MAX (C RSS )( f) 2 PSYNC V -V I = IN OUT MAX (1 + )RDS(ON) 2 VIN
2
where is the temperature dependency of RDS(ON) and k is a constant inversely related to the gate drive current. Both MOSFETs have I2R losses but the topside N-channel equation includes an additional term for transition losses, which peak at the highest input voltage. For VIN < 20V the high current efficiency generally improves with larger MOSFETs, while for VIN > 20V the transition losses rapidly increase to the point that the use of a higher RDS(ON) device with lower CRSS actual provides higher efficiency. The synchronous MOSFET losses are greatest at high input voltage when the top switch duty factor is low or during a short-circuit when the synchronous switch is on close to 100% of the period. The term (1 + ) is generally given for a MOSFET in the form of a normalized RDS(ON) vs temperature curve, but = 0.005/C can be used as an approximation for low voltage MOSFETs. CRSS is usually specified in the MOSFET characteristics. The constant k = 1.7 can be used to estimate the contributions of the two terms in the main switch dissipation equation. The Schottky diodes, D1 and D2 shown in Figure 1
14
U
conduct during the dead-time between the conduction of the two large power MOSFETs. This helps prevent the body diode of the bottom MOSFET from turning on, storing charge during the dead-time, and requiring a reverse recovery period which would reduce efficiency. A 1A to 3A Schottky (depending on output current) diode is generally a good compromise for both regions of operation due to the relatively small average current. Larger diodes result in additional transition losses due to their larger junction capacitance. CIN and COUT Selection In continuous mode, the source current of each top N-channel MOSFET is a square wave of duty cycle VOUT/ VIN. A low ESR input capacitor sized for the maximum RMS current must be used. The details of a closed form equation can be found in Application Note 77. Figure 4 shows the input capacitor ripple current for a 2-phase configuration with the output voltage fixed and input voltage varied. The input ripple current is normalized against the DC output current. The graph can be used in place of tedious calculations. The minimum input ripple current can be achieved when the input voltage is twice the output voltage In the graph of Figure 4, the 2-phase local maximum input RMS capacitor currents are reached when:
W
U
U
VOUT 2k - 1 = VIN 4
where k = 1, 2 These worst-case conditions are commonly used for design because even significant deviations do not offer much relief. Note that capacitor manufacturer's ripple current ratings are often based on only 2000 hours of life. This makes it advisable to further derate the capacitor, or to choose a capacitor rated at a higher temperature than required. Several capacitors may also be paralleled to meet size or height requirements in the design. Always consult the capacitor manufacturer if there is any question. It is important to note that the efficiency loss is propor170985f
LTC1709-85
APPLICATIO S I FOR ATIO
0.6 0.5
RMS INPUT RIPPLE CURRNET
DC LOAD CURRENT
0.4 0.3 0.2 0.1 0
1-PHASE 2-PHASE
0.1
0.2
0.3 0.4 0.5 0.6 0.7 DUTY FACTOR (VOUT/VIN)
0.8
0.9
170985 F04
Figure 4. Normalized RMS Input Ripple Current vs Duty Factor for 1 and 2 Output Stages
tional to the input RMS current squared and therefore a 2-phase implementation results in 75% less power loss when compared to a single phase design. Battery/input protection fuse resistance (if used), PC board trace and connector resistance losses are also reduced by the reduction of the input ripple current in a 2-phase system. The required amount of input capacitance is further reduced by the factor, 2, due to the effective increase in the frequency of the current pulses. The selection of COUT is driven by the required effective series resistance (ESR). Typically once the ESR requirement has been met, the RMS current rating generally far exceeds the IRIPPLE(P-P) requirements. The steady state output ripple (VOUT) is determined by:
1 VOUT IRIPPLE ESR + 16fC OUT
Where f = operating frequency of each stage, COUT = output capacitance and IRIPPLE = combined inductor ripple currents. The output ripple varies with input voltage since IL is a function of input voltage. The output ripple will be less than 50mV at max VIN with IL = 0.4IOUT(MAX)/2 assuming: COUT required ESR < 4(RSENSE) and COUT > 1/(16f)(RSENSE) The emergence of very low ESR capacitors in small,
U
surface mount packages makes very physically small implementations possible. The ability to externally compensate the switching regulator loop using the I TH pin(OPTI-LOOP compensation) allows a much wider selection of output capacitor types. OPTI-LOOP compensation effectively removes constraints on output capacitor ESR. The impedance characteristics of each capacitor type are significantly different than an ideal capacitor and therefore require accurate modeling or bench evaluation during design. Manufacturers such as Nichicon, United Chemicon and Sanyo should be considered for high performance through-hole capacitors. The OS-CON semiconductor dielectric capacitor available from Sanyo and the Panasonic SP surface mount types have the lowest (ESR)(size) product of any aluminum electrolytic at a somewhat higher price. An additional ceramic capacitor in parallel with OS-CON type capacitors is recommended to reduce the inductance effects. In surface mount applications, multiple capacitors may have to be paralleled to meet the ESR or RMS current handling requirements of the application. Aluminum electrolytic and dry tantalum capacitors are both available in surface mount configurations. New special polymer surface mount capacitors offer very low ESR also but have much lower capacitive density per unit volume. In the case of tantalum, it is critical that the capacitors are surge tested for use in switching power supplies. Several excellent choices are the AVX TPS, AVX TPSV or the KEMET T510 series of surface mount tantalums, available in case heights ranging from 2mm to 4mm. Other capacitor types include Sanyo OS-CON, Nichicon PL series and Sprague 595D series. Consult the manufacturer for other specific recommendations. A combination of capacitors will often result in maximizing performance and minimizing overall cost and size. INTVCC Regulator An internal P-channel low dropout regulator produces 5V at the INTVCC pin from the VIN supply pin. The INTVCC regulator powers the drivers and internal circuitry of the LTC1709-85. The INTVCC pin regulator can supply up to 50mA peak and must be bypassed to power ground with
170985f
W
U
U
15
LTC1709-85
APPLICATIO S I FOR ATIO
a minimum of 4.7F tantalum or electrolytic capacitor. An additional 1F ceramic capacitor placed very close to the IC is recommended due to the extremely high instantaneous currents required by the MOSFET gate drivers. High input voltage applications in which large MOSFETs are being driven at high frequencies may cause the maximum junction temperature rating for the LTC1709-85 to be exceeded. The supply current is dominated by the gate charge supply current, in addition to the current drawn from the differential amplifier output. The gate charge is dependent on operating frequency as discussed in the Efficiency Considerations section. The supply current can either be supplied by the internal 5V regulator or via the EXTVCC pin. When the voltage applied to the EXTVCC pin is less than 4.7V, all of the INTVCC load current is supplied by the internal 5V linear regulator. Power dissipation for the IC is higher in this case by (IIN)(VIN - INTVCC) and efficiency is lowered. The junction temperature can be estimated by using the equations given in Note 1 of the Electrical Characteristics. For example, the LTC1709-85 VIN current is limited to less than 24mA from a 24V supply: TJ = 70C + (24mA)(24V)(85C/W) = 119C Use of the EXTVCC pin reduces the junction temperature to: TJ = 70C + (24mA)(5V)(85C/W) = 80.2C The input supply current should be measured while the controller is operating in continuous mode at maximum VIN and the power dissipation calculated in order to prevent the maximum junction temperature from being exceeded. EXTVCC Connection The LTC1709-85 contains an internal P-channel MOSFET switch connected between the EXTVCC and INTVCC pins. When the voltage applied to EXTVCC rises above 4.7V, the internal regulator is turned off and an internal switch closes, connecting the EXTVCC pin to the INTVCC pin thereby supplying internal and MOSFET gate driving power to the IC. The switch remains closed as long as the voltage applied to EXTVCC remains above 4.5V. This allows the MOSFET driver and control power to be derived from a
16
U
separate 5V supply during normal operation (4.7V < VEXTVCC < 7V) and from the internal regulator when the external 5V supply is not available. Do not apply greater than 7V to the EXTVCC pin and ensure that EXTVCC < VIN + 0.3V when using the application circuits shown. If an external voltage source is applied to the EXTVCC pin when the VIN supply is not present, a diode can be placed in series with the LTC1709-85's VIN pin and a Schottky diode between the EXTVCC and the VIN pin, to prevent current from backfeeding VIN. Topside MOSFET Driver Supply (CB,DB) (Refer to Functional Diagram) External bootstrap capacitors CB1 and CB2 connected to the BOOST1 and BOOST2 pins supply the gate drive voltages for the topside MOSFETs. Capacitor CB in the Functional Diagram is charged though diode DB from INTVCC when the SW pin is low. When the topside MOSFET turns on, the driver places the CB voltage across the gatesource of the desired MOSFET. This enhances the MOSFET and turns on the topside switch. The switch node voltage, SW, rises to VIN and the BOOST pin rises to VIN + VINTVCC. The value of the boost capacitor CB needs to be 30 to 100 times that of the total input capacitance of the topside MOSFET(s). The reverse breakdown of DB must be greater than VIN(MAX). The final arbiter when defining the best gate drive amplitude level will be the input supply current. If a change is made that decreases input current, the efficiency has improved. If the input current does not change then the efficiency has not changed either. Output Voltage The LTC1709-85 has a true remote voltage sense capablity. The sensing connections should be returned from the load back to the differential amplifier's inputs through a common, tightly coupled pair of PC traces. The differential amplifier corrects for DC drops in both the power and ground paths. The differential amplifier output signal is divided down and compared with the internal precision 0.8V voltage reference by the error amplifier.
170985f
W
U
U
LTC1709-85
APPLICATIO S I FOR ATIO
Output Voltage Programming
The output voltage is digitally programmed as defined in Table 1 using the VID25mV to VID3 logic input pins. The VID logic inputs program a precision, 0.25% internal feedback resistive divider. The LTC1709-85 has an output voltage range of 1.05V to 1.825V in 25mV steps. Between the ATTENOUT pin and ground is a variable resistor, R1, whose value is controlled by the five VID input pins (VID25mV to VID3). Another resistor, R2, between the ATTENIN and the ATTENOUT pins completes the resistive divider. The output voltage is thus set by the ratio of (R1 + R2) to R1. Each VID digital input is pulled up by a 40k resistor in series with a diode from VBIAS. Therefore, it must be grounded to get a digital low input, and can be either floated or connected to VBIAS to get a digital high input. The series diode is used to prevent the digital inputs from being damaged or clamped if they are driven higher than VBIAS. The digital inputs accept CMOS voltage levels. VBIAS is the supply voltage for the VID section. It is normally connected to INTVCC but can be driven from other sources. If it is driven from another source, that source must be in the range of 2.7V to 5.5V and must be alive prior to enabling the LTC1709-85. Soft-Start/Run Function The RUN/SS pin provides three functions: 1) Run/Shutdown, 2) soft-start and 3) a defeatable short-circuit latchoff timer. Soft-start reduces the input power sources' surge currents by gradually increasing the controller's current limit ITH(MAX). The latchoff timer prevents very short, extreme load transients from tripping the overcurrent latch. A small pull-up current (>5A) supplied to the RUN/ SS pin will prevent the overcurrent latch from operating. The following explanation describes how the functions operate. An internal 1.2A current source charges up the soft-start capacitor, CSS. When the voltage on RUN/SS reaches 1.5V, the controller is permitted to start operating. As the voltage on RUN/SS increases from 1.5V to 3.0V, the internal current limit is increased from 25mV/RSENSE to 75mV/RSENSE. The output current limit ramps up slowly,
U
taking an additional 1.4s/F to reach full current. The output current thus ramps up slowly, reducing the starting surge current required from the input power supply. If RUN/SS has been pulled all the way to ground there is a delay before starting of approximately:
W
U
U
tDELAY =
1.5V C SS = (1.25s/F ) C SS 1.2A
Table 1. VID Output Voltage Programming
VSENSE 1.050 1.075 1.100 1.125 1.150 1.175 1.200 1.225 1.250 1.275 1.300 1.325 1.350 1.375 1.400 1.425 1.450 1.475 1.500 1.525 1.550 1.575 1.600 1.625 1.650 1.675 1.700 1.725 1.750 1.775 1.800 1.825 VID3 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 VID2 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 VID1 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 VID0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 VID25mV 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
170985f
17
LTC1709-85
APPLICATIO S I FOR ATIO
tIRAMP = 3V - 1.5V C SS = (1.25s/F ) C SS 1.2A
The time for the output current to ramp up is then:
By pulling the RUN/SS pin below 0.8V the LTC1709-85 is put into low current shutdown (IQ < 40A). The RUN/SS pins can be driven directly from logic as shown in Figure 5. Diode D1 in Figure 5 reduces the start delay but allows CSS to ramp up slowly providing the soft-start function. The RUN/SS pin has an internal 6V zener clamp (see Functional Diagram).
VIN 3.3V OR 5V D1 RUN/SS RSS* D1* CSS CSS INTVCC RSS* RUN/SS
*OPTIONAL TO DEFEAT OVERCURRENT LATCHOFF
Figure 5. RUN/SS Pin Interfacing
Fault Conditions: Overcurrent Latchoff The RUN/SS pin also provides the ability to latch off the controllers when an overcurrent condition is detected. The RUN/SS capacitor, CSS, is used initially to limit the inrush current of both controllers. After the controllers have been started and been given adequate time to charge up the output capacitors and provide full load current, the RUN/ SS capacitor is used for a short-circuit timer. If the output voltage falls to less than 70% of its nominal value after CSS reaches 4.1V, CSS begins discharging on the assumption that the output is in an overcurrent condition. If the condition lasts for a long enough period as determined by the size of the CSS, the controller will be shut down until the RUN/SS pin voltage is recycled. If the overload occurs during start-up, the time can be approximated by: tLO1 (CSS * 0.6V)/(1.2A) = 5 * 105 (CSS) If the overload occurs after start-up, the voltage on CSS will continue charging and will provide additional time before latching off: tLO2 (CSS * 3V)/(1.2A) = 2.5 * 106 (CSS)
18
U
This built-in overcurrent latchoff can be overridden by providing a pull-up resistor, RSS, to the RUN/SS pin as shown in Figure 5. This resistance shortens the soft-start period and prevents the discharge of the RUN/SS capacitor during a severe overcurrent and/or short-circuit condition. When deriving the 5A current from VIN as in the figure, current latchoff is always defeated. The diode connecting this pull-up resistor to INTVCC, as in Figure 5, eliminates any extra supply current during shutdown while eliminating the INTVCC loading from preventing controller start-up. Why should you defeat current latchoff? During the prototyping stage of a design, there may be a problem with noise pickup or poor layout causing the protection circuit to latch off the controller. Defeating this feature allows troubleshooting of the circuit and PC layout. The internal short-circuit and foldback current limiting still remains active, thereby protecting the power supply system from failure. A decision can be made after the design is complete whether to rely solely on foldback current limiting or to enable the latchoff feature by removing the pull-up resistor. The value of the soft-start capacitor CSS may need to be scaled with output voltage, output capacitance and load current characteristics. The minimum soft-start capacitance is given by: CSS > (COUT )(VOUT)(10-4)(RSENSE) The minimum recommended soft-start capacitor of CSS = 0.1F will be sufficient for most applications. Phase-Locked Loop and Frequency Synchronization The LTC1709-85 has a phase-locked loop comprised of an internal voltage controlled oscillator and phase detector. This allows the top MOSFET turn-on to be locked to the rising edge of an external source. The frequency range of the voltage controlled oscillator is 50% around the center frequency fO. A voltage applied to the PLLFLTR pin of 1.2V corresponds to a frequency of approximately 220kHz. The nominal operating frequency range of the LTC1709-85 is 140kHz to 310kHz. The phase detector used is an edge sensitive digital type which provides zero degrees phase shift between the
170985f
170985 F06
W
U
U
LTC1709-85
APPLICATIO S I FOR ATIO
external and internal oscillators. This type of phase detector will not lock up on input frequencies close to the harmonics of the VCO center frequency. The PLL hold-in range, fH, is equal to the capture range, fC: fH = fC = 0.5 fO (150kHz-300kHz) The output of the phase detector is a complementary pair of current sources charging or discharging the external filter network on the PLLFLTR pin. A simplified block diagram is shown in Figure 6. If the external frequency (fPLLIN) is greater than the oscillator frequency f0SC, current is sourced continuously, pulling up the PLLFLTR pin. When the external frequency is less than f0SC, current is sunk continuously, pulling down the PLLFLTR pin. If the external and internal frequencies are the same but exhibit a phase difference, the current sources turn on for an amount of time corresponding to the phase difference. Thus the voltage on the PLLFLTR pin is adjusted until the phase and frequency of the external and internal oscillators are identical. At this stable operating point the phase comparator output is open and the filter capacitor CLP holds the voltage. The LTC1709-85 PLLIN pin must be driven from a low impedance source such as a logic gate located close to the pin. The loop filter components (CLP, RLP) smooth out the current pulses from the phase detector and provide a stable input to the voltage controlled oscillator. The filter components CLP and RLP determine how fast the loop acquires lock. Typically RLP =10k and CLP is 0.01F to 0.1F.
2.4V
PHASE DETECTOR
EXTERNAL OSC PLLFLTR
PLLIN
50k
DIGITAL PHASE/ FREQUENCY DETECTOR
Figure 6. Phase-Locked Loop Block Diagram
170985f
U
Minimum On-Time Considerations Minimum on-time, tON(MIN), is the smallest time duration that the LTC1709-85 is capable of turning on the top MOSFET. It is determined by internal timing delays and the gate charge required to turn on the top MOSFET. Low duty cycle applications may approach this minimum on-time limit and care should be taken to ensure that:
tON(MIN) < VOUT VIN ( f)
W
U
U
If the duty cycle falls below what can be accommodated by the minimum on-time, the LTC1709-85 will begin to skip cycles resulting in variable frequency operation. The output voltage will continue to be regulated, but the ripple current and ripple voltage will increase. The minimum on-time for the LTC1709-85 is generally less than 200ns. However, as the peak sense voltage decreases, the minimum on-time gradually increases. This is of particular concern in forced continuous applications with low ripple current at light loads. If the duty cycle drops below the minimum on-time limit in this situation, a significant amount of cycle skipping can occur with correspondingly larger ripple current and voltage ripple. If an application can operate close to the minimum on-time limit, an inductor must be chosen that has a low enough inductance to provide sufficient ripple amplitude to meet the minimum on-time requirement. As a general rule, keep the inductor ripple current of each phase equal to or greater than 15% of IOUT(MAX) at VIN(MAX).
RLP 10k CLP
OSC
170985 F07
19
LTC1709-85
APPLICATIO S I FOR ATIO
FCB Pin Operation
The following table summarizes the possible states available on the FCB pin:
Table 2
FCB Pin 0V to 0.75V 0.85V < VFCB < VINTVCC - 2V Condition Forced Continuous (Current Reversal Allowed--Burst Inhibited) Minimum Peak Current Induces Burst Mode Operation No Current Reversal Allowed Burst Mode Operation Disabled Constant Frequency Mode Enabled No Current Reversal Allowed No Minimum Peak Current
VINTVCC
Voltage Positioning Voltage positioning can be used to minimize peak-to-peak output voltage excursion under worst-case transient loading conditions. The open-loop DC gain of the control loop is reduced depending upon the maximum load step specifications. Voltage positioning can easily be added to the LTC1709-85 by loading the ITH pin with a resistive divider having a Thevenin equivalent voltage source equal to the midpoint operating voltage of the error amplifier, or 1.2V (see Figure 7). The resistive load reduces the DC loop gain while maintaining the linear control range of the error amplifier. The worst-case peak-to-peak output voltage deviation due to transient loading can theoretically be reduced to half or alternatively the amount of output capacitance can be reduced for a particular application. A complete explanation is included in Design Solutions 10 or the LTC1736 data sheet. (See www.linear.com)
INTVCC RT2 ITH RT1 RC CC
170985 F08
LTC1709-85
Figure 7. Active Voltage Positioning Applied to the LTC1709-85
20
U
Efficiency Considerations The percent efficiency of a switching regulator is equal to the output power divided by the input power times 100%. It is often useful to analyze individual losses to determine what is limiting the efficiency and which change would produce the most improvement. Percent efficiency can be expressed as: %Efficiency = 100% - (L1 + L2 + L3 + ...) where L1, L2, etc. are the individual losses as a percentage of input power. Although all dissipative elements in the circuit produce losses, four main sources usually account for most of the losses in LTC1709-85 circuits: 1) I2R losses, 2) Topside MOSFET transition losses, 3) INTVCC regulator current and 4) LTC1709-85 VIN current (including loading on the differential amplifier output). 1) I2R losses are predicted from the DC resistances of the fuse (if used), MOSFET, inductor, current sense resistor, and input and output capacitor ESR. In continuous mode the average output current flows through L and RSENSE, but is "chopped" between the topside MOSFET and the synchronous MOSFET. If the two MOSFETs have approximately the same RDS(ON), then the resistance of one MOSFET can simply be summed with the resistances of L, RSENSE and ESR to obtain I2R losses. For example, if each RDS(ON) = 10m, RL = 10m, and RSENSE = 5m, then the total resistance is 25m. This results in losses ranging from 2% to 8% as the output current increases from 3A to 15A per output stage for a 5V output, or a 3% to 12% loss per output stage for a 3.3V output. Efficiency varies as the inverse square of VOUT for the same external components and output power level. The combined effects of increasingly lower output voltages and higher currents required by high performance digital systems is not doubling but quadrupling the importance of loss terms in the switching regulator system! 2) Transition losses apply only to the topside MOSFET(s), and are significant only when operating at high input voltages (typically 12V or greater). Transition losses can be estimated from: Transition Loss = (1.7) VIN2 IO(MAX) CRSS f
170985f
W
U
U
LTC1709-85
APPLICATIO S I FOR ATIO
3) INTVCC current is the sum of the MOSFET driver and control currents. The MOSFET driver current results from switching the gate capacitance of the power MOSFETs. Each time a MOSFET gate is switched from low to high to low again, a packet of charge dQ moves from INTVCC to ground. The resulting dQ/dt is a current out of INTVCC that is typically much larger than the control circuit current. In continuous mode, IGATECHG = (QT + QB), where QT and QB are the gate charges of the topside and bottom side MOSFETs. Supplying INTVCC power through the EXTVCC switch input from an output-derived source will scale the VIN current required for the driver and control circuits by the ratio (Duty Factor)/(Efficiency). For example, in a 20V to 5V application, 10mA of INTVCC current results in approximately 3mA of VIN current. This reduces the mid-current loss from 10% or more (if the driver was powered directly from VIN) to only a few percent. 4) The VIN current has two components: the first is the DC supply current given in the Electrical Characteristics table, which excludes MOSFET driver and control currents; the second is the current drawn from the differential amplifier output. VIN current typically results in a small (<0.1%) loss. Other "hidden" losses such as copper trace and internal battery resistances can account for an additional 5% to 10% efficiency degradation in portable systems. It is very important to include these "system" level losses in the design of a system. The internal battery and input fuse resistance losses can be minimized by making sure that CIN has adequate charge storage and a very low ESR at the switching frequency. A 50W supply will typically require a minimum of 200F to 300F of output capacitance having a maximum of 10m to 20m of ESR. The LTC1709-85 2-phase architecture typically halves the input and output capacitance requirements over competing solutions. Other losses including Schottky conduction losses during dead-time and inductor core losses generally account for less than 2% total additional loss.
U
Checking Transient Response The regulator loop response can be checked by looking at the load transient response. Switching regulators take several cycles to respond to a step in DC (resistive) load current. When a load step occurs, VOUT shifts by an amount equal to ILOAD(ESR), where ESR is the effective series resistance of COUT (ILOAD) also begins to charge or discharge COUT generating the feedback error signal that forces the regulator to adapt to the current change and return VOUT to its steady-state value. During this recovery time VOUT can be monitored for excessive overshoot or ringing, which would indicate a stability problem. The availability of the ITH pin not only allows optimization of control loop behavior but also provides a DC coupled and AC filtered closed loop response test point. The DC step, rise time, and settling at this test point truly reflects the closed loop response. Assuming a predominantly second order system, phase margin and/or damping factor can be estimated using the percentage of overshoot seen at this pin. The bandwidth can also be estimated by examining the rise time at the pin. The ITH external components shown in the Figure 1 circuit will provide an adequate starting point for most applications. The ITH series RC-CC filter sets the dominant pole-zero loop compensation. The values can be modified slightly (from 0.2 to 5 times their suggested values) to optimize transient response once the final PC layout is done and the particular output capacitor type and value have been determined. The output capacitors need to be decided upon first because the various types and values determine the loop gain and phase. An output current pulse of 20% to 80% of full-load current having a rise time of <2s will produce output voltage and ITH pin waveforms that will give a sense of the overall loop stability without breaking the feedback loop. The initial output voltage step resulting from the step change in output current may not be within the bandwidth of the feedback loop, so this signal cannot be used to determine phase margin. This is why it is better to look at the ITH pin signal which is in the feedback
170985f
W
U
U
21
LTC1709-85
APPLICATIO S I FOR ATIO
loop and is the filtered and compensated control loop response. The gain of the loop will be increased by increasing RC and the bandwidth of the loop will be increased by decreasing CC. If RC is increased by the same factor that CC is decreased, the zero frequency will be kept the same, thereby keeping the phase the same in the most critical frequency range of the feedback loop. The output voltage settling behavior is related to the stability of the closed-loop system and will demonstrate the actual overall supply performance. Design Example As a design example, assume VIN = 5V (nominal), VIN = 5.5V (max), VOUT = 1.8V, IMAX = 20A, TA = 70C and f = 300kHz. The inductance value is chosen first based on a 30% ripple current assumption. The highest value of ripple current occurs at the maximum input voltage. Tie the PLLFLTR pin to the INTVCC pin for 300kHz operation. The minimum inductance for 30% ripple current is:
V V L OUT 1 - OUT f( L) VIN 1.8V 1.8V 1- (300kHz)(30%)(10A) 5.5V
1.35H
A 1.5H inductor will produce 27% ripple current. The peak inductor current will be the maximum DC value plus one half the ripple current, or 11.5A. The minimum ontime occurs at maximum VIN:
tON(MIN) = VOUT 1.8V = = 11s . VIN f (5.5V )(300kHz )
The RSENSE resistors value can be calculated by using the maximum current sense voltage specification with some accomodation for tolerances: RSENSE = 50mV 0.004 11.5A
22
U
The power dissipation on the topside MOSFET can be easily estimated. Using a Siliconix Si4420DY for example; RDS(ON) = 0.013, CRSS = 300pF. At maximum input voltage with TJ (estimated) = 110C at an elevated ambient temperature:
W
U
U
PMAIN =
1.8V (10)2 1+ (0.005)(110C - 25C ) 5.5V
[
]
(300kHz) = 0.65W
0.013 + 1.7(5.5V ) (10A )(300pF )
2
The worst-case power disipated by the synchronous MOSFET under normal operating conditions at elevated ambient temperature and estimated 50C junction temperature rise is:
PSYNC = 5.5V - 1.8V (10A)2 (1.48)(0.013) 5.5V = 1.29W
A short-circuit to ground will result in a folded back current of about:
ISC = 25mV 1 200ns(5.5V ) + = 7A 0.004 2 1.5H
The worst-case power disipated by the synchronous MOSFET under short-circuit conditions at elevated ambient temperature and estimated 50C junction temperature rise is:
PSYNC = 5.5V - 1.8V (7A)2 (1.48)(0.013) 5.5V = 630mW
which is less than normal, full-load conditions. Incidentally, since the load no longer dissipates power in the shorted condition, total system power dissipation is decreased by over 99%.
170985f
LTC1709-85
APPLICATIO S I FOR ATIO
The duty factor for this application is:
DF = VO 1.8V = = 0.36 VIN 5V
Using Figure 4, the RMS ripple current will be: IINRMS = (20A)(0.23) = 4.6ARMS An input capacitor(s) with a 4.6ARMS ripple current rating is required. The output capacitor ripple current is calculated by using the inductor ripple already calculated for each inductor and multiplying by the factor obtained from Figure 3 along with the calculated duty factor. The output ripple in continuous mode will be highest at the maximum input voltage since the duty factor is < 50%. The maximum output current ripple is:
VOUT (0.3) at 33%D F fL 1.8V 0.3 ICOUTMAX = (300kHz)(1.5H) ICOUT = VOUTRIPPLE = 20m(1.2ARMS ) = 24mVRMS = 1.2ARMS
PC Board Layout Checklist When laying out the printed circuit board, the following checklist should be used to ensure proper operation of the LTC1709-85. Check the following in your layout: 1) Are the signal and power grounds segregated? The LTC1709-85 signal ground pin should return to the (-) plate of COUT separately. The power ground returns to the sources of the bottom N-channel MOSFETs, anodes of the Schottky diodes, and (-) plates of CIN, which should have as short lead lengths as possible. 2) Does the LTC1709-85 VOS+ pin connect to the point of load? Does the LTC1709-85 VOS- pin connect to the load return?
U
3) Are the SENSE - and SENSE + leads routed together with minimum PC trace spacing? The filter capacitors between SENSE + and SENSE - pin pairs should be as close as possible to the LTC1709-85. Ensure accurate current sensing with Kelvin connections at the current sense resistor. 4) Does the (+) plate of CIN connect to the drains of the topside MOSFETs as closely as possible? This capacitor provides the AC current to the MOSFETs. Keep the input current path formed by the input capacitor, top and bottom MOSFETs, and the Schottky diode on the same side of the PC board in a tight loop to minimize conducted and radiated EMI. 5) Is the INTVCC 1F ceramic decoupling capacitor connected closely between INTVCC and the power ground pin? This capacitor carries the MOSFET driver peak currents. A small value is recommended to allow placement immediately adjacent to the IC. 6) Keep the switching nodes, SW1 (SW2), away from sensitive small-signal nodes. Ideally the switch nodes should be placed at the furthest point from the LTC1709-85. 7) Use a low impedance source such as a logic gate to drive the PLLIN pin and keep the lead as short as possible. The diagram in Figure 8 illustrates all branch currents in a 2-phase switching regulator. It becomes very clear after studying the current waveforms why it is critical to keep the high-switching-current paths to a small physical size. High electric and magnetic fields will radiate from these "loops" just as radio stations transmit signals. The output capacitor ground should return to the negative terminal of the input capacitor and not share a common ground path with any switched current paths. The left half of the circuit gives rise to the "noise" generated by a switching regulator. The ground terminations of the sychronous MOSFETs and Schottky diodes should return to the negative plate(s) of the input capacitor(s) with a short isolated PC trace since very high switched currents are present. A separate isolated path from the negative plate(s) of the input capacitor(s) should be used to tie in the IC power ground
170985f
W
U
U
23
LTC1709-85
APPLICATIO S I FOR ATIO
pin (PGND) and the signal ground pin (SGND). This technique keeps inherent signals generated by high current pulses from taking alternate current paths that have finite impedances during the total period of the switching regulator. External OPTI-LOOP compensation allows overcompensation for PC layouts which are not optimized but this is not the recommended design procedure. Simplified Visual Explanation of How a 2-Phase Controller Reduces Both Input and Output RMS Ripple Current A multiphase power supply significantly reduces the amount of ripple current in both the input and output capacitors. The RMS input ripple current is divided by, and the effective ripple frequency is multiplied up by the number of phases used (assuming that the input voltage is greater than the number of phases used times the output voltage). The output ripple amplitude is also reduced by, and the effective ripple frequency is increased by the number of phases used. Figure 9 graphically illustrates the principle. The worst-case RMS ripple current for a single stage design peaks at an input voltage of twice the output voltage. The worst-case RMS ripple current for a two stage design results in peak outputs of 1/4 and 3/4 of input voltage. When the RMS current is calculated, higher effective duty factor results and the peak current levels are divided as long as the currents in each stage are balanced. Refer to Application Note 19 for a detailed description of how to calculate RMS current for the single stage switching regulator. Figures 3 and 4 illustrate how the input and output currents are reduced by using an additional phase.
24
U
The input current peaks drop in half and the frequency is doubled for this 2-phase converter. The input capacity requirement is thus reduced theoretically by a factor of four! Ceramic input capacitors with their unbeatably low ESR characteristics can be used. Figure 4 illustrates the RMS input current drawn from the input capacitance vs the duty cycle as determined by the ratio of input and output voltage. The peak input RMS current level of the single phase system is reduced by 50% in a 2-phase solution due to the current splitting between the two stages. An interesting result of the 2-phase solution is that the VIN which produces worst-case ripple current for the input capacitor, VOUT = VIN/2, in the single phase design produces zero input current ripple in the 2-phase design. The output ripple current is reduced significantly when compared to the single phase solution using the same inductance value because the VOUT/L discharge current term from the stage that has its bottom MOSFET on subtracts current from the (VIN - VOUT)/L charging current resulting from the stage which has its top MOSFET on. The output ripple current is:
W
U
U
IRIPPLE =
2VOUT fL
1 - 2D (1 - D) 1 - 2D + 1
where D is duty factor. The input and output ripple frequency is increased by the number of stages used, reducing the output capacity requirements. When VIN is approximately equal to 2(VOUT) as illustrated in Figures 3 and 4, very low input and output ripple currents result.
170985f
LTC1709-85
APPLICATIO S I FOR ATIO
SW1
D1
VIN RIN CIN
+
SW2
BOLD LINES INDICATE HIGH, SWITCHING CURRENT LINES. KEEP LINES TO A MINIMUM LENGTH.
D2
Figure 8. Instantaneous Current Path Flow in a Multiple Phase Switching Regulator
U
L1 RSENSE1 VOUT COUT RL
W
U
U
+
L2
RSENSE2
170985 F09
170985f
25
LTC1709-85
APPLICATIO S I FOR ATIO U
DUAL PHASE SW1 V SW2 V ICIN IL1 ICOUT IL2 ICIN ICOUT
SINGLE PHASE
SW V
26
W
U
U
RIPPLE
170985 F10
Figure 9. Single and 2-Phase Current Waveforms
170985f
LTC1709-85
PACKAGE DESCRIPTIO U
G Package 36-Lead Plastic SSOP (5.3mm)
(Reference LTC DWG # 05-08-1640)
12.50 - 13.10* (.492 - .516) 1.25 0.12 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 5.3 - 5.7 7.40 - 8.20 (.291 - .323) 0.65 BSC RECOMMENDED SOLDER PAD LAYOUT 5.00 - 5.60** (.197 - .221) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 2.0 (.079) 0 - 8 0.65 (.0256) BSC 0.22 - 0.38 (.009 - .015) 0.05 (.002)
G36 SSOP 0802
7.8 - 8.2
0.42 0.03
0.09 - 0.25 (.0035 - .010)
0.55 - 0.95 (.022 - .037)
NOTE: 1. CONTROLLING DIMENSION: MILLIMETERS MILLIMETERS 2. DIMENSIONS ARE IN (INCHES) 3. DRAWING NOT TO SCALE *DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED .152mm (.006") PER SIDE **DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED .254mm (.010") PER SIDE
170985f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
27
LTC1709-85
TYPICAL APPLICATIO
10 10
0.1F 1000pF 2.7k 10k INTVCC 6.81k 6.98k 470pF 26.8k INTVCC 100pF
9 10 11 12 13
SGND VDIFFOUT VOS - VOS + SENSE2 - SENSE2 + ATTENOUT ATTENIN VID25mV VID0
PGND BG2 BOOST2 SW2 TG2 PGOOD VBIAS VID3 VID2 VID1
28 27 26 25 24 23 22 21 20 19
10F
0.1F
0.22F
M3
1000pF 10 10 470pF
14 15 16 17 18
100k PGOOD 0.1F 10
VID INPUTS
170985 F11
Figure 10. 5V to 15V Input, 1.05V to 1.825V/30A Pentium(R) III Processor Power Supply with Active Voltage Positioning
RELATED PARTS
PART NUMBER LTC1438/LTC1439 DESCRIPTION COMMENTS Constant Frequency, Standby, 5V and 3.3V LDOs Expandable Up to 12 Phases, G-28, Up to 120A Adjustable Output Up to 40A, G-28 500kHz, 25MHz GBW 1.3V VOUT 3.5V, Current Mode Ensures Accurate Current Sharing, 3.5V VIN 36V VID Tables; Mobile, VRM 8.4 and VRM 9.0 Burst Mode Operation, 16-Pin Narrow SSOP, Fault Protection, 3.5V VIN 36V Output Fault Protection, Power Good, GN-24, 3.5V VIN 36V, 0.925V VOUT 2V 4V VIN 36V, 0.8V VOUT VIN, SSOP-16 550kHz per Phase, Up to 12-Phase Operation, IOUT = 20A per Phase 600kHz per Phase, 0.6V VOUT 1.75V, IMVP-3, Integrated MOSFET Drivers 600kHz per Phase, 5-Bit VID, 5% Accurate Current Sharing, IOUT 60A
170985f
Dual High Efficiency Low Noise Synchronous Step-Down Switching Regulators POR, Auxiliary Regulator
LTC1628/LTC1628-PG Dual High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator LTC1629/LTC1629-PG PolyPhase High Efficiency Controller LTC1929/LTC1929-PG 2-Phase High Efficiency Controller LTC1702/LTC1703 LTC1708-PG Dual High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator Dual High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator with 5-Bit VID and Power Good Indication
LTC1709-7/LTC1709-8 2-Phase High Efficiency Controller with 5-Bit VID and Power Good LTC1709-9 LTC1735 LTC1736 LTC1778 LTC3729 LTC3730 LTC3732 High Efficiency Synchronous Step-Down Controller High Efficiency Synchronous Step-Down Controller with 5-Bit VID No RSENSETM Step-Down Synchronous Controller 550kHz PolyPhase Step-Down Synchronous Controller 3-Phase, 5-Bit Intel Mobile VID Synchronous Step-Down Controller 3-Phase Step-Down Synchronous Controller (VRM 9.0/9.1)
Adaptive Power and No RSENSE are trademarks of Linear Technology Corporation.
28 Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900
q
FAX: (408) 434-0507 q www.linear.com
+
U
LTC1709-85 1 2 3 4 5 6 7 8 RUN/SS SENSE1 + SENSE1 - EAIN PLLFLTR PLLIN FCB ITH NC TG1 SW1 BOOST1 VIN BG1 EXTVCC INTVCC 36 35 34 33 32 31 30 29 5V (OPT) 10 CIN 0.22F M1 M2 D1 MBRS140T3 L1 0.002
+
COUT D2 MBRS140T3 VOUT 1.05V TO 1.825V 30A MAX SWITCHING FREQUENCY = 200kHz CIN: 5A RIPPLE CURRENT RATING REQUIRED COUT: 5 x 270F/2V PANASONIC SP L1 TO L2: SUMIDA CEP125-1R0MC-H 1H M1, M3: IRF7811W OR Si7860DP M2, M4: IRF7811W x2 OR Si7856DP PENTIUM IS A REGISTERED TRADEMARK OF INTEL CORPORATION VIN 5V TO 15V
M4
0.002 L2
LT/TP 1202 2K * PRINTED IN USA
(c) LINEAR TECHNOLOGY CORPORATION 2001


▲Up To Search▲   

 
Price & Availability of LTC1709EG-85

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X