Part Number Hot Search : 
MK50240P XS2182 RM188 ZLNB100 9141B D8251 D8251 PI5L100W
Product Description
Full Text Search
 

To Download LM319D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM119-LM219-LM319
High speed dual comparators
Features

Two independent comparators Supply voltage: +5V to 15V Typically 80ns response time at 15V Minimum fan-out of 2 each side Maximum input current of 1a over operating temperature range Inputs and outputs can be isolated from system ground High common-mode slew rate SO-14 (Plastic micropackage) DIP14 (Plastic package)
Description
These products are precision high speed dual comparators designed to operate over a wide range of supply voltages down to a single 5V logic supply and ground. They feature low input currents and high gains. The open collector of the output stage makes it compatible with TTL as well as capable of driving lamps and relays at currents up to 25mA. Although designed primarily for applications requiring operation from digital logic supplies, the comparators are fully specified for power supplies up to 15V. They feature faster response than LM111 at the expense of higher current consumption. However, the high speed, wide operating voltage range and low package count make the LM119/219/319 much more versatile.
Pin connections (Top view)
N.C. 1 N.C. 2 Ground 1 3 Non-inverting input 1 Inverting input 1 V CC Output 2 4 5 6 7
14 13 12
N.C. N.C. Output 1 + CC
11 V
10 Inverting input 2 9 8 Non-inverting input 2 Ground 2
January 2008
Rev 2
1/12
www.st.com 12
Schematic diagram
LM119-LM219-LM319
1
Figure 1.
Schematic diagram
Circuit schematics (1/2 LM119)
R1 3.5k V CC R7 3k R3 4k R2 4k R6 3k Q9
+
Q4 Q8
Q3 Q7 R12 13k c1 18F Inverting Input Q2 R4 3k R10 470k R11 13k
Q6
R5 3k
Non-inverting Input
+
Q1
R8 2k
Q6 Q15
R9 18k Q22 R23 4k R22 60 R20 3.6k Q21 Q11 Q20 R25 600 R24 250 Q19 R19 250 R14 2k R13 600
Q10
Q13 R15 300 Output
Q14
R18 1.8k
Q16 Q12 R16 600
Q17 R21 900 Q18 R17 3
To other half
V CC -
GND
2/12
LM119-LM219-LM319
Absolute maximum ratings and operating conditions
2
Absolute maximum ratings and operating conditions
Table 1.
Symbol
Absolute maximum ratings (AMR)
Parameter Value 36 -25 18 5 15 Infinite 150 -65 to +150
(2) (3)
Unit V V V V V
Vo - VCC- Output to negative supply voltage VCCVCC+ Vid Vi Negative supply voltage Positive supply voltage Differential input voltage Input voltage
(1)
Output short-circuit to ground Tj Tstg Rthja Maximum junction temperature storage temperature range Thermal resistance junction to ambient DIP14 SO-14
C C C/W
80 105 33 31 400 100 1500
Rthjc
Thermal resistance junction to case (2) (3) DIP14 SO-14 HBM: human body model(4) MM: machine model(5) CDM: charged device model(6)
C/W
ESD
V
1. For supply voltages lower than 15V the absolute maximum input voltage is equal to the supply voltage. 2. Short-circuits can cause excessive heating. Destructive dissipation can result from simultaneous shortcircuits on all amplifiers. 3. Rth are typical values. 4. Human body model: 100pF discharged through a 1.5k resistor between two pins of the device, done for all couples of pin combinations with other pins floating. 5. Machine model: a 200pF cap is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5), done for all couples of pin combinations with other pins floating. 6. Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly to the ground through only one pin. This is done for all pins.
Table 2.
Symbol VCC
Operating conditions
Parameter Supply voltage Operating free-air temperature range LM119 LM219 LM319 Value 5 to 15 -55 to + 125 -40 to + 105 0 to + 70 Unit V
Toper
C
3/12
Electrical characteristics
LM119-LM219-LM319
3
Table 3.
Symbol
Electrical characteristics
VCC = 15V, Tamb = +25C (unless otherwise specified)
LM119 - LM219 Parameter Min. Vio Iio Iib Avd ICC+ ICCVicm Input offset voltage (Rs 5k) (1) (2) Tmin Tamb Tmax Input offset current (1) Tmin Tamb Tmax Input bias current (1) Tmin Tamb Tmax Large signal voltage gain Positive supply current VCC = 15V VCC+ = +5V, VCC- = 0V Negative supply current Input common mode voltage range VCC = 15V VCC+ = +5V, VCC- = 0V Low level output voltage Io = 25mA Vi -5mV Vi -10mV Tmin Tamb Tmax VCC+ +4.5V, VCC- = 0V, Io(sink) < 3.2mA Vi -6mV Vi -10mV High level output current (Vo = +35V) Vi 5mV Vi 10mV Tmin Tamb Tmax, Vi 5mV Response time (3) 12 1 10 Typ. 0.7 30 150 40 8 4.3 3 13 3 11.5 4.5 12 1 Max. 4 7 75 100 500 1000 8 Min Typ. 2 80 250 40 8 4.3 3 13 3 12.5 5 Max. 8 10 200 300 1000 1200 mV nA nA V/mV mA mA V LM319 Unit
0.75
1.5 0.75 1.5 V
VOL
0.23
0.4 0.3 0.4
IOH
0.2 1 80
2 0.2 10 80 10
A
tres
ns
1. These specifications apply for VCC = 15V, unless otherwise stated.The offset voltage, offset current and bias current specifications apply for any supply voltage from a single +5V up to 15V supplies. The offset voltages and offset current given are the maximum values required to drive the output down to 1V or up to +14V with a 1mA load current. Thus, these parameters define an error band and take into account the worst case effects of voltage gain and input impedance. 2. At output switch point, Vo 1.4V, no load, with VCC from 5V to 15V and over the full input common-mode range. 3. The response time specified is for a 100mV input step with 5mV overdrive.
4/12
LM119-LM219-LM319
Electrical characteristics
Figure 2.
Input bias currents (LM119-219)
Figure 3.
Common mode limits (LM119-219)
Figure 4.
Output saturation voltage (LM119219)
Figure 5.
Supply current (LM119-219)
Figure 6.
Supply current (LM119-219)
Figure 7.
Output limiting characteristics (LM119-219)
5/12
Electrical characteristics
LM119-LM219-LM319
Figure 8.
Input bias currents (LM319)
Figure 9.
Common mode limits (LM319)
Figure 10. Output saturation voltage (LM319)
Figure 11. Supply current (LM319)
Figure 12. Transfer function
Figure 13. Input characteristics
6/12
LM119-LM219-LM319
Electrical characteristics
Figure 14. Response time for various input overdrives
Figure 15. Response time for various input overdrives
Figure 16. Response time for various input overdrives
Figure 17. Response time for various input overdrives
7/12
Typical application diagrams
LM119-LM219-LM319
4
Typical application diagrams
Figure 18. Relay driver
+28V
+5V
Inputs
1/2 LM119
30V
Figure 19. Window detector
500W
VUT 1/2 LM119 VI VO
TTL output
1/2 LM119 VLT VO = +5V for VLT < VI < VUT VO = 0 for VI < VLT or VI > VUT
8/12
LM119-LM219-LM319
Package information
5
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
5.1
DIP14 package information
Figure 20. DIP14 package mechanical drawing
Table 4.
DIP14 package mechanical data
Dimensions
Ref. Min. a1 B b b1 D E e e3 F I L Z 1.27 0.51 1.39
Millimeters Typ. Max. Min. 0.020 1.65 0.5 0.25 20 8.5 2.54 15.24 7.1 5.1 3.3 2.54 0.050 0.055
Inches Typ. Max.
0.065 0.020 0.010 0.787 0.335 0.100 0.600 0.280 0.201 0.130 0.100
9/12
Package information
LM119-LM219-LM319
5.2
SO-14 package information
Figure 21. SO-14 package mechanical drawing
Table 5.
SO-14 package mechanical data
Dimensions
Ref. Min. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 0.35 0.19 0.1
Millimeters Typ. Max. 1.75 0.2 1.65 0.46 0.25 0.5 45 (typ.) 8.75 6.2 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 0.336 0.228 0.013 0.007 0.003 Min.
Inches Typ. Max. 0.068 0.007 0.064 0.018 0.010 0.019
0.344 0.244 0.050 0.300 0.157 0.208 0.050 0.026
10/12
LM119-LM219-LM319
Ordering information
6
Ordering information
Table 6. Order codes
Temperature range Package DIP14 -55C to +125C SO-14 DIP14 -40C to +105C SO-14 DIP14 0C to +70C SO-14 Packaging Tube Tube or Tape & reel Tube Tube or Tape & reel Tube Tube or Tape & reel Marking LM119N 119 LM219N 219 LM319N 319
Order code LM119N LM119D LM119DT LM219N LM219D LM219DT LM319N LM319D LM319DT
7
Revision history
Table 7.
Date 5-Jul-2002
Document revision history
Revision 1 Initial release. Added ESD, Rthja parameters in Table 1: Absolute maximum ratings (AMR). Expanded orderable parts table, see Table 6: Order codes. Updated document format. Changes
28-Jan-2007
2
11/12
LM119-LM219-LM319
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
12/12


▲Up To Search▲   

 
Price & Availability of LM319D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X