Part Number Hot Search : 
202160B SCE5743 MS5534A SDR3006 XXXDN S805D S7805 MAX1304
Product Description
Full Text Search
 

To Download LCD-020M004A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LCD-020M004A
Vishay
20 x 4 Dots Character LCD
FEATURES
* 5 x 8 dots with cursor * Built-in controller (KS 0066 or Equivalent) * + 5V power supply (Also available for + 3V) * 1/16 duty cycle * B/L to be driven by pin 1, pin 2 or pin 15, pin 16 or A.K (LED) * N.V. optional for + 3V power supply
MECHANICAL DATA
ITEM Module Dimension Viewing Area Dot Size Character Size STANDARD VALUE 98.0 x 60.0 77.0 x 25.2 0.55 x 0.55 2.95 x 4.75 UNIT mm mm mm mm
ABSOLUTE MAXIMUM RATING
ITEM SYMBOL STANDARD VALUE MIN. Power Supply Input Voltage VDD-VSS VI - 0.3 - 0.3 TYP. - - MAX. 7.0 VDD V V UNIT
NOTE: VSS = 0 Volt, VDD = 5.0 Volt
ELECTRICAL SPECIFICATIONS
ITEM SYMBOL CONDITION MIN. Input Voltage VDD VDD = + 5V VDD = + 3V Supply Current IDD VDD = + 5V - 20 C Recommended LC Driving Voltage for Normal Temp. Version Module VDD - V0 0C 25C 50C 70C LED Forward Voltage LED Forward Current EL Power Supply Current VF IF IEL 25C 25C Vel = 110VAC:400Hz 4.7 2.7 - 5.0 4.6 4.1 3.9 3.7 - - - STANDARD VALUE TYP. 5.0 3.0 1.6 5.1 4.8 4.5 4.2 3.9 4.2 280 - MAX. 5.3 5.3 1.2 5.7 5.2 4.7 4.5 4.3 4.6 560 5.0 V mA mA V V V mA UNIT
DISPLAY CHARACTER ADDRESS CODE:
Display Position DD RAM Address DD RAM Address DD RAM Address DD RAM Address 1 00 40 14 54 2 01 41 15 55 3 4 5 6 7 8 9 10 11 12 13 - - 20 13 53 27 67
Document Number: 37225 Revision 01-Oct-02
For Technical Questions, Contact: Displays@Vishay.com
www.vishay.com 53
LCD-020M004A
Vishay
PIN NUMBER 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
20 x 4 Dots Character LCD
SYMBOL Vss Vdd Vo RS R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 A/Vee K FUNCTION GND + 3V or + 5V Contrast Adjustment H/L Register Select Signal H/L Read/Write Signal H L Enable Signal H/L Data Bus Line H/L Data Bus Line H/L Data Bus Line H/L Data Bus Line H/L Data Bus Line H/L Data Bus Line H/L Data Bus Line H/L Data Bus Line 4.2V for LED/Negative Voltage Output Power Szupply for B/L (0V)
DIMENSIONS in millimeters
0.6 10.5 13.8 10.0
98.0 0.5 96.8 77.0 (VA) 70.4 (AA) P2.54* 15 = 38.06 2.0
2.5
13.6 MAX 9.0
9.3 MAX 4.7 2.95 0.6 0.6 0.55
10.35 17.4 19.6
1
16 O 1.0 PTH 16
60.0 0.5 39.3 25.5 (VA) 20.8 (AA)
55.0
0.6
49.0 93.0 4 - O 2.5 PTH 4 - O 5.0 PAD 1.6 LED B/L 1.6 EL or NO B/L
2.5
www.vishay.com 54
For Technical Questions, Contact: Displays@Vishay.com
4.75 0.6 0.55
DOT SIZE
Document Number: 37225 Revision 01-Oct-02
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of LCD-020M004A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X