Part Number Hot Search : 
D6417 ATMEG TDA75 Z5234 LM6038B OZ525 C220MR BT3904
Product Description
Full Text Search
 

To Download KK2410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
Tone Ringer
The KK2410 is a bipolar integrated circuit designed for telephone bell replacement. * Designed for Telephone Bell Replacement * Low Curent Drain * Adjustable 2-frequency Tone * Adjustable Warbling Rate * Extension Tone Ringer Modules * Alarms or Other Alerting Devices * External Triggering or Ringer Disable * Built-in hysteresis prevents false triggering and rotary dial `Chirps'
KK2410
D SUFFIX SOIC
ORDERING INFORMATION KK2410N Plastic KK2410D SOIC TA = -45 to 65 C for package
LOGIC DIAGRAM
PIN ASSIGNMENT
PIN 1 = VCC PIN 5 = GND 1. 2. 3. 4. Output amplifier High frequency oscillator Low frequency oscillator Hysteresis regulator (Regulator circuit has built-in hysteresis to prevent false triggering and rotary dial "Chirps")
1
KK2410
PIN DESCRIPTION
NAME VCC RE LFI LF0 GND HF0 HFI OUT PIN 1 2 3 4 5 6 7 8 Positive power supply. Initiation of oscillation start input Low frequency oscillator input Low frequency oscillator output Negative power supply High frequency oscillator output High frequency oscillator input Tone output
DESCRIPTION
MAXIMUM RATINGS*
Symbol VCC PD Tstg
*
Parameter DC Supply Voltage (Referenced to GND) Power Dissipation in Still Air, Plastic DIP Storage Temperature
Value to +30.0 400 -65 to +150
Unit V mW C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC TA Operating Temperature Parameter DC Supply Voltage (Referenced to GND) Min 13.0 -45 Max 29.0 +65 Unit V C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
2
KK2410
ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND, TA = -45 to +65C)
Guaranteed Limits Symbol VSI ISI VSUS ISUS VTR ITR VDIS IDIS VOH VOL IIN Parameter Initiation Supply Voltage (1) Initiation Supply Current (1) Sustaining Voltage (2) Sustaining Current (2) Trigger Voltage (3) Trigger Current (3,5) Disable Voltage (4) Disable Current (4) High-Level Output Voltage Low-Level Output Voltage Maximun Input Leakage Current (Pin 3) (Pin 7) fH1 fH2 fL High Frequency 1 High Frequency 2 Low Frequency See Fig. 1 No Load VCC=VSUS See Fig. 1 VCC=15V VCC=15V VCC=21V VCC=15V VCC=21V, IOH=-15mA, Pin 6=6V, Pin 7=GND VCC=21V, IOL=15mA, Pin 6=GND, Pin 7=6V Pin 3=6V, Pin 4=GND, VCC=21V Pin 7=6V, Pin 6=GND, VCC=21V R3=191K,C3=6800pF R3=191K,C3=6800pF R2=165K, C2=0.47F Test Conditions See Fig. 1 Min 16.8 1.4 9.5 0.7 8.8 5.0 -20 16.7 461 576 9.0 Typ Max 21.2 4.2 12.2 2.5 12.2 1000 0.7 21.0 1.8 1.0 1.0 563 704 11.0 Unit V mA V mA V A V A V V A A Hz Hz Hz
Notes: 1. Initiation supply voltage (VSI) is the supply voltage required to start the tone ringer oscillating. 2. Sustaining voltage (VSUS) is the supply voltage required to maintain oscillation. 3. VTR and ITR are the conditions applied to trigger in to start oscillation for VSUSVCCVSI. 4. VDIS and IDIS are the conditions applied to trigger in to inhibit oscillation for VSIVCC. 5. Trigger current must be limited to this value externally.
3
KK2410
CIRCUIT CURRENT-SUPPLY VOLTAGE (NO LOAD)
Figure 1
APPLICATION CIRCUIT
Figure 2
4
KK2410
APPLICATION NOTE
The application circuit illustrates the use of the KK2410 devices in typical telephone or extension tone ringer application. The AC ringer signal voltage appears across the TIP and RING inputs of the circuit and is attenuated by capacitor C1 and resistor R1. C1 also provides isolation from DC voltages (48V) on the exchange line. After full wave rectification by the bridge diode, the waveform is filtered by capacitor C4 to provide a DC supply for the tone ringer chip. As this voltage exceeds the initiation voltage (VSI), oscillation starts. With the components shown, the ouptut frequency chops between 512(fh1) and 640Hz(fh2) at a 10Hz(fL) rate. The loudspeaker load is coupled through a 1300 to 8 ransformer. The output coupling capacitor C5 is required with transformer coupled loads. When driving a piezo-ceramic transducer type load, the coupling C5 and transformer (1300:8) are not required. However, a current limiting resistor is required. The low frequency oscillator oscillates at a rate (fL) controlled by an external resistor (R2) and capacitor (C2). The frequency can be determined using the relation fL=1/1.289R2xC2. The high frequency oscillates at a fH1, fH2 controlled by an external resistor (R3) and capacitor (C3). The frequency can be determined using the relation fH1=1/1.504R3xC3, fH2=1/1.203R3xC3.
TRIGGERING KK2410 FROM CMOS OR TTL LOGIC
Figure 3
Figure 4
5
KK2410
EQUIVALENT CIRCUIT (Pin 2 Input)
INHIVITING OSCILLATION
Figure 5 Figure 6
PROGRAMMING THE KK2410 INITIATION SUPPLY VOLTAGE
Figure 7
Figure 8
6
KK2410
N SUFFIX PLASTIC DIP (MS - 001BA)
A 8 5 B 1 4
Dimension, mm Symbol A B MIN 8.51 6.1 MAX 10.16 7.11 5.33 0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38 10 3.81 8.26 0.36 0.56 1.78
F
L
C D
C -T- SEATING
PLANE
F G
M H J
N G D 0.25 (0.010) M T K
H J K L M N
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AA) Dimension, mm
5
A 8
Symbol A
B P
MIN 4.8 3.8 1.35 0.33 0.4 1.27 5.72 0 0.1 0.19 5.8 0.25
MAX 5 4 1.75 0.51 1.27
H
B C
1
G
4 C R x 45
D F
-TD 0.25 (0.010) M T C M K
SEATING PLANE
G
J F M
H J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
7


▲Up To Search▲   

 
Price & Availability of KK2410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X