Part Number Hot Search : 
SIM508C NJU26101 E0310 RATION 58004 G530167 GZF24C LHLA4
Product Description
Full Text Search
 

To Download KI2312DS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
N-Channel 20 -V (D-S) MOSFET KI2312DS
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
Features
+0.1 2.4-0.1
1.8-V Rated RoHS Compliant
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 1. Gate 2.Emitter 2. Source
+0.1 0.38-0.1
0-0.1
3. Drain 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ=150 ) *2 TA=25 ------------------------------------------------TA=70 Pulsed Drain Current *2 Avalanche Current*2 Single Avalanche Energy L = 0.1 mH L = 0.1 mH Symbol VDS VGS ID IDM IAS EAS IS PD Tj.Tstg 1.25 0.8 4.9 3.9 15 15 11.25 1.0 0.75 0.48 -55 to 150 5 sec Steady State 20 8 3.77 3.0 Unit V V A A A mJ A W
Continuous Source Current (diode conduction) *2 Power Dissipation *2 TA=25 -------------------------------------------------TA=70 Jumction Temperature and Storage Temperature *1 Surface Mounted on 1"x 1"FR4 Board. *2 Pulse width limited by maximum junction temperature
Thermal Resistance Ratings
Parameter Maximum Junction-to-Ambient * Maximum Junction-to-Ambient * Maximum Junction-to-Foot t 5 sec Symbol RthJA RthJF Typical 75 120 40 Maximum 100 166 50 /W Unit
Steady State Steady State
* Surface Mounted on 1"x 1"FR4 Board.
www.kexin.com.cn
1
SMD Type
KI2312DS
Electrical Characteristics Ta = 25
Parameter Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Current Symbol Testconditons
Transistors
Min 20 0.45
Typ
Max
Unit V
V(BR)DSS VGS = 0 V, ID = 250 iA VGS(th) IGSS IDSS ID(on) VDS = VGS, ID = 250 iA VDS = 0 V, VGS = 8 V VDS = 20 V, VGS = 0 V VDS = 20 V, VGS = 0 V, TJ = 70 VDS 10V, VGS = 4.5 V
0.65
0.85 100 1 75 nA A A
15 0.027 0.033 0.033 0.040 0.042 0.051 40 0.8 11.2 1.2 14
VGS = 4.5 V, ID = 5.0A Drain-Source On-State Resistance * rDS(on) VGS = 2.5 V, ID = 4.5A VDS =1.8V, ID = 4.0 A Forward Transconductance * Diode Forward Voltage * Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall-Time Source-Drain Reverse Recovery Time *Pulse test: PW 300is duty cycle 2%. gfs VSD Qg Qgs Qgd td(on) tr td(off) tf trr IF=1.0A,di/dt=100A/is VDD =10V , RL = 10U , ID = 1A , VGEN =-4.5V , RG = 6U VDS = 10V ,VGS = 4.5 V , ID=5.0 A VDS =15V, ID = 5.0 A IS =1.0 A, VGS = 0 V
S V
1.4 2.2 15 40 48 31 13 25 60 70 45 25
nC
ns
Marking
Marking C2
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of KI2312DS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X