Part Number Hot Search : 
01M150E NGBAN SE216 6CWF20F 12B24D 70007 CONDUCT PSMD150E
Product Description
Full Text Search
 

To Download IRFBC30A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRFBC30A, SiHFBC30A
Vishay Siliconix
Power MOSFET
PRODUCT SUMMARY
VDS (V) RDS(on) () Qg (Max.) (nC) Qgs (nC) Qgd (nC) Configuration VGS = 10 V 23 5.4 11 Single
D
FEATURES
600 2.2
* Low Gate Charge Qg Results in Simple Drive Requirement Ruggedness
Available
* Improved Gate, Avalanche and Dynamic dV/dt RoHS* COMPLIANT * Fully Characterized Capacitance and Avalanche Voltage and Current * Effective Coss Specified * Lead (Pb)-free Available
TO-220
APPLICATIONS
* Switch Mode Power Supply (SMPS)
G
* Uninterruptable Power Supply * High Speed Power Switching
S G D S N-Channel MOSFET
TYPICAL SMPS TOPOLOGY
* Single Transistor Flyback
ORDERING INFORMATION
Package Lead (Pb)-free SnPb TO-220 IRFBC30APbF SiHFBC30A-E3 IRFBC30A SiHFBC30A
ABSOLUTE MAXIMUM RATINGS TC = 25 C, unless otherwise noted
PARAMETER Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Currenta Linear Derating Factor Single Pulse Avalanche Energyb EAS IAR EAR TC = 25 C PD dV/dt TJ, Tstg for 10 s 6-32 or M3 screw Repetitive Avalanche Currenta Repetitive Avalanche Energya Maximum Power Dissipation Peak Diode Recovery dV/dtc Operating Junction and Storage Temperature Range Soldering Recommendations (Peak Temperature) Mounting Torque VGS at 10 V TC = 25 C TC = 100 C SYMBOL VDS VGS ID IDM LIMIT 600 30 3.6 2.3 14 0.69 290 3.6 7.4 74 7.0 - 55 to + 150 300d 10 1.1 W/C mJ A mJ W V/ns C lbf * in N*m A UNIT V
Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. Starting TJ = 25 C, L = 41 mH, RG = 25 , IAS = 3.6 A (see fig. 12). c. ISD 3.6 A, dI/dt 170 A/s, VDD VDS, TJ 150 C. d. 1.6 mm from case. * Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 91108 S-81243-Rev. A, 21-Jul-08 www.vishay.com 1
IRFBC30A, SiHFBC30A
Vishay Siliconix
THERMAL RESISTANCE RATINGS
PARAMETER Maximum Junction-to-Ambient Case-to-Sink, Flat, Greased Surface Maximum Junction-to-Case (Drain) SYMBOL RthJA RthCS RthJC TYP. 0.50 MAX. 62 1.7 C/W UNIT
SPECIFICATIONS TJ = 25 C, unless otherwise noted
PARAMETER Static Drain-Source Breakdown Voltage VDS Temperature Coefficient Gate-Source Threshold Voltage Gate-Source Leakage Zero Gate Voltage Drain Current Drain-Source On-State Resistance Forward Transconductance Dynamic Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Effective Output Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current Pulsed Diode Forward Currenta Body Diode Voltage Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge Forward Turn-On Time IS ISM VSD trr Qrr ton MOSFET symbol showing the integral reverse p - n junction diode
D
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS VDS/TJ VGS(th) IGSS IDSS RDS(on) gfs
VGS = 0 V, ID = 250 A Reference to 25 C, ID = 1 mA VDS = VGS, ID = 250 A VGS = 30 V VDS = 600 V, VGS = 0 V VDS = 480 V, VGS = 0 V, TJ = 125 C VGS = 10 V ID = 2.2 Ab VDS = 50 V, ID = 2.2 Ab
600 2.0 2.1
0.67 -
4.5 100 25 250 2.2 -
V V/C V nA A S
Ciss Coss Crss Coss Coss eff. Qg Qgs Qgd td(on) tr td(off) tf
VGS = 0 V, VDS = 25 V, f = 1.0 MHz, see fig. 5 VDS = 1.0 V, f = 1.0 MHz VGS = 0 V VDS = 480 V, f = 1.0 MHz VDS = 0 V to 480 Vc ID = 3.6 A, VDS = 480 V see fig. 6 and 13b
-
510 70 3.5 730 19 31 9.8 13 19 12
23 5.4 11 ns nC pF
VGS = 10 V
-
VDD = 300 V, ID = 3.6 A, RG = 12 , RD = 82 , see fig. 10b
-
-
400 1.1
3.6 A 14 1.6 600 1.7 V ns C
G
S
TJ = 25 C, IS = 3.6 A, VGS = 0 Vb TJ = 25 C, IF = 3.6 A, dI/dt = 100 A/sb
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. Pulse width 300 s; duty cycle 2 %. c. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80 % VDS.
www.vishay.com 2
Document Number: 91108 S-81243-Rev. A, 21-Jul-08
IRFBC30A, SiHFBC30A
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
100
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
I D , Drain-to-Source Current (A)
I D , Drain-to-Source Current (A)
10
10
TJ = 150 C
1
1
TJ = 25 C
0.1
0.1
0.01 0.1
4.5V 20s PULSE WIDTH TJ = 25 C
1 10 100
0.01 4.0
V DS = 50V 20s PULSE WIDTH 5.0 6.0 7.0 8.0 9.0
VDS , Drain-to-Source Voltage (V)
Fig. 1 - Typical Output Characteristics
VGS , Gate-to-Source Voltage (V)
Fig. 3 - Typical Transfer Characteristics
10
TOP
RDS(on) , Drain-to-Source On Resistance (Normalized)
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V
3.0
ID = 3.6A
2.5
2.0
1
1.5
1.0
4.5V
0.5
0.1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160
VDS , Drain-to-Source Voltage (V)
Fig. 2 - Typical Output Characteristics
TJ , Junction Temperature ( C)
Fig. 4 - Normalized On-Resistance vs. Temperature
Document Number: 91108 S-81243-Rev. A, 21-Jul-08
www.vishay.com 3
IRFBC30A, SiHFBC30A
Vishay Siliconix
10000
1000
Coss = C + C ds gd
Ciss
100
ISD , Reverse Drain Current (A)
VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd
100
C, Capacitance(pF)
10
TJ = 150 C TJ = 25 C
1
Coss
10
Crss
1 1 10 100 1000
0.1 0.4
V GS = 0 V
0.6 0.8 1.0 1.2
VDS, Drain-to-Source Voltage (V) Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
VSD ,Source-to-Drain Voltage (V)
Fig. 7 - Typical Source-Drain Diode Forward Voltage
20
ID = 3.6A VDS = 480V VDS = 300V VDS = 120V
100
VGS , Gate-to-Source Voltage (V)
OPERATION IN THIS AREA LIMITED BY RDS(on)
16
ID , Drain Current (A)
10
10us
12
100us
8
1
1ms
4
0 0 4 8 12
FOR TEST CIRCUIT SEE FIGURE 13
16 20 24
0.1
TC = 25 C TJ = 150 C Single Pulse
10 100
10ms
1000
10000
QG , Total Gate Charge (nC)
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
VDS , Drain-to-Source Voltage (V)
Fig. 8 - Maximum Safe Operating Area
www.vishay.com 4
Document Number: 91108 S-81243-Rev. A, 21-Jul-08
IRFBC30A, SiHFBC30A
Vishay Siliconix
RD
4.0
VGS RG
VDS
D.U.T. + - VDD
ID , Drain Current (A)
3.0
10 V
Pulse width 1 s Duty factor 0.1 %
2.0
Fig. 10a - Switching Time Test Circuit
VDS 90 %
1.0
0.0 25 50 75 100 125 150
TC , Case Temperature ( C)
Fig. 9 - Maximum Drain Current vs. Case Temperature
10
10 % VGS td(on) tr td(off) tf
Fig. 10b - Switching Time Waveforms
Thermal Response (Z thJC )
1 D = 0.50 0.20 0.10 0.1 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1 PDM t1 t2
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
VDS
15 V
tp
VDS
L
Driver
RG 20 V tp
D.U.T IAS 0.01
+ A - VDD
IAS
Fig. 12a - Unclamped Inductive Test Circuit
Fig. 12b - Unclamped Inductive Waveforms
Document Number: 91108 S-81243-Rev. A, 21-Jul-08
www.vishay.com 5
IRFBC30A, SiHFBC30A
Vishay Siliconix
700
EAS , Single Pulse Avalanche Energy (mJ)
TOP
600
BOTTOM
500 400 300 200 100 0 25 50 75 100 125
ID 1.6A 2.3A 3.6A
150
Starting T , Junction Temperature( C) J
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
10 V
QG
740
QGS
QGD
V DSav , Avalanche Voltage ( V )
720
VG
700
Charge Fig. 13a - Basic Gate Charge Waveform
Current regulator Same type as D.U.T.
50 k 12 V 0.2 F 0.3 F
680
660
+
640 0.0 1.0 2.0 3.0 4.0
VGS
3 mA
D.U.T.
-
VDS
IAV , Avalanche Current ( A)
IG ID Current sampling resistors
Fig. 12d - Typical Drain-to-Source Voltage vs. Avalanche Current
Fig. 13b - Gate Charge Test Circuit
www.vishay.com 6
Document Number: 91108 S-81243-Rev. A, 21-Jul-08
IRFBC30A, SiHFBC30A
Vishay Siliconix
Peak Diode Recovery dV/dt Test Circuit
D.U.T
+
Circuit layout considerations * Low stray inductance * Ground plane * Low leakage inductance current transformer
+ +
-
RG
* * * *
dV/dt controlled by RG Driver same type as D.U.T. ISD controlled by duty factor "D" D.U.T. - device under test
+ VDD
Driver gate drive P.W. Period D=
P.W. Period VGS = 10 V*
D.U.T. ISD waveform Reverse recovery current Body diode forward current dI/dt D.U.T. VDS waveform Diode recovery dV/dt
VDD
Re-applied voltage Inductor current
Body diode forward drop
Ripple 5 %
ISD
* VGS = 5 V for logic level devices
Fig. 14 - For N-Channel
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?91108.
Document Number: 91108 S-81243-Rev. A, 21-Jul-08
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IRFBC30A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X