Part Number Hot Search : 
M54977 TC203 TC203 5545G DTC143XK W78LE516 TC203 SC900A
Product Description
Full Text Search
 

To Download IRF640 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc N-Channel MOSFET Transistor
IRF640
DESCRIPTION *Drain Current -ID= 18A@ TC=25 *Drain Source Voltage: VDSS= 200V(Min) *Static Drain-Source On-Resistance : RDS(on) = 0.18(Max) *Fast Switching Speed *Low Drive Requirement
APPLICATIONS *Designed for low voltage, high speed power switching applications such as switching regulators, converters, solenoid and relay drivers.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VDSS VGS ID Ptot Tj Tstg
ARAMETER
Drain-Source Voltage (VGS=0) Gate-Source Voltage Drain Current-continuous@ TC=25 Total Dissipation@TC=25 Max. Operating Junction Temperature Storage Temperature Range
VALUE 200 20 18 125 150 -55~150
UNIT V V A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c Rth j-a PARAMETER Thermal Resistance,Junction to Case Thermal Resistance,Junction to Ambient MAX 1.0 62.5 UNIT /W /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc N-Channel Mosfet Transistor
*ELECTRICAL CHARACTERISTICS (TC=25)
SYMBOL V(BR)DSS VGS(th) RDS(on) IGSS IDSS VSD PARAMETER Drain-Source Breakdown Voltage Gate Threshold Voltage Drain-Source On-stage Resistance Gate Source Leakage Current Zero Gate Voltage Drain Current Diode Forward Voltage CONDITIONS VGS= 0; ID= 0.25mA VDS= VGS; ID= 0.25mA VGS=10V; ID= 10A VGS= 20V;VDS= 0 VDS= 200V; VGS= 0 IF= 18A; VGS=0 MIN 200 2
IRF640
MAX
UNIT V
4 0.18 100 200 2.0
V nA uA V
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of IRF640

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X