Part Number Hot Search : 
AKD4631 20022HS NCP699S XXXCA XXXCA SK3842 J16BB1 LN429YPH
Product Description
Full Text Search
 

To Download IN74HC573A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
IN74HC573A
Octal 3-State Noninverting Transparent Latch
High-Performance Silicon-Gate CMOS
N SUFFIX PLASTIC DIP
The IN74HC573A is identical in pinout to the LS/ALS573. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs. These latches appear transparent to data (i.e., the outputs change asynchronously) when LE is high. When LE goes low, data meeting the setup and hold time becomes latched. * * * * Outputs Directly Interface to CMOS, NMOS, and TTL Operating Voltage Range: 2.0 to 6.0 V Low Input Current: 1.0 A High Noise Immunity Characteristic of CMOS Devices
20
1 20 1
DW SUFFIX SOIC
ORDERING INFORMATION IN74HC573AN IN74HC573ADW Plastic DIP SOIC
TA = -55 to 125 C for all packages
PIN ASSIGNMENT LOGIC DIAGRAM
19 18 17 16 15 14 13 12
OE D0
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
V CC Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 LE
D0 D1 D2 DATA INPUTS D3 D4 D5 D6 D7
2 3 4 5 6 7 8 9
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 NONINVERTING OUTPUTS
D1 D2 D3 D4 D5 D6 D7 GND
LE
11
OE
1
FUNCTION TABLE
Inputs OE PIN 20=VCC PIN 10 = GND L L L H LE H H L X D H L X X Output Q H L no change Z
H= high level L = low level X = don't care Z = high impedance
Rev. 00
IN74HC573A
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1.5 mm from Case for 4 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -1.5 to VCC +1.5 -0.5 to VCC +0.5 20 35 75 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC =2.0 V VCC =4.5 V VCC =6.0 V Min 2.0 0 -55 0 0 0 Max 6.0 VCC +125 1000 500 400 Unit V V C ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
Rev. 00
IN74HC573A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VC
C
Guaranteed Limit 25 C to -55C 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.1 0.5 85 C 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33 1.0 5.0 125 C 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4 1.0 10 A A V Unit V
Symbol VIH
Parameter Minimum High-Level Input Voltage Maximum Low -Level Input Voltage Minimum High-Level Output Voltage
Test Conditions VOUT VCC-0.1 V IOUT 20 A VOUT 0.1 V IOUT 20 A VIN=VIH IOUT 20 A VIN=VIH IOUT 6.0 mA IOUT 7.8 mA
V 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0
VIL
V
VOH
V
VOL
Maximum Low-Level Output Voltage
VIN= VIL IOUT 20 A VIN= VIL IOUT 6.0 mA IOUT 7.8 mA
IIN IOZ
Maximum Input Leakage Current Maximum Three State Leakage Current
VIN=VCC or GND Output in High-Impedance State VIN =VIH VOUT= VCC or GND VIN=VCC or GND IOUT=0A
ICC
Maximum Quiescent Supply Current (per Package)
6.0
4.0
40
160
A
Rev. 00
IN74HC573A
AC ELECTRICAL CHARACTERISTICS(CL=50pF,Input tr=tf=6.0 ns)
VCC Symbol tPLH, tPHL Parameter Maximum Propagation Delay, Input D to Q (Figures 1 and 5) Maximum Propagation Delay, LE to Q (Figures 2 and 5) Maximum Propagation Delay, OE to Q (Figures 3 and 6) Maximum Propagation Delay, OE to Q (Figures 3 and 6) Maximum Output Transition Time, Any Output (Figures 1 and 5) Maximum Input Capacitance Maximum Three-State Output Capacitance (Output in High-Impedance State) Power Dissipation Capacitance (Per Enabled Output) CPD Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC V 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Guaranteed Limit 25 C to -55C 150 30 26 160 32 27 150 30 26 150 30 26 60 12 10 10 15 85C 190 38 33 200 40 34 190 38 33 190 38 33 75 15 13 10 15 125C 225 45 38 240 48 41 225 45 38 225 45 38 90 18 15 10 15 Unit ns
tPLH, tPHL
ns
tPLZ, tPHZ
ns
tPZH, tPZL
ns
tTLH, tTHL
ns
CIN COUT
pF pF
Typical @25C,VCC=5.0 V 23 pF
TIMING REQUIREMENTS (CL=50pF,Input tr=tf=6.0 ns)
VCC Symbol tSU Parameter Minimum Setup Time, Input D to Latch Enable (Figure 4) Minimum Hold Time, Latch Enable to Input D (Figure 4) Minimum Pulse Width, Latch Enable (Figure 2) Maximum Input Rise and Fall Times (Figure 1) V 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 25 C to -55C 50 10 9 5 5 5 75 15 13 1000 500 400 Guaranteed Limit 85C 65 13 11 5 5 5 95 19 16 1000 500 400 125C 75 15 13 5 5 5 110 22 19 1000 500 400 Unit ns
th
ns
tw
ns
tr, tf
ns
Rev. 00
IN74HC573A
VCC 0 tw t PLH Q t THL
50%
tr D tPLH Q t TLH
50% 10% 90% 90% 50% 10%
tf
LE VCC 0 t PHL
50%
t PHL
Figure 1. Switching Waveforms
OE t PZL Q t PZH Q
50% 50% 50%
Figure 2. Switching Waveforms
VCC 0 HIGH IMPEDANCE D
50%
t PLZ 10% t PHZ 90%
VCC 0 t su th
50%
VOL VOH HIGH IMPEDANCE LE
VCC 0
Figure 3. Switching Waveforms * Includes all probe and jig capacitance
TEST POINT DEVICE UNDER TEST
Figure 4. Switching Waveforms * Includes all probe and jig capacitance
TEST POINT 1k CL
*
OUTPUT
* CL
DEVICE UNDER TEST
OUTPUT
Connect to V CC when testing tPLZ and tPZL Connect to GND when testing tPHZ and tPZH
Figure 5. Test Circuit
Figure 6. Test Circuit
EXPANDED LOGIC DIAGRAM
D0 D1 D2 D3 D4 D5 D6 D7
D Q
D Q
D Q
D Q
D Q
D Q
D Q
D Q
LE LE
LE
LE
LE
LE
LE
LE
LE
OE Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
Rev. 00
IN74HC573A
N SUFFIX PLASTIC DIP (MS - 001AD)
A
Dimension, mm
20 11 B 1 10
Symbol A B C
MIN 24.89 6.1
MAX 26.92 7.11 5.33
F
L
D F
0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38
0.56 1.78
C -T- SEATING N G D 0.25 (0.010) M T K
PLANE
G H
H J
M
J K L M N
10 3.81 8.26 0.36
NOTES:
1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 013AC)
A 20 11
Dimension, mm Symbol MIN 12.6 7.4 2.35 0.33 0.4 1.27 9.53 0 0.1 0.23 10 0.25 8 0.3 0.32 10.65 0.75 MAX 13 7.6 2.65 0.51 1.27
H
B
P
A B
1
G
10 C R x 45
C D F
-TD 0.25 (0.010) M T C M K
SEATING PLANE
J
F
M
G H J K M P R
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
Rev. 00


▲Up To Search▲   

 
Price & Availability of IN74HC573A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X