Part Number Hot Search : 
12SH3 ADL53211 SM1010 IDT74FC 4CD430 DDC24VS P9324 HS2213
Product Description
Full Text Search
 

To Download ILE4264-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
5-V/100MA LOW POWER LOW-DROP FIXED-VOLTAGE REGULATOR WITH LOW CURRENT CONSUMPTION
The ILE 4264-2 is a monolithic integrated Low power low-drop fixed voltage regulator 5-V/100mA with low current consumption. The ILE 4264-2 is specially designed to create power source with 5V output voltage, loads up to 100 mA and drop voltage less than 0,5V. The regulator is designed to supply electronic device in automotive applications and some another applications. The ILE 4264-2 is equipped with additional protection against overvoltage of both polarities, load current limitation, short-circuit and over temperature shutdown of output voltage. The IC is supplied in chip (unpackaged) form. Features * Output voltage tolerance 53% (2% up to 50 mA) * Low-drop voltage * Current capability up to150 mA * Very low current consumption * Over temperature protection * Reverse polarity proof Short-circuit proof * Junction temperature -40 t +150 * Suitable for use in automotive electronics * Short-circuit proof Block Diagram
ILE4264-2
ILE 4264-2
P-SOT223-4-1
Rev. 00
ILE4264-2
Pin description (for P-SOT223-4 package)
Pin 01 03 02, 04 Symbol I Q GND Function Input voltage; block to ground directly with a ceramic capacitor 5-V output voltage; block to ground with a capacitor Ground
Typical electric parameters (UI=13,5 V, -40 oC TJ 125 oC, unless specified otherwise)
Parameter, unit of measurement Power Supply Ripple Rejection, dB Symbol PSRR Mode of measurement fr = 100 Hz, Ur = 3 V (peek-to-peek) Typical value 68
Absolute Maximum Ratings
Maximum Ratings Parameter, symbol Junction temperature, J Storage temperature, stg Input voltage, UI Input current, II Ground pin current, IGND Output voltage, UQ Output current (pin 3), IQ Thermal Resistances Junction-case , Rth jc, for conventional case P-SOT223-4-1 Thermal Resistances Junction-ambient, Rth ja, for conventional case P-SOT223-4-1, - without heat sink
o
Unit C o C V mA mA V mA C/W C/W 220**
o
Min -40* 6 4,9 -
Max 125 28 Internally limited 5,1 Internally limited 25**
Absolute Maximum Ratings Min Max -40* 150 -50 150 -42 45 Internally limited 50*** -0,3*** 32*** Internally limited 25**
o
-
220**
* Ambient temperature ** Rth ja - Thermal Resistances Junction-ambient *** - Voltage is not applied to pin I Thermal resistance junction ambient for IC with heat dissipater is calculated by formula: Rth ja = Rth jc + Rth ca, Rth jc - thermal resistance junction case, oC /W. Application circuit and heat dissipater have to provide TJ 125 o. Maximum power Ptot,, dissipated by IC for TA , is calculated by formula: Ptot = (125 - TA) / Rth ja , 125 - maximum permitable operating junction temperature,
(1)
(2)
Rev. 00
ILE4264-2
Electric parameters
(UI=13,5 V, -40 oC TJ 125 oC, unless specified otherwise) Parameter, unit of measurement Output voltage, V Symbol UQ Mode of measurement 9 V UI 16 V 5 mA IQ 50 mA 6 V UI 21 V 5 mA IQ 100 mA 4,8 V UQ 5,2 V IQ=0,1 mA, (TJ 85oC) IQ = 0,1 mA IQ = 50 mA IQ = 100 mA 1 mA IQ 100 mA UI = 13,5 V 6 V UI 28V IQ = 1 mA Typical value Min Max 4,9 5,1 4,85 150 5,15 500 0,06 0,07 4 0,5 90 30 Note
Maximum output current, mA Consumption current, mA, Iq = II - IQ Drop-out voltage, V Load regulation, mV Line regulation, mV
IQmax Iq UDr UQ(I) UQ(U)
1
Notes 1 Drop voltage UDr = UI - UQ (measured when the output voltage VQ has dropped 100 mV from the nominal value obtained at VI = 13.5 V).
ILE4264-2 Application Circuit
Input 09, 07 C1I 470 uF C2I 100 nF
I
Q
01, 02
Output CQ 10 uF
IL
INH GND 08
Rev. 00
ILE4264-2
Typical Performance Characteristics
Rev. 00
ILE4264-2
Rev. 00
ILE4264-2
Package Dimensions
P-SOT 223-4-1
Rev. 00


▲Up To Search▲   

 
Price & Availability of ILE4264-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X