Part Number Hot Search : 
1N6673R ESD9B5VD CPD80V10 ELECTRON NS320 5501MBLK MC68HC05 40200
Product Description
Full Text Search
 

To Download IL203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IL201/IL202/IL203
Vishay Semiconductors
Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection
FEATURES
* Guaranteed at IF = 1.0 mA * High collector emitter voltage, BVCEO = 70 V
A C NC
i179004
1 2 3
6B 5C 4E
* Long term stability * Industry standard DIP package * Lead (Pb)-free component * Component in accordance to 2002/95/EC and WEEE 2002/96/EC RoHS
AGENCY APPROVALS DESCRIPTION
The IL201/IL202/IL203 are optically coupled pairs employing a gallium arsenide infrared LED and a silicon NPN phototransistor. Signal information, including a DC level, can be transmitted by the device while maintaining a high degree of electrical isolation between input and output. The IL201/IL202/IL203 can be used to replace relays and transformers in many digital interface applications, as well as analog applications such as CRT modulation. * UL1577, file no. E52744 system code H or J, double protection * DIN EN 60747-5-5 available with option 1 * BSI IEC 60950; IEC 60065
ORDER INFORMATION
PART IL201 IL202 IL203 IL203-X007 IL203-X009 REMARKS CTR 75 to 150 %, DIP-6 CTR 125 to 250 %, DIP-6 CTR 225 to 450 %, DIP-6 CTR 225 to 450 %, SMD-6 (option 7) CTR 225 to 450 %, SMD-6 (option 9)
Note For additional information on the available options refer to option information.
ABSOLUTE MAXIMUM RATINGS
PARAMETER INPUT Peak reverse voltage Forward continuous current Power dissipation Derate linearly from 25 C OUTPUT Collector emitter breakdown voltage Emitter collector breakdown voltage Collector base breakdown voltage Power dissipation Derate linearly from 25 C VR IF Pdiss 6.0 60 100 1.33 70 7.0 70 200 2.6 V mA mW mW/C V V V mW mW/C TEST CONDITION SYMBOL VALUE UNIT
BVCEO BVECO BVCBO Pdiss
www.vishay.com 308
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83613 Rev. 1.5, 08-May-08
IL201/IL202/IL203
Optocoupler, Phototransistor Output, Vishay Semiconductors Low Input Current, Low Input Current, with Base Connection
ABSOLUTE MAXIMUM RATINGS
PARAMETER COUPLER Isolation test voltage Total package dissipation (LED and detector) Derate linearly from 25 C Creepage distance Clearance distance Storage temperature Operating temperature Lead soldering time 260 C Tstg Tamb t = 1.0 s VISO Ptot 5300 250 3.3 7.0 7.0 - 55 to + 150 - 55 to + 100 10 VRMS mW mW/C mm mm C C s TEST CONDITION SYMBOL VALUE UNIT
Note Tamb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability.
ELECTRICAL CHARACTERISTICS
PARAMETER INPUT Forward voltage Breakdown voltage Reverse current OUTPUT DC forward current gain Collector emitter breakdown voltage Emitter collector breakdown voltage Collector base breakdown voltage Leakage current collector emitter VCE = 5.0 V, IC = 100 A IC = 100 A IE = 100 A IC = 10 A VCE = 10 V, TA = 25 C hFE BVCEO BVECO BVCBO ICEO 100 70 7.0 70 10 90 5.0 50 200 V V V nA IF = 20 mA IF = 1.0 mA IR = 10 A VR = 6.0 V VF VF VF IR 6.0 1.2 1.0 20 0.1 10 1.5 1.2 V V V A TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT
Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
CURRENT TRANSFER RATIO
PARAMETER Current transfer ratio (collector to base) TEST CONDITION IF = 10 mA, VCB = 10 V IF = 10 mA, IC = 2.0 mA IL201 IF = 10 mA, VCB = 10 V DC current transfer ratio IF = 1.0 mA, VCE = 10 V IL202 IL203 IL201 IL202 IL203 PART SYMBOL CTRCB CTRCB CTRDC CTRDC CTRDC CTRDC CTRDC CTRDC 75 125 225 10 30 50 100 200 300 MIN. 15 40 150 250 450 TYP. MAX. UNIT % % % % % % % %
Document Number: 83613 Rev. 1.5, 08-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 309
IL201/IL202/IL203
Vishay Semiconductors Optocoupler, Phototransistor Output,
Low Input Current, Low Input Current, with Base Connection
TYPICAL CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
1.4
1.5
TA = - 55 C TA = 25 C
VF - Forward Voltage (V)
1.3 1.2 1.1 1.0 0.9
NCTR - Normalized CTR
Normalized to: VCE = 10 V, IF = 10 mA TA = 25 C 1.0 CTRce(sat) VCE = 0.4 V TA = 70 C 0.5 NCTR(SAT) NCTR 0.0
TA = 100 C 0.8 0.7 0.1 1 10 100
0.1
iil201_04
1
10
100
iil201_01
IF - Forward Current (mA)
IF - LED Current (mA)
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 4 - Normalized Non-Saturated and Saturated CTR vs. LED Current
1.5
1.5
NCTR - Normalized CTR
NCTR - Normalized CTR
1.0
Normalized to: VCE = 10 V, IF = 10 mA TA = 25 C CTRce(sat) VCE = 0.4 V
Normalized to: VCE = 10 V, IF = 10 mA, TA = 25 C CTRce(sat) VCE = 0.4 V 1.0 TA = 85 C
0.5 NCTR(SAT) NCTR 0.0 0.1 1 10 100
0.5 NCTR(SAT) 0.0 0.1 NCTR 1 10 100
iil201_02
I F - LED Current (mA)
iil201_05
IF - LED Current (mA)
Fig. 2 - Normalized Non-Saturated and Saturated CTR vs. LED Current
Fig. 5 - Normalized Non-Saturated and Saturated CTR vs. LED Current
1.5
35
NCTR - Normalized CTR
0V
I CE - Collector Current (mA)
Normalized to: VCE = 10 V, IF = 10 mA, TA = 25 C CTRce(sat) VCE = 0.4 V 1.0 TA = 50 C
30 25 50 C 20 15 10 5 0 25 C 85 C 70 C
0.5 NCTR(SAT) NCTR 0.0 0.1 1 10 100
0
iil201_06
10
20
30
40
50
60
iil201_03
IF - LED Current (mA)
IF - LED Current (mA)
Fig. 3 - Normalized Non-Saturated and Saturated CTR vs. LED Current www.vishay.com 310
Fig. 6 - Collector Emitter Current vs. Temperature and LED Current
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83613 Rev. 1.5, 08-May-08
IL201/IL202/IL203
Optocoupler, Phototransistor Output, Vishay Semiconductors Low Input Current, Low Input Current, with Base Connection
105
10
I CEO - Collector-Emitter (nA)
Normalized Photocurrent
10 10
4 3
Normalized to: IF = 10 mA, Ta = 25 C 1
10 2 101 10 0 10
-1
VCE = 10 V Typical
0.1
10-2 - 20
iil201_07
NIB-Ta = - 20 C NIb,Ta = 25 C NIb,Ta = 50 C NIb,Ta = 70 C 1 10 100
0
20
40
60
80
100
0.01 0.1
iil201_10
TA - Ambient Temperature (C)
IF - LED Current (mA)
Fig. 7 - Collector Emitter Leakage Current vs.Temperature
Fig. 10 - Normalized Photocurrent vs. IF and Temperature
1.5
2.0 Normalized to: IF = 10 mA Vcb = 9.3 V Ta = 25 C
NCTRcb - Normalized CTRcb
70 C 50 C 25 C Normalized to: Ib = 20 A VCE = 10 V Ta = 25 C
NhFE(sat) - Normalized Saturated hFE
1.5
1.0
1.0 VCE = 0.4 V 0.5
0.5 25 C 50 C 70 C 0.0 0.1 1 10 100
0.0 1
iil201_11
10
100
1000
iil201_08
IF - LED Current (mA)
Ib - Base Current (A)
Fig. 8 - Normalized CTRcb vs. LED Current and Temperature
Fig. 11 - Normalized Saturated hFE vs. Base Current and Temperature
1000
1000 Ta = 25 C Icb = 1.0357 * IF ^ 1.3631
2.5 Ta = 25 C, IF = 10 mA VCC = 5 V, Vth = 1.5 V
Icb - Collector Base Photocurrent (A)
100
tpLH - Propagation Delay (s)
100
tpHL
2.0
10
1
10 tpLH 1 0.1
1.5
0.1
0.01 0.1
iil201_09
1
10
100
1
10
1.0 100
IF - LED Current (mA)
iil201_11
RL - Collector Load Resistor (k)
Fig. 9 - Collector Base Photocurrent vs. LED Current
Fig. 12 - Propagation Delay vs. Collector Load Resistor
Document Number: 83613 Rev. 1.5, 08-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 311
tpHL - Propagation Delay (s)
IL201/IL202/IL203
Vishay Semiconductors Optocoupler, Phototransistor Output,
Low Input Current, Low Input Current, with Base Connection
2.0 1.2 Normalized to: Ta = 25 C VCE = 5 V IF = 1 mA VCE = 5 V 70 C 50 C 1.0 25 C - 20 C 0.8 Normalized to: Ib = 20 A VCE = 10 V Ta = 25 C
NCTRCE - Normalized CTRCE
1.5
1.0
NhFE - Normalized hFE
0.1 VCE = 0.4 V 0.0 0.1 1 10 100
0.6
0.4
1
10
100
1000
iil201_13
IF - LED Current (mA)
iil201_14
Ib - Base Current (A)
Fig. 13 - Normalized Non-Saturated and Saturated CTRCE vs. LED Current
Fig. 14 - Normalized Non-Saturated hFE vs. Base Current and Temperature
PACKAGE DIMENSIONS in inches (millimeters)
3 2 1 Pin one ID
0.248 (6.30) 0.256 (6.50)
4
5
6
ISO method A
0.335 (8.50) 0.343 (8.70) 0.039 (1.00) min. 0.048 (0.45) 0.300 (7.62) typ.
0.022 (0.55) 0.130 (3.30) 0.150 (3.81)
4 typ. 0.031 (0.80) min. 0.031 (0.80) 0.018 (0.45) 0.022 (0.55) 0.100 (2.54) typ.
i178004
18 0.114 (2.90) 0.130 (3.0) 3 to 9 0.010 (0.25) typ. 0.300 to 0.347 (7.62 to 8.81)
0.035 (0.90)
Option 7
0.300 (7.62) typ.
Option 9
0.375 (9.53) 0.395 (10.03) 0.300 (7.62) ref.
0.028 (0.7)
0.180 (4.6) 0.160 (4.1) 0.315 (8.0) min. 0.331 (8.4) min. 0.406 (10.3) max.
0.0040 (0.102) 0.0098 (0.249) 0.020 (0.51) 0.040 (1.02) 0.315 (8.00) min.
0.012 (0.30) typ.
15 max.
18494
www.vishay.com 312
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83613 Rev. 1.5, 08-May-08
IL201/IL202/IL203
Optocoupler, Phototransistor Output, Vishay Semiconductors Low Input Current, Low Input Current, with Base Connection
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number: 83613 Rev. 1.5, 08-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 313
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IL203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X