Part Number Hot Search : 
1640CT MAX3001E C1623 100E1 P4KA27A AAT3132A SI7005 10T100A
Product Description
Full Text Search
 

To Download IL1232D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
POWER SUPPLY CONTROL WITH BUILT-IN WATCHDOG TIMER
IN1232 is designed to monitor power supply within the system of reset signal generation for microprocessors. It is used in monitor systems for controlling various processes and entities. Packaged in 8-pin SOP or DIP.
IN1232
Features: * * * * Rated supply voltage 5.0 V Accurate 5% or 10% microprocessor power supply monitoring Programming of watchdog timer overflow time Generation of reset signals at power on for correct microproces sor start.
ORDERING INFORMATION IL1232N Plastic IL1232D SOIC TA = -40 to 85 C for all packages.
The chip contains reference voltage source, analog comparator, Watchdog timer, circuit for monitoring power supply deviation accuracy. .
PBRST 01 08 Vcc 07 06 05 ST RST RST
Functions: * * * Reset signal generation after power failure/ error Reset signal generation from external "RESET" pushbutton Reset signal generation from watchdog timer
TD TOL
02 03
GND 04
Fig 1 - PIN ASSIGNMENT
Table 1 - Absolute maximum ratings Symbol V VIH VIL A Tstg Parameter Supply voltage Input voltage, high level Input voltage, low level Operating temperature range Storage temperature Typical Min -1.0 -40 -60 Max 7.0 7.0 +85 +125 Units V V V
1
IN1232
Table 2 - Recommended operating conditions
Symbol V VIH VIL A Parameter Supply voltage Input voltage, high level Input voltage, low level Operating temperature range Typical Min 4.5 2.0 -0.3 -20 Max 5.5 U+0.3 0.8 +70 Units V V V
Table 3 DC electrical characteristics (TAmb = -40 to +85)
Symbol ILIL1 ILIL2 ILIL3 ILIH1 ILIH2 IOH IOL
VOH VOH1 VOL
Parameter Input leakage current, low level, ST, TOL Input leakage current, low level, TD Input leakage current, low level, PBRST Input leakage current, high level, ST, TOL Input leakage current, high level, TD Output current, high level, RST Output current, low level, RST, RST Output voltage, high level, RST Output voltage, high level,- RST Output voltage, low level, RST Operating current
VCC trip point VCC trip point
Test conditions
VCC=5 V10%, VIL=0 V VCC=5 V10%, VIL=0 V VCC=5 V10%, VIL=0 V VCC =5 V10%, VIH=VCC VCC =5 V10%, VIH=VCC VCC =5 V10%, VOH=2.4 V VCC =5 V10%, VOL=0.4 V VCC =5 V10%, IOH= -500 VCC =2 V, IOH= -500 VCC =2 V, IOL=1 m VCC =5 V10%
Typical min max
Units
-8 8 V-0.5 V-0.5 4.5 4.25
-1 -300 -1000 1 300 0.4 2 4.74 4.49
m V V V m V V
I
VCC TP1 VCC TP2
TOL = GND TOL = VCC
2
IN1232
Table 4 - AC electrical characteristics (amb = from -40 to +85 )
Symbol tTD1 Parameter Watchdog timer overflow time Test conditions tST20 ns TD = GND TD disconnected TD = VCC tPB20 ms VCC =5.0 V10% tPB20 ms VCC =from 5.0 to 4.0 V tF10 s VCC = from 5.0 to 4.0 V tR1 s
VCC =5.0 V10% VCC =5.0 V10% Typical min max Units
62.5
250
ms
tTD2 tTD3 tPDLY tRST tRPD PBRST stable low to RST and RST Reset active time
VCC fail detect to RST and RST VCC detect to RST and RST transition
250 500 250 -
1000 2000 20 1000 175
ms ms ms ms s
tRPU
250
1000
ms
Table 5 - Pin description Pin 01 02 03 04 05 06 07 08 Symbol PBRST TD TOL GND RST RST ST VCC Pushbutton reset input Time Delay Set Selects 5% or 10% VCC Detect Ground Reset output (Active High) Reset output (Active Low, open drain) Strobe Input Supply output from voltage source Description
3
IN1232
______ PBRST VIL
tPB tPDLY VIH
tRST ____ RST RST
tPB20 ms
tPDLY20 ms
250 mstRST1000 ms
Fig. 2 - Timing diagram of forming reset signal from external PBRST control button
___ ST
Invalid strob
Valid strob
Indeterminate strob
t ST
MIN t TD1 - t TD3
MAX
RST tST 20 62.5 ms tTD1 250 ms 250 ms tTD2 1000 ms 500 ms tTD3 2000 ms
Fig. 3 - Timing diagram : Strobe input
4
IN1232
tF 4.75 V 4.5 V 4.25 V
VCC
____ RST
tRPD
VOH RST s tF 10 V
OL
tRPD 175 s
Fig. 4 - Timing diagram: power error / down to VCCTP
tR 4.75 V VCCTP 4.25 V VCC tRPU
RST
VOH
RST
tR 1 s
250 ms tRPU 1000 ms
VOL
Fig. 5 - Timing diagram: Power-Up/ Stable
5
IN1232
ST TD VCC TOL
Watchdog timer
Vcc tolerance Bias Referance voltage source + RST RST
PBRST
GND Fig.6 Block diagram
IN1232 Fig.7 Application Circuit : Watchdog Timer
6
IN1232
N SUFFIX PLASTIC DIP (MS - 001BA)
A 8 5 B 1 4
Dimension, mm Symbol A B MIN 8.51 6.1 MAX 10.16 7.11 5.33 0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38 10 3.81 8.26 0.36 0.56 1.78
F
L
C D
C -T- SEATING N G D 0.25 (0.010) M T K
PLANE
F G
M H J
H J K L M N
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AA) Dimension, mm
5
A 8
Symbol A
B P
MIN 4.8 3.8 1.35 0.33 0.4 1.27 5.72 0 0.1 0.19 5.8 0.25
MAX 5 4 1.75 0.51 1.27
H
B C
1
G
4 C R x 45
D F
-TD 0.25 (0.010) M T C M K
SEATING PLANE
G
J F M
H J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
7


▲Up To Search▲   

 
Price & Availability of IL1232D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X