Part Number Hot Search : 
N5231 S0247 200P60 1212121 SG2644J LPY403AL 2SC39 VUO62
Product Description
Full Text Search
 

To Download HTV546A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. HTTP://WWW.CONWIN.COM
PRODUCT
D ATA
SHEET
CRYSTAL CONTROLLED OSCILLATORS 5.0V HCMOS VCTCXO 14 Pin DIP Crystal Oscillator
CW 0501 HTV546A 20.00M
ABSOLUTE M AXIMUM RATING S
PARAMETER Storage Temperature Supply Voltage UNITS (Vcc) MINIMUM -40 -0.5 NOMINAL MAXIMUM 85 7 UNITS C Vdc
TABLE 1.0 NOTE
HTV546A
DESCRIPTION
OPERATING SPECIFIC ATIONS
PARAMETER Frequency Range Frequency Tolerance Operating Temperature Range Supply Voltage Supply Current Jitter (BW=10Hz to 20MHz) Jitter (BW=12kHz to 20MHz) Typical Phase Noise Measurements @ 19.44 MHz SSB Phase Noise at 10Hz offset SSB Phase Noise at 100Hz offset SSB Phase Noise at 1KHz offset SSB Phase Noise at 10KHz offset SSB Phase Noise at 100KHz offset (Fo) MINIMUM 12.8 -4.6 0 4.75 NOMINAL 5.0 15 -80 -100 -120 -130 -145 MAXIMUM 100 4.6 70 5.25 35 5 1 UNITS MHz ppm C Vdc mA ps rms ps rms dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz
TABLE 2.0 NOTE 2
(Vcc) (Icc)
The Connor-Winfield HTV546A is a 14 pin DIP, 5.0V HCMOS, Voltage Controlled Temperature Compensated Crystal Oscillator (VCTCXO). The HTV546A is designed for use as a SONET/SDH Network Timing Source.
INPUT CHARACTERISTICS
PARAMETER Control Voltage Frequency Adjust Range (0.5 to 4.5V) Frequency Adjust Linearity Input Impedance (Vc) MINIMUM 0.5 10 -10 10k NOMINAL 2.5 MAXIMUM 4.5 10 UNITS Vdc ppm % Ohm
TABLE 3.0 NOTE 3
FEATURES 5.0V OPERATION LOW JITTER <1ps RMS
HCMOS OUTPUT CHARACTERISTICS
PARAMETER LOAD Voltage (High) (Low) Current (High) (Low) Duty Cycle at 50% of Vcc Rise / Fall Time 10% to 90% MINIMUM 3.75 -8 45 NOMINAL MAXIMUM 15 0.5 8 55 5 UNITS pF Vdc Vdc mA mA % nS
TABLE 4.0 NOTE
OVERALL FREQUENCY TOLERANCE 4.6ppm TEMPERATURE RANGE: 0 to 70C HERMETICALLY SEALED DIP PACKAGE
(Voh) (Vol) (Ioh) (Ioh)
50 3
PACKAG E CHARACTERISTICS
Package Hermetically sealed, metal package.
ORDERING INFORMATION
TABLE 5.0
Note: 1) Frequency calibration at 25C, Vc=2.5V, nominal Vcc, after a one minute warm up time. 2) Inclusive of calibration, frequenc y vs. temperature stability, suppl y voltage change, load change, shock and vibration, 10 years aging. 3) Positive Slope.
DATA SHEET #: Tx065 PAGE 1 OF 2 REV: 02 DATE: 01/05/05
HTV546A - 77.76MHz
TCXO SERIES CENTER FREQUENCY
Specifications subject to change without notice. aCopyright 2001 Connor-Winfield all rights reserved.
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. HTTP://WWW.CONWIN.COM
PRODUCT
D ATA
SHEET
CRYSTAL CONTROLLED OSCILLATORS
.310 MAX. (7.87mm)
Pin 1 7 8 14
Connection Control Voltage Ground Output Vcc
Dimensional Tolerance: .005 (.127mm) .02 (.508mm)
14
1
8 7
CONTROL VOLTAGE
DATA SHEET #:
Tx065
PAGE 2
OF
2
REV: 02
DATE:
01/05/05
Specifications subject to change without notice. aCopyright 2001 Connor-Winfield all rights reserved.


▲Up To Search▲   

 
Price & Availability of HTV546A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X